Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

030-8588-054 Datasheet(PDF) 2 Page - ITT Industries

Part # 030-8588-054
Description  cannon ca-bayonet connectors in accordance with vg95234
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

030-8588-054 Datasheet(HTML) 2 Page - ITT Industries

  030-8588-054 Datasheet HTML 1Page - ITT Industries 030-8588-054 Datasheet HTML 2Page - ITT Industries 030-8588-054 Datasheet HTML 3Page - ITT Industries 030-8588-054 Datasheet HTML 4Page - ITT Industries 030-8588-054 Datasheet HTML 5Page - ITT Industries 030-8588-054 Datasheet HTML 6Page - ITT Industries 030-8588-054 Datasheet HTML 7Page - ITT Industries 030-8588-054 Datasheet HTML 8Page - ITT Industries 030-8588-054 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
2
www.ittcannon.com
Table of Contents
Introduction . . . . . . . . . . . . . . . . . .3
Technical Data . . . . . . . . . . . . . . . . .4-5
Mounting Dimensions . . . . . . . . . . .6-7
How to Order . . . . . . . . . . . . . . . . .8
Contact Arrangements . . . . . . . . . .10
Connector Dimensions . . . . . . . . . . .28
Coupling Dimensions . . . . . . . . . . . .43
Accessories . . . . . . . . . . . . . . . . . . .44
Contacts . . . . . . . . . . . . . . . . . . . . .50
Product Safety Information . . . . . . .54
Harsh Environments
Cannon MIL-DTL-38999
High density contact arrangements,
corrosion-resistant shells, rear release crimp
snap-in contacts, operates under severe high
temperature vibration testing.
In addition to our CA Bayonet series, we also offer these connectivity solutions:
Cannon Trident
Versatile range of electrical connectors based
on a standard contact design. Options include;
industrial grade, harsh environment and
shielded circulars.
Interconnect Technologies & Solutions
For over 90 years, ITT has been developing innovative solutions for harsh environment applications. We have a proven
track record of demonstrating our expertise and commitment to the industrial industry, offering the broadest portfolio
of interconnect products.
Our interconnect range include sealed circulars, plastic and metal shell bayonet coupling circulars, miniature metal shell
circulars, PC board header connectors and sensor and direct device connectors. ITT is also a systems supplier, providing
value-added module and harness assemblies.
Environmentally Sealed
Cannon KPT / KPSE
Environmentally sealed miniature circular connectors
available in two versions: KPT (solder contact) and KPSE
(high performance crimp contact). Intermateable and
intermountable with all MIL-C-26482 connectors and is
available with many materials, finishes and
configurations.
ITT logo blocks and the composite ITT logo are registered
trademark of ITT Industries. ©2005


Similar Part No. - 030-8588-054

ManufacturerPart #DatasheetDescription
logo
ITT Industries
030-8581-029 ITT-030-8581-029 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
030-8581-030 ITT-030-8581-030 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
030-8581-031 ITT-030-8581-031 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
030-8581-032 ITT-030-8581-032 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
030-8581-033 ITT-030-8581-033 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
More results

Similar Description - 030-8588-054

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CA07A24-28PB ITT-CA07A24-28PB Datasheet
646Kb / 2P
   CA Bayonet Connector
logo
Laird Tech Smart Techno...
EMI-EU010 LSTD-EMI-EU010 Datasheet
56Kb / 5P
   Prepared in accordance with Regulation
logo
EPCOS
B65531 EPCOS-B65531 Datasheet
122Kb / 5P
   In accordance with IEC 60133
logo
STMicroelectronics
STEVAL-ISA015V2 STMICROELECTRONICS-STEVAL-ISA015V2 Datasheet
93Kb / 4P
   Safety compliant in accordance with EN60950
November 2007 Rev 1
logo
ITT Industries
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
025-0767-001 ITT-025-0767-001 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com