Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

030-8588-010 Datasheet(PDF) 9 Page - ITT Industries

Part # 030-8588-010
Description  cannon ca-bayonet connectors in accordance with vg95234
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

030-8588-010 Datasheet(HTML) 9 Page - ITT Industries

Back Button 030-8588-010 Datasheet HTML 5Page - ITT Industries 030-8588-010 Datasheet HTML 6Page - ITT Industries 030-8588-010 Datasheet HTML 7Page - ITT Industries 030-8588-010 Datasheet HTML 8Page - ITT Industries 030-8588-010 Datasheet HTML 9Page - ITT Industries 030-8588-010 Datasheet HTML 10Page - ITT Industries 030-8588-010 Datasheet HTML 11Page - ITT Industries 030-8588-010 Datasheet HTML 12Page - ITT Industries 030-8588-010 Datasheet HTML 13Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
CannonVG/CA-Bayonet
9
www.ittcannon.com
Dimensionsshowninmm
Specificationsanddimensionssubjecttochange
Modification 01
– metric crimp contacts
(only for CA......-B) 02
– adapter for heat shrink boots
AWG crimp contacts
03
– adapter for heat shrink boots,
metric contacts
04
– rear mount, thread in flange,
metric crimp contacts
05
– trear mount, through holes in flange,
(CA3100, CA 3102,
CA 20, TBF)
06
– shrink boot adapter, thread holes
in flange, solder pot contacts
08
– angular endbell, through holes in
flange (for CA3100 only)
09
– angular endbell, through holes in
flange (for CA3100 only)
13
– shielded version, solder contacts
14
– shielded version, metric crimp con-
tacts
15
– shielded version, AWG crimp contacts
41
– shielded version, heat shrink boot
adapter
32
– endbell for shielded system cable acc.
MTV 6145-005
109
– F80, rear mount, thread holes in
flange (for CA3100 only)
111
– rear mount, thread holes (CA3102
only), solder contacts
F80
– AWG crimp contacts
A232 – Zinc cobalt black
A233 – Zinc cobalt green
F42
– less grommet and backshell
F0
– less contacts, contacts to be
ordered separately
see pages 51– 52
Important!
When
connectors
are
requested
according
to
VG
95234
modification, e. g. with another finish, with other contact arrange-
ments and solder contacts, they are to be ordered only with the ITT
Cannon order reference.
Connectors acc. to VG95234 are generally available with insert po-
sitions X and Y only.
VG order reference with modification is not possible.
With Spring Washer and Friction Ring
These connectors feature a spring washer and a friction ring
under the coupling nut.
Advantage
Vibrations are being compensated
Ordering example
according performance class insert
„W“ after Class E, F or R
CA06EW
– connector with spring washer, endbell
with cable and bushing
CA06FW
– connector with spring washer, endbell
for flex tube
CA06RW
– connector with spring washer and short
endbell
CA08EW/FW
– connector with spring washer and
90° endbell
The connectors acc. to VG95234 are generally delivered with
spring washer.
Other Shell Styles
CA3100E-B-02/03/06 – adapter for heat shrink boot
CA3100F-B-08/09
– 90° endbell for flex tube
CA3100E-B-08/09
– 90° endbell, cable clamp and bushing
CA06PG-B
– PG adapter
CA3101F-B-08/09
– 90° endbell flex tube
CA02L-B
– receptacle with pcb solder contacts
CA20L-B
– rear mount receptacle with pcb solder
contacts
CA07A-B
– jam nut receptacle
CA00EP-B-TL
– TINEL-LOCK adapter
CA06EW-B-TLXX
– TINEL-LOCK adapter


Similar Part No. - 030-8588-010

ManufacturerPart #DatasheetDescription
logo
ITT Industries
030-8581-029 ITT-030-8581-029 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
030-8581-030 ITT-030-8581-030 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
030-8581-031 ITT-030-8581-031 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
030-8581-032 ITT-030-8581-032 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
030-8581-033 ITT-030-8581-033 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
More results

Similar Description - 030-8588-010

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CA07A24-28PB ITT-CA07A24-28PB Datasheet
646Kb / 2P
   CA Bayonet Connector
logo
Laird Tech Smart Techno...
EMI-EU010 LSTD-EMI-EU010 Datasheet
56Kb / 5P
   Prepared in accordance with Regulation
logo
EPCOS
B65531 EPCOS-B65531 Datasheet
122Kb / 5P
   In accordance with IEC 60133
logo
STMicroelectronics
STEVAL-ISA015V2 STMICROELECTRONICS-STEVAL-ISA015V2 Datasheet
93Kb / 4P
   Safety compliant in accordance with EN60950
November 2007 Rev 1
logo
ITT Industries
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
025-0767-001 ITT-025-0767-001 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com