Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

030-8588-006 Datasheet(PDF) 10 Page - ITT Industries

Part # 030-8588-006
Description  cannon ca-bayonet connectors in accordance with vg95234
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

030-8588-006 Datasheet(HTML) 10 Page - ITT Industries

Back Button 030-8588-006 Datasheet HTML 6Page - ITT Industries 030-8588-006 Datasheet HTML 7Page - ITT Industries 030-8588-006 Datasheet HTML 8Page - ITT Industries 030-8588-006 Datasheet HTML 9Page - ITT Industries 030-8588-006 Datasheet HTML 10Page - ITT Industries 030-8588-006 Datasheet HTML 11Page - ITT Industries 030-8588-006 Datasheet HTML 12Page - ITT Industries 030-8588-006 Datasheet HTML 13Page - ITT Industries 030-8588-006 Datasheet HTML 14Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
No.
Contact arrangement
Service
Insulator position
Position
Special
Insulator weight
of
Contact size
rating
polarization (g)
Contacts
VG
CA
NV
W
X
Y
Z
including contacts
pin
socket
3
10SL-3
10SL-3
0
––
–––
6
9
15S
16S
A
2
10SL-4
10SL-4
15S
16S
A
0
––
–––
4
6
2
12S-3
16S
A0
100 70
145 215 290
––
4
6
1
12S-4
16S
D
0
––
–––
3
110
3
4,5
4
12SA10
16S
Instr.
0
––
––
3
110
68
8
250
3
14S-1
16S
A
0
––
–––
6
9
4
14S-2
16S
Instr.
0–
120 240 ––
7
11
1
14S-4
16S
D
0
––
–––
4
7
5
14S-5
16S
Instr.
0–
110 ––
9
13
6
14S-6
14S-6
15S
16S
Instr.
0
––
––
11
15
3
14S-7
16S
A0
90
180 270 ––
6
9
2
14S-9
16S
Instr.
0–
70
145 215 290
––
5
18
7
14SA7
16S
Instr.
0
––
––
10
15
7
16S-1
16S-1
15S
16S
A0
80
––
280
––
14
19
2
16S-4
16S-4
15S
16S
D0
35
110 250 325
––
7
10
3
16S-5
16S
A0
70
145 215 290
––
8
12
5
16S-8
16S
A0
170 265 ––
10
15
10
www.ittcannon.com
Dimensionsshowninmm
Specificationsanddimensionssubjecttochange
CannonVG/CA-Bayonet
s
s
s
s
View on Mating
face of Pin Insulator
s
Attention: for all alternate positions of these contact arrangements a tendency to overmate can be stated.
It is within the customer’s responsibility to use these insert positions.


Similar Part No. - 030-8588-006

ManufacturerPart #DatasheetDescription
logo
ITT Industries
030-8581-029 ITT-030-8581-029 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
030-8581-030 ITT-030-8581-030 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
030-8581-031 ITT-030-8581-031 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
030-8581-032 ITT-030-8581-032 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
030-8581-033 ITT-030-8581-033 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
More results

Similar Description - 030-8588-006

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CA07A24-28PB ITT-CA07A24-28PB Datasheet
646Kb / 2P
   CA Bayonet Connector
logo
Laird Tech Smart Techno...
EMI-EU010 LSTD-EMI-EU010 Datasheet
56Kb / 5P
   Prepared in accordance with Regulation
logo
EPCOS
B65531 EPCOS-B65531 Datasheet
122Kb / 5P
   In accordance with IEC 60133
logo
STMicroelectronics
STEVAL-ISA015V2 STMICROELECTRONICS-STEVAL-ISA015V2 Datasheet
93Kb / 4P
   Safety compliant in accordance with EN60950
November 2007 Rev 1
logo
ITT Industries
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
025-0767-001 ITT-025-0767-001 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com