Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

030-8588-006 Datasheet(PDF) 8 Page - ITT Industries

Part # 030-8588-006
Description  cannon ca-bayonet connectors in accordance with vg95234
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

030-8588-006 Datasheet(HTML) 8 Page - ITT Industries

Back Button 030-8588-006 Datasheet HTML 4Page - ITT Industries 030-8588-006 Datasheet HTML 5Page - ITT Industries 030-8588-006 Datasheet HTML 6Page - ITT Industries 030-8588-006 Datasheet HTML 7Page - ITT Industries 030-8588-006 Datasheet HTML 8Page - ITT Industries 030-8588-006 Datasheet HTML 9Page - ITT Industries 030-8588-006 Datasheet HTML 10Page - ITT Industries 030-8588-006 Datasheet HTML 11Page - ITT Industries 030-8588-006 Datasheet HTML 12Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
8
www.ittcannon.com
Dimensionsshowninmm
Specificationsanddimensionssubjecttochange
CannonVG/CA-Bayonet
How to order
VG Order reference
VG 95234 A–
32 – 6
S1 N
Series
Shell style
Dash
Shell size
Contact arrangement
Contact type
Contact termination
Insulator position
Explanation
Series
VG 95234
Shell style
J1, J2, N1, N2, S1, U1, U2 – wall
mounting receptacle
F – cable connection plug
A, B1, B2 – box mounting receptacle
C1, C2 – bulkhead receptacle
D, G, H, L, M, R1 – straight plug
E, E1, K – plug 90°
Shell size
10SL, 14S, 16S, 16, 18, 20, 22,
24, 28, 32 and 36
Contact arrangement
see page 10
Contact type
P – Pin contact
S – Socket contact
Contact termination
without identification –
contacts for metric wire sizes
identification 1* –
contact for AWG wire sizes
Insulator position
see page 24
Accessories acc. to VG
Dummy receptacles
VG95234 BOD
Gaskets, front mount
VG95234 DA
Gaskets, rear mount
VG95234 DH
Protecting caps
VG95234 KR
Protecting caps
VG95234 KB
Cabel caps
VG95234 KK
Bushing
VG95234 KT
* Only valid for layout within the VG95234.
Layout list permitting identification 1:
Layout
Page Number
22-2
15
24- 11
16
24-12
17
28-22
19
32-1
19
32-6
20
36-3
21
36-5
21
36-6
21
How to order
Cannon Order reference
CA 3106 E
18 – 1
SX
B
– ***
Series
Shell style
Class
Shell size
Contact arrangement
Contact type
Insulator position
Connectors with bayonet coupling
Dash
Modification
Explanation
Series
CA
– Circular connectors with bayonet
coupling
Shell style
3100 – Wall mounting receptacle
3101 – Cable connecting plug
3102 – Box mounting receptacle
3105 – Dummy receptacle for front and
panel mounting
3106 – Plug, straight
3108 – Plug, 90°
TBF
– Bulkhead receptacle
Class
E– environmental with resilient
insulators and endbell with clamp
and bushing
F– environmental with resilient
insulator and endbell for flex tube
R– environmental with resilient
insulator and shortened light-weight
endbell without cable clamp
Shell size
10SL, 12S, 14S, 16S, 16, 18, 20,
22, 24, 28, 32 and 36
Contact
arrangement
see page 10
Contact type
P– Pin
S– Socket
PS
– one side pin, one side socket
(only for TBF)
Insulator position Besides the normal position further insulator
positions are possible for Cannon connectors
(see page 24) to prevent mismating.
Polarization is achieved by turning the pin
contact insulator clockwise towards the
shell, the socket insulator, however, in
opposite clockwise direction.
This information refers to the mating side of
the contact insulator.
For special insert alternations of standard
inserts see page 25.
Modification
see next page


Similar Part No. - 030-8588-006

ManufacturerPart #DatasheetDescription
logo
ITT Industries
030-8581-029 ITT-030-8581-029 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
030-8581-030 ITT-030-8581-030 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
030-8581-031 ITT-030-8581-031 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
030-8581-032 ITT-030-8581-032 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
030-8581-033 ITT-030-8581-033 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
More results

Similar Description - 030-8588-006

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CA07A24-28PB ITT-CA07A24-28PB Datasheet
646Kb / 2P
   CA Bayonet Connector
logo
Laird Tech Smart Techno...
EMI-EU010 LSTD-EMI-EU010 Datasheet
56Kb / 5P
   Prepared in accordance with Regulation
logo
EPCOS
B65531 EPCOS-B65531 Datasheet
122Kb / 5P
   In accordance with IEC 60133
logo
STMicroelectronics
STEVAL-ISA015V2 STMICROELECTRONICS-STEVAL-ISA015V2 Datasheet
93Kb / 4P
   Safety compliant in accordance with EN60950
November 2007 Rev 1
logo
ITT Industries
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
025-0767-001 ITT-025-0767-001 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com