Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT32F2755 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT32F2755
Description  Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F2755 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT32F2755 Datasheet HTML 7Page - Holtek Semiconductor Inc HT32F2755 Datasheet HTML 8Page - Holtek Semiconductor Inc HT32F2755 Datasheet HTML 9Page - Holtek Semiconductor Inc HT32F2755 Datasheet HTML 10Page - Holtek Semiconductor Inc HT32F2755 Datasheet HTML 11Page - Holtek Semiconductor Inc HT32F2755 Datasheet HTML 12Page - Holtek Semiconductor Inc HT32F2755 Datasheet HTML 13Page - Holtek Semiconductor Inc HT32F2755 Datasheet HTML 14Page - Holtek Semiconductor Inc HT32F2755 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
Rev. 1.00
11 of 45
����st 1�� �01�
��-bit �RM Cortex™-M� MCU
HT��F1755/HT��F1765/HT��F�755
Motor Control Timer – MCTM
Single 16-bit up, down, up/down auto-reload counter
16-bit programmable prescaler allowing dividing the counter clock frequency by any factor
between 1 and 65536
Input Capture function
Compare Match Output
PWM waveform generation with Edge and Centre-aligned Modes
Single Pulse Mode Output
Complementary Outputs with programmable dead-time insertion
Encoder interface controller with two inputs using quadrature decoder
Support 3-phase motor control and hall sensor interface
Brake input to force the timer’s output signals into a reset or fixed condition
The Motor Control Timer consists of a single 16-bit up/down counter, four 16-bit CCRs
(Capture/Compare Registers), single one 16-bit counter-reload register (CRR), single 8-bit
repetition counter and several control/status registers. It can be used for a variety of purposes
including measuring the pulse widths of input signals or generating output waveforms such as
compare match outputs, PWM outputs or complementary PWM outputs with dead-time insertion.
The MCTM supports an Encoder interface controller to an incremental encoder with two inputs.
The MCTM is capable of offering full functional support for motor control, hall sensor interfacing
and brake input.
Basic Function Timer – BFTM
Two 32-bit compare/match count-up counters – no I/O control features
One shot mode – counting stops after a match condition
Repetitive mode – restart counter after a match condition
The Basic Function Timer is a simple count-up 32-bit counter designed to measure time intervals
and generate a one shot or repetitive interrupts. The BFTM operates in two functional modes,
repetitive or one shot mode. In the repetitive mode the BFTM restarts the counter when a compare
match event occurs. The BFTM also supports a one shot mode which forces the counter to stop
counting when a compare match event occurs.


Similar Part No. - HT32F2755

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT32F22366 HOLTEK-HT32F22366 Datasheet
1Mb / 56P
   32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
More results

Similar Description - HT32F2755

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT32F1251 HOLTEK-HT32F1251_12 Datasheet
1Mb / 35P
   Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
HT32F1251 HOLTEK-HT32F1251 Datasheet
851Kb / 35P
   32-bit Microcontroller with ARM Cortex-M3 Core
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
   32-bit ARM Cortex-M3 microcontroller;
logo
NXP Semiconductors
LPC178X NXP-LPC178X Datasheet
1Mb / 117P
   32-bit ARM Cortex-M3 microcontroller
Rev. 2-27 May 2011
logo
Fujitsu Component Limit...
MB9BF500 FUJITSU-MB9BF500 Datasheet
784Kb / 4P
   32-bit MCUs with ARM Cortex-M3 Core
logo
Cypress Semiconductor
MB9B110T CYPRESS-MB9B110T Datasheet
3Mb / 133P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9B120J CYPRESS-MB9B120J Datasheet
947Kb / 77P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9A110A CYPRESS-MB9A110A Datasheet
4Mb / 112P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9B410R CYPRESS-MB9B410R Datasheet
1Mb / 112P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
MB9B510T CYPRESS-MB9B510T Datasheet
4Mb / 126P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com