Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE33A Datasheet(PDF) 5 Page - Littelfuse

Part # P4KE33A
Description  TVS Diode Products
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P4KE33A Datasheet(HTML) 5 Page - Littelfuse

  P4KE33A Datasheet HTML 1Page - Littelfuse P4KE33A Datasheet HTML 2Page - Littelfuse P4KE33A Datasheet HTML 3Page - Littelfuse P4KE33A Datasheet HTML 4Page - Littelfuse P4KE33A Datasheet HTML 5Page - Littelfuse P4KE33A Datasheet HTML 6Page - Littelfuse P4KE33A Datasheet HTML 7Page - Littelfuse P4KE33A Datasheet HTML 8Page - Littelfuse P4KE33A Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 146 page
background image
1
©2008 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Transient Voltage Suppression Diodes
Overvoltage Suppression Facts................ 2
Transient Voltage Scenarios...................... 3
TVS DiodeTerms & Definitions................. 4
TVS Diode Selection Checklist.................. 4
TVS Diode Series
Data Sheet Start Page..................................
TABLE OF CONTENTS
TVS Diode Products
Type
Surface Mount - Standard Applications (400-5000W)
Series
SMAJ
P4SMA
SACB
SMBJ
P6SMB
1KSMB
SMCJ
1.5SMC
SMDJ
5.0SMDJ
Page #
713
19
23
29
35
41
45
51
57
Photo
Operating
Temperature
-85° to +302° F
(-65° to +150° C)
PackageType
DO-214AC DO-214AC DO-214AA DO-214AA DO-214AA DO-214AA DO-214AB DO-214AB DO-214AB DO-214AB
Reverse Standoff
Voltage (V
R)
5.0-440
5.8-495
5.0-50
5.0-440
5.8-495
5.8-136
5.0-440
5.8-495
5.0-170
12-170
uni-directional
12-45
bi-directional
Peak Pulse Power
Range(P
PP)
400W
400W
500W
600W
600W
1000W
1500W
1500W
3000W
5000W
Peak Pulse Current
(I
PP 8x20μs)
Not Applicable
Maximum Clamping
Voltage (V
C)
Refer to electrical characteristics table within each series data sheet
RoHS
Compliant
Yes
Pb Lead-Free
Yes
Type
Axial Leaded - Standard Applications (400-5000W)
Axial Leaded - High Power
Auto
Series
P4KE
SA
SAC
P6KE
1.5KE
LCE
3KP
5KP
15KPA
20KPA
30KPA
AK6
AK10
SLD
Page #
63
69
75
79
85
91
97
103
109
115
121
127
131
135
Photo
Operating
Temperature
-85° to +302° F
(-65° to +150° C)
-67° to +347° F
(-55° to +175° C)
-85° to +302° F
(-65° to +150° C)
PackageType
DO-41
DO-15
DO-15
DO-15
DO-201
DO-201
P600
P600
P600
P600
P600
Radial
Lead
Radial
Lead
P600
Reverse Standoff
Voltage (V
R)
5.8-495 5.0-180
5.0-50
5.8-512
5.8-495
6.5-90
5.0-220
5.0-250
17-280
20.0-300 28.0-288
58-430
58-430
10-24
Peak Pulse Power
Range(P
PP)
400W
500W
500W
600W
1500W 1500W
3000W
5000W 15000W 20000W 30000W
NA
NA
2200 based on
1μs/150ms pulse
Peak Pulse Current
(I
PP 8x20μs)
Not Applicable
6000A
10000A
NA
Maximum Clamping
Voltage (V
C)
Refer to electrical characteristics table within each series data sheet
RoHS
Compliant
Yes
Pb Lead-Free
Yes
based on 10/1000μs pulse unless stated otherwise


Similar Part No. - P4KE33A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE33A PANJIT-P4KE33A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Zowie Technology Corpor...
P4KE33A ZOWIE-P4KE33A Datasheet
180Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
P4KE33A SY-P4KE33A Datasheet
662Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
P4KE33A SUNMATE-P4KE33A Datasheet
1Mb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
Diotec Semiconductor
P4KE33A DIOTEC-P4KE33A Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE33A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USD03W UTC-USD03W Datasheet
128Kb / 4P
   SINGLE LINE TVS DIODE ESD PROTECTION ELECTRONICS PRODUCTS
logo
Bourns Electronic Solut...
ESD1204 BOURNS-ESD1204 Datasheet
122Kb / 1P
   Bourns Releases New Power TVS (PTVS) Products
CD143A_MDS BOURNS-CD143A_MDS Datasheet
184Kb / 1P
   CD143A Series Diode Products
logo
AUK corp
SDT05SF AUK-SDT05SF Datasheet
168Kb / 3P
   TVS Diode
logo
Torex Semiconductor
XBP1010 TOREX-XBP1010 Datasheet
189Kb / 5P
   TVS Diode
XBP1011 TOREX-XBP1011 Datasheet
187Kb / 5P
   TVS Diode
logo
KODENSHI_AUK CORP.
SDT05H KODENSHI-SDT05H Datasheet
174Kb / 4P
   TVS Diode
logo
AUK corp
SDT05SF AUK-SDT05SF_1 Datasheet
230Kb / 4P
   TVS Diode
SDT12SF AUK-SDT12SF_1 Datasheet
55Kb / 3P
   TVS Diode
logo
Torex Semiconductor
XBP1010-12 TOREX-XBP1010-12 Datasheet
189Kb / 5P
   TVS Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com