Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS85C20-5 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # BS85C20-5
Description  Touch Key Flash Type 8-Bit MCU with LCD/LED Driver
Download  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

BS85C20-5 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button BS85C20-5_12 Datasheet HTML 3Page - Holtek Semiconductor Inc BS85C20-5_12 Datasheet HTML 4Page - Holtek Semiconductor Inc BS85C20-5_12 Datasheet HTML 5Page - Holtek Semiconductor Inc BS85C20-5_12 Datasheet HTML 6Page - Holtek Semiconductor Inc BS85C20-5_12 Datasheet HTML 7Page - Holtek Semiconductor Inc BS85C20-5_12 Datasheet HTML 8Page - Holtek Semiconductor Inc BS85C20-5_12 Datasheet HTML 9Page - Holtek Semiconductor Inc BS85C20-5_12 Datasheet HTML 10Page - Holtek Semiconductor Inc BS85C20-5_12 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 183 page
background image
Rev. 1.20
6
����st 10� 2012
Rev. 1.20
7
����st 10� 2012
BS85B12-3/BS85C20-3/BS85C20-5
Touch Key Flash MCU with LCD/LED Driver
BS85B12-3/BS85C20-3/BS85C20-5
Touch Key Flash MCU with LCD/LED Driver
Features
CPU Features
• OperatingVoltage:
fSYS
=8MHz:VLVR~5.5V
fSYS
=12MHz:2.7V~5.5V
fSYS
=16MHz:4.5V~5.5V
• Powerdownandwake-upfunctionstoreducepowerconsumption
• Oscillatortypes:
External32.768kHzCrystal–LXT
InternalRC–HIRC
Internal32kHzRC–LIRC
• Multi-modeoperation:NORMAL,SLOW,IDLEandSLEEP
• Allinstructionsexecutedinoneortwoinstructioncycles
• Tablereadinstructions
• 63powerfulinstructions
• Upto8subroutinenestinglevels
• Bitmanipulationinstruction
Peripheral Features
• Fullyintegrated12or20touchkeyfunctions--requirenoexternalcomponents
• FlashProgramMemory:2K×15or4K×15
• RAMDataMemory:256×8or384×8
• EEPROMMemory:64×8or128×8
• WatchdogTimerfunction
• Upto38bidirectionalI/Olines
• TwoorthreeTimerModules
• DualTime-Basefunctionsforgenerationoffixedtimeinterruptsignals
• I2CandSPIinterfaces
• Lowvoltageresetfunction
• Softwarecontrolled4×14or4×22LCDdriverwith1/3bias
• Softwarecontrolled6×8or8×14LEDdriver


Similar Part No. - BS85C20-5_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BS85C20-3 HOLTEK-BS85C20-3 Datasheet
2Mb / 182P
   Touch Key Flash Type 8-Bit MCU with LCD/LED Driver
More results

Similar Description - BS85C20-5_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BS85B12-3 HOLTEK-BS85B12-3 Datasheet
2Mb / 182P
   Touch Key Flash Type 8-Bit MCU with LCD/LED Driver
BS83A04A-3 HOLTEK-BS83A04A-3 Datasheet
3Mb / 72P
   Touch Key 8-bit Flash MCU
BS83B08-3 HOLTEK-BS83B08-3 Datasheet
788Kb / 141P
   8-Bit Touch Key Flash MCU
BS83B08A-3 HOLTEK-BS83B08A-3 Datasheet
5Mb / 119P
   8-Bit Touch Key Flash MCU
BS82B12A-3 HOLTEK-BS82B12A-3 Datasheet
7Mb / 170P
   Touch Flash MCU with LED/LCD Driver
BS86B12A-3 HOLTEK-BS86B12A-3 Datasheet
7Mb / 195P
   Touch A/D Flash MCU with LED/LCD Driver
HT69F240 HOLTEK-HT69F240 Datasheet
7Mb / 172P
   I/O 8-Bit Flash MCU with LED/LCD Driver
BH67F5245 HOLTEK-BH67F5245 Datasheet
6Mb / 166P
   24-Bit Delta Sigma A/D Flash MCU with LCD and Touch Key
BS83B04C HOLTEK-BS83B04C Datasheet
6Mb / 123P
   4 Key Touch Flash MCU
BS67F340 HOLTEK-BS67F340 Datasheet
7Mb / 281P
   Enhanced Touch A/D Flash MCU with LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com