Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT49R70A-1 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT49R70A-1
Description  LCD Type 8-Bit MCU
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49R70A-1 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT49R70A-1_12 Datasheet HTML 3Page - Holtek Semiconductor Inc HT49R70A-1_12 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49R70A-1_12 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49R70A-1_12 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49R70A-1_12 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49R70A-1_12 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49R70A-1_12 Datasheet HTML 9Page - Holtek Semiconductor Inc HT49R70A-1_12 Datasheet HTML 10Page - Holtek Semiconductor Inc HT49R70A-1_12 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
HT49C70L
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
1.2
¾
2.2
V
IDD1
Operating Current
(Crystal OSC)
1.5V No load, fSYS=455kHz
¾
60
100
mA
IDD2
Operating Current
(RC OSC)
1.5V No load, fSYS=400kHz
¾
50
100
mA
IDD4
Operating Current
(fSYS=RTC OSC)
1.5V No load
¾
2.5
5
mA
ISTB1
Standby Current
(*fS=T1)
1.5V
No load, system HALT,
LCD Off at HALT
¾
0.1
0.5
mA
ISTB2
Standby Current
(*fS=RTC OSC)
1.5V
No load, system HALT,
LCD On at HALT, C type
¾
12
mA
ISTB3
Standby Current
(*fS=WDT RC OSC)
1.5V
No load, system HALT
LCD On at HALT, C type
¾
0.5
1
mA
VIL1
Input Low Voltage for I/O
Ports, TMR and INT
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O
Ports, TMR and INT
¾¾
0.8VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
IOL1
I/O Port Sink Current
1.5V VOL=0.1VDD
0.4
0.8
¾
mA
IOH1
I/O Port Source Current
1.5V VOH=0.9VDD
-0.3
-0.6
¾
mA
RPH
Pull-high Resistance
1.5V
¾
75
150
300
k
W
VLVR
Low Voltage Reset Voltage
¾¾
2.7
3.2
3.6
V
VLVD
Low Voltage Detector Voltage
¾¾
3.0
3.3
3.6
V
Note:
²*² for the value of VA refer to the LCD driver section.
²*fS² please refer to the WDT clock option
HT49R70A-1/HT49C70-1/HT49C70L
Rev. 2.40
7
July 30, 2012


Similar Part No. - HT49R70A-1_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49R70A-1 HOLTEK-HT49R70A-1_09 Datasheet
280Kb / 44P
   LCD Type 8-Bit MCU
More results

Similar Description - HT49R70A-1_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49R30A-1 HOLTEK-HT49R30A-1_12 Datasheet
270Kb / 41P
   LCD Type 8-Bit MCU
HT49R50A-1 HOLTEK-HT49R50A-1 Datasheet
345Kb / 45P
   LCD Type 8-Bit MCU
HT49R70A-1 HOLTEK-HT49R70A-1 Datasheet
326Kb / 42P
   LCD Type 8-Bit MCU
HT49RU80 HOLTEK-HT49RU80_12 Datasheet
376Kb / 54P
   LCD Type 8-Bit MCU
HT49R10A-1 HOLTEK-HT49R10A-1_09 Datasheet
239Kb / 37P
   LCD Type 8-Bit MCU
HT49R50A-1 HOLTEK-HT49R50A-1_09 Datasheet
286Kb / 44P
   LCD Type 8-Bit MCU
HT49R70A-1 HOLTEK-HT49R70A-1_09 Datasheet
280Kb / 44P
   LCD Type 8-Bit MCU
HT49R10A-1 HOLTEK-HT49R10A-1_12 Datasheet
258Kb / 38P
   LCD Type 8-Bit MCU
HT49RU80 HOLTEK-HT49RU80 Datasheet
355Kb / 54P
   LCD Type 8-Bit MCU
HT49R10A-1 HOLTEK-HT49R10A-1 Datasheet
259Kb / 38P
   LCD Type 8-Bit MCU
HT49R30 HOLTEK-HT49R30 Datasheet
353Kb / 43P
   8-Bit LCD Type MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com