Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT48R063B Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT48R063B
Description  Enhanced I/O Type 8-Bit OTP MCU
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R063B Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT48R063B_12 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48R063B_12 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R063B_12 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R063B_12 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R063B_12 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R063B_12 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R063B_12 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R063B_12 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R063B_12 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 86 page
background image
Data Memory......................................................................................21
Structure...............................................................................................................21
Special Purpose Data Memory .............................................................................22
Special Function Registers ...................................................................................22
Indirect Addressing Registers
- IAR0, IAR1 .........................................................22
Memory Pointers
- MP0, MP1..............................................................................22
Accumulator
- ACC..............................................................................................24
Program Counter Low Register
- PCL..................................................................24
Status Register
- STATUS ...................................................................................24
Input/Output Ports and Control Registers .............................................................25
System Control Registers
- CTRL0, CTRL1, CTRL2............................................25
Wake-up Function Register
- PAWK ....................................................................27
Pull-high Registers
- PAPU, PBPU, PCPU, PDPU, PEPU, PFPU........................27
Software COM Register
- SCOMC.......................................................................27
Oscillator............................................................................................27
System Oscillator Overview..................................................................................27
System Clock Configurations................................................................................27
External Crystal/Resonator Oscillator
- HXT ........................................................27
External RC Oscillator
- ERC...............................................................................27
Internal RC Oscillator
- HIRC...............................................................................28
External 32768Hz Crystal Oscillator
- LXT...........................................................28
LXT Oscillator Low Power Function ......................................................................28
Internal Low Speed Oscillator
- LIRC...................................................................29
Operating Modes ...............................................................................29
Mode Types and Selection ...................................................................................29
Mode Switching ....................................................................................................29
Standby Current Considerations...........................................................................30
Wake-up...............................................................................................................30
Watchdog Timer ................................................................................30
Watchdog Timer Operation...................................................................................30
Reset and Initialisation .....................................................................32
Reset Functions ...................................................................................................32
Reset Initial Conditions .........................................................................................33
Input/Output Ports.............................................................................35
Pull-high Resistors................................................................................................35
Port A Wake-up ....................................................................................................35
I/O Port Control Registers.....................................................................................37
Pin-shared Functions............................................................................................37
I/O Pin Structures .................................................................................................37
Programming Considerations ...............................................................................37
HT48R063B/064B/065B/066B
Rev. 1.10
3
October 23, 2012


Similar Part No. - HT48R063B_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
   Enhanced I/O Type 8-Bit OTP MCU
More results

Similar Description - HT48R063B_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_12 Datasheet
621Kb / 96P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B Datasheet
483Kb / 84P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_10 Datasheet
631Kb / 94P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R068B HOLTEK-HT48R068B Datasheet
7Mb / 121P
   Enhanced I/O Type 8-bit OTP MCU
HT48R068B HOLTEK-HT48R068B_15 Datasheet
4Mb / 118P
   Enhanced I/O 8-Bit OTP MCU
HT48R066G HOLTEK-HT48R066G Datasheet
510Kb / 88P
   Enhanced I/O Type 8-bit OTP MCU with OPA
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
   I/O Type 8-Bit OTP MCU
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
   I/O Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com