Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT48R062 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT48R062
Description  Cost-Effective I/O Type 8-Bit MCU
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R062 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT48R062_08 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48R062_08 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R062_08 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R062_08 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R062_08 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R062_08 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R062_08 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R062_08 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R062_08 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
HT48R062/HT48C062
Cost-Effective I/O Type 8-Bit MCU
Block Diagram
Rev. 1.21
1
December 30, 2008
Features
· Operating voltage:
fSYS=4MHz: 2.2V~5.5V
fSYS=8MHz: 3.3V~5.5V
· 11 bidirectional I/O lines
· On-chip crystal and RC oscillator
· Watchdog Timer
· 1K´14 program memory
· 32´8 data RAM
· HALT function and wake-up feature reduce power
consumption
· 63 powerful instructions
· Up to 0.5ms instruction cycle with 8MHz system clock
· All instructions in 1 or 2 machine cycles
· 14-bit table read instructions
· One-level subroutine nesting
· Bit manipulation instructions
· Low voltage reset function
· 16-pin DIP/NSOP package
General Description
The HT48R062/HT48C062 are 8-bit high performance,
RISC architecture microcontroller devices specifically
designed for cost-effective multiple I/O control product
applications. The mask version HT48C062 is fully pin
and functionally compatible with the OTP version
HT48R062 devices.
The advantages of low power consumption, I/O flexibil-
ity, oscillator options, HALT and wake-up functions,
watchdog timer, as well as low cost, enhance the versa-
tility of these devices to suit a wide range of application
possibilities such as industrial control, consumer prod-
ucts, subsystem controllers, etc.
Technical Document
· Tools Information
· FAQs
· Application Note
- HA0003E Communicating between the HT48 & HT46 Series MCUs and the HT93LC46 EEPROM
- HA0013E HT48 & HT46 LCM Interface Design
- HA0016E Writing and Reading to the HT24 EEPROM with the HT48 MCU Series
- HA0075E MCU Reset and Oscillator Circuits Application Note
- HA0126E Nickel Cadmium and Nickel Hydride Battery Charging Applications Using the HT48R062
P r o g r a m
C o u n t e r
P r o g r a m
I n s t r u c t i o n
R e g i s t e r
I n s t r u c t i o n
D e c o d e r
T i m i n g
G e n e r a t o r
O S C 2
O S C 1
R E S
V D D
V S S
M P
M
U
X
M U X
D a t a
M e m o r y
A L U
S h i f t e r
S T A T U S
A C C
S t a c k
W D T
S y s t e m C l o c k / 4
W D T O S C
( 2 4 k H z )
¸ 2
P B C
P B
P o r t B
P B 0 ~ P B 2
P A C
P A
P A 0 ~ P A 7
P o r t A
M
U
X
L V R
H A L T E N / D I S


Similar Part No. - HT48R062_08

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R062 HOLTEK-HT48R062 Datasheet
220Kb / 31P
   Cost-Effective I/O Type 8-Bit MCU
More results

Similar Description - HT48R062_08

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R05A-1 HOLTEK-HT48R05A-1_08 Datasheet
287Kb / 39P
   Cost-Effective I/O Type 8-Bit MCU
HT48R07A-1 HOLTEK-HT48R07A-1 Datasheet
298Kb / 37P
   Cost-Effective I/O Type 8-Bit MCU
HT48C05 HOLTEK-HT48C05 Datasheet
264Kb / 38P
   Cost-Effective I/O Type 8-Bit MCU
HT48R062 HOLTEK-HT48R062 Datasheet
220Kb / 31P
   Cost-Effective I/O Type 8-Bit MCU
HT48R0AA-1 HOLTEK-HT48R0AA-1 Datasheet
262Kb / 40P
   Cost-Effective I/O Type 8-Bit OTP MCU
HT48R002 HOLTEK-HT48R002 Datasheet
5Mb / 71P
   Cost-Effective I/O 8-Bit OTP MCU
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT46R4A HOLTEK-HT46R4A Datasheet
468Kb / 60P
   Cost-Effective A/D Type 8-Bit MCU
HT46R46E HOLTEK-HT46R46E_07 Datasheet
542Kb / 73P
   Cost-Effective A/D Type 8-Bit MCU
HT46R46 HOLTEK-HT46R46 Datasheet
291Kb / 42P
   Cost-Effective A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com