Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT48R10A-1 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT48R10A-1
Description  I/O Type 8-Bit MCU
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R10A-1 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT48R10A-1_09 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R10A-1_09 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R10A-1_09 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R10A-1_09 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R10A-1_09 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R10A-1_09 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48R10A-1_09 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48R10A-1_09 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48R10A-1_09 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
HT48R10A-1/HT48C10-1
Rev. 2.01
9
January 9, 2009
cuting the
²HALT² or ²CLR WDT² instruction or a
system power-up.
The Z, OV, AC and C flags generally reflect the status of
the latest operations.
In addition, on entering the interrupt sequence or exe-
cuting the subroutine call, the status register will not be
pushed onto the stack automatically. If the contents of
the status are important and if the subroutine can cor-
rupt the status register, precautions must be taken to
save it properly.
Interrupt
The device provides an external interrupt and internal
timer/event counter interrupts. The Interrupt Control
Register (INTC;0BH) contains the interrupt control bits
to set the enable or disable and the interrupt request
flags.
Once an interrupt subroutine is serviced, all the other in-
terrupts will be blocked (by clearing the EMI bit). This
scheme may prevent any further interrupt nesting. Other
interrupt requests may happen during this interval but
only the interrupt request flag is recorded. If a certain in-
terrupt requires servicing within the service routine, the
EMI bit and the corresponding bit of INTC may be set to
allow interrupt nesting. If the stack is full, the interrupt re-
quest will not be acknowledged, even if the related inter-
rupt is enabled, until the SP is decremented. If immediate
service is desired, the stack must be prevented from be-
coming full.
All these kinds of interrupts have a wake-up capability.
As an interrupt is serviced, a control transfer occurs by
pushing the program counter onto the stack, followed by
a branch to a subroutine at specified location in the pro-
gram memory. Only the program counter is pushed onto
the stack. If the contents of the register or status register
(STATUS) are altered by the interrupt service program
which corrupts the desired control sequence, the con-
tents should be saved in advance.
External interrupts are triggered by a high to low transi-
tion of INT and the related interrupt request flag (EIF; bit
4 of INTC) will be set. When the interrupt is enabled, the
stack is not full and the external interrupt is active, a sub-
routine call to location 04H will occur. The interrupt re-
quest flag (EIF) and EMI bits will be cleared to disable
other interrupts.
The internal timer/event counter interrupt is initialized by
setting the timer/event counter interrupt request flag
(TF; bit 5 of INTC), caused by a timer overflow. When
the interrupt is enabled, the stack is not full and the TF
bit is set, a subroutine call to location 08H will occur. The
related interrupt request flag (TF) will be reset and the
EMI bit cleared to disable further interrupts.
During the execution of an interrupt subroutine, other in-
terrupt acknowledgments are held until the
²RETI² in-
struction is executed or the EMI bit and the related
interrupt control bit are set to 1 (of course, if the stack is
not full). To return from the interrupt subroutine,
²RET² or
²RETI² may be invoked. RETI will set the EMI bit to en-
able an interrupt service, but RET will not.
Interrupts, occurring in the interval between the rising
edges of two consecutive T2 pulses, will be serviced on
the latter of the two T2 pulses, if the corresponding inter-
rupts are enabled. In the case of simultaneous requests
the following table shows the priority that is applied.
These can be masked by resetting the EMI bit.
No.
Interrupt Source
Priority Vector
a
External Interrupt
1
04H
b
Timer/Event Counter Overflow
2
08H
Bit No.
Label
Function
0C
C is set if the operation results in a carry during an addition operation or if a borrow does not
take place during a subtraction operation; otherwise C is cleared. C is also affected by a rotate
through carry instruction.
1AC
AC is set if the operation results in a carry out of the low nibbles in addition or no borrow from
the high nibble into the low nibble in subtraction; otherwise AC is cleared.
2
Z
Z is set if the result of an arithmetic or logic operation is zero; otherwise Z is cleared.
3OV
OV is set if the operation results in a carry into the highest-order bit but not a carry out of the
highest-order bit, or vice versa; otherwise OV is cleared.
4
PDF
PDF is cleared by system power-up or executing the
²CLR WDT² instruction. PDF is set by
executing the
²HALT² instruction.
5TO
TO is cleared by system power-up or executing the
²CLR WDT² or ²HALT² instruction. TO is
set by a WDT time-out.
6
¾
Unused bit, read as
²0²
7
¾
Unused bit, read as
²0²
Status (0AH) Register


Similar Part No. - HT48R10A-1_09

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R10A-1 HOLTEK-HT48R10A-1 Datasheet
263Kb / 38P
   I/O Type 8-Bit MCU
More results

Similar Description - HT48R10A-1_09

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R70A-1 HOLTEK-HT48R70A-1_07 Datasheet
301Kb / 39P
   I/O Type 8-Bit MCU
HT48R50A-1 HOLTEK-HT48R50A-1 Datasheet
307Kb / 41P
   I/O Type 8-Bit MCU
HT48R30A-1 HOLTEK-HT48R30A-1_09 Datasheet
269Kb / 39P
   I/O Type 8-Bit MCU
HT48R50A-1 HOLTEK-HT48R50A-1_09 Datasheet
280Kb / 39P
   I/O Type 8-Bit MCU
HT82K70E-L HOLTEK-HT82K70E-L_11 Datasheet
397Kb / 59P
   I/O Type 8-Bit MCU
HT48R30A-1 HOLTEK-HT48R30A-1 Datasheet
297Kb / 40P
   I/O Type 8-Bit MCU
HT48R70A-1 HOLTEK-HT48R70A-1 Datasheet
273Kb / 40P
   I/O Type 8-Bit MCU
HT48RU80 HOLTEK-HT48RU80 Datasheet
448Kb / 54P
   I/O Type 8-Bit MCU
HT48R52 HOLTEK-HT48R52 Datasheet
269Kb / 35P
   I/O Type 8-Bit MCU
HT48R10A-1 HOLTEK-HT48R10A-1 Datasheet
263Kb / 38P
   I/O Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com