Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4167150000 Datasheet(PDF) 11 Page - Weidmuller

Part # 4167150000
Description  Component Carriers and Housings
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

4167150000 Datasheet(HTML) 11 Page - Weidmuller

Back Button 4167150000 Datasheet HTML 7Page - Weidmuller 4167150000 Datasheet HTML 8Page - Weidmuller 4167150000 Datasheet HTML 9Page - Weidmuller 4167150000 Datasheet HTML 10Page - Weidmuller 4167150000 Datasheet HTML 11Page - Weidmuller 4167150000 Datasheet HTML 12Page - Weidmuller 4167150000 Datasheet HTML 13Page - Weidmuller 4167150000 Datasheet HTML 14Page - Weidmuller 4167150000 Datasheet HTML 15Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
302
Locking socket
RS 45
Strip profile
RS 70
Locking socket
Individual parts
Dimensions)
Fixing foot
Spacer
Printed circuit board
Rated data
Flammability acc. to UL level
Upper temperature limit
Ordering data
String profile
Fixing foot right, with marking facility
Fixing foot right, without marking facility
Fixing foot left, without marking facility
Fixing foot middle (intermediate foot)
Fixing foot (RS 80/RS 100) for TS 32/TS 35
Spacer
5 mm
Spacer 15 mm
Spacer 25 mm
Spacer 30 mm
Spacer 45 mm
End plate for mounting on rail without cover
End plate for direct mounting without cover
End plate for mounting on rail with low cover
End plate for direct mounting with low cover
End plate for mounting on rail with high cover
End plate for direct mounting with high cover
Cover profile, low
Cover profile, high
Screws
Accessories
Insert tag (unprinted)
Protective strip, transparent
Total width:
45 mm
Length:
1000 mm/2000 mm
For horizontal insertion of a printed circuit board
Width:
42 (+0.5) mm
Thickness:
1.8 (+0.15) mm (DIN 40802 T. 2)
Length:
optional/60…2000 mm
Dim. of RS section: printed circuit board length – 4.5 mm
Dim. of ADP section: printed circuit board length – 1 mm
Example: circuit board length 160 mm, RS = 155.5 mm,
ADP = 159 mm
V-0 / V-2 strip profile / accessories
70 °C
Type
Cat. No.
Qty.
RS 45 (up to 2000 mm)
4027750000
1
RS 45 (up to 1000 mm)
8140880000
1
AP 45/LI
AP 45/RE
8143910000
8143900000 20
AP 45/LI Di
AP 45/RE Di
8140870000
8140860000 20
30 x 14
4011200000
Width: 10 mm
Maß RF
Width: 5 mm/15 mm/25 mm/30 mm/45 mm
Dim. ZW
Width: RS-Br.–2 mm (Ex.: RS=45 mm, LP=43 mm)
Dim. A
Length: 67.8 (–0.2 ) mm
Dim. L
Thickness: 1.6 (±0.2) mm (DIN 40802 Part 2)
V-2
100 °C
Type
Cat. No.
Qty.
RFB
0119560000
RFO
0126260000
20
RF
0119660000
20
RFM
0213760000
20
ZW 5
0119760000
20
ZW 15
0119860000
20
ZW 25
0126160000
20
ZW 30
0119960000
20
ZW 45
0120060000
20
ESO 7
0515200000
SSt 7
0515300000
100
AP 45 / LI
AP 45 / LI Di
AP 45/RE Di
AP 45/RE
Housings


Similar Part No. - 4167150000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
4167150000 WEIDMULLER-4167150000 Datasheet
733Kb / 20P
   Component Carriers and Housings
More results

Similar Description - 4167150000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0336500000 WEIDMULLER-0336500000 Datasheet
48Kb / 1P
   Component Carriers and Housings
0266160000 WEIDMULLER-0266160000 Datasheet
733Kb / 20P
   Component Carriers and Housings
0336400000 WEIDMULLER-0336400000 Datasheet
52Kb / 1P
   Component Carriers and Housings
logo
CamdenBoss Ltd.
CFH22 CAMDENBOSS-CFH22 Datasheet
372Kb / 1P
   5x20mm PCB fuse carriers SMD and THR
logo
List of Unclassifed Man...
09020640501 ETC2-09020640501 Datasheet
2Mb / 34P
   Summary shell housings and accessories
logo
Molex Electronics Ltd.
03-06-1022-P MOLEX11-03-06-1022-P Datasheet
240Kb / 3P
   PLUG AND RECEPTACLE 2 CIRCUIT HOUSINGS
logo
YAGEO Corporation
RC_L YAGEO-RC_L Datasheet
438Kb / 11P
   High component and equipment
V.12 02, 2022
logo
Weidmuller
171529000 WEIDMULLER-171529000 Datasheet
94Kb / 7P
   PCB Components and Housings for Electronics
1716060000 WEIDMULLER-1716060000 Datasheet
95Kb / 7P
   PCB Components and Housings for Electronics
logo
CamdenBoss Ltd.
CFH02 CAMDENBOSS-CFH02 Datasheet
702Kb / 1P
   5x20mm PCB fuse carriers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com