Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT46C65 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT46C65
Description  A/D with LCD Type 8-Bit MCU
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C65 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT46C65_11 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46C65_11 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46C65_11 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46C65_11 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46C65_11 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46C65_11 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46C65_11 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46C65_11 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46C65_11 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
HT46R65/HT46C65
Rev. 2.00
11
April 13, 2011
Interrupts
The device provides two external interrupts, two internal
timer/event counter interrupts, an internal time base in-
terrupt, and an internal real time clock interrupt. The in-
terrupt control register 0 (INTC0;0BH) and interrupt
control register 1 (INTC1;1EH) both contain the interrupt
control bits that are used to set the enable/disable status
and interrupt request flags.
Once an interrupt subroutine is serviced, other inter-
rupts are all blocked (by clearing the EMI bit). This
scheme may prevent any further interrupt nesting. Other
interrupt requests may take place during this interval,
but only the interrupt request flag will be recorded. If a
certain interrupt requires servicing within the service
routine, the EMI bit and the corresponding bit of the
INTC0 or of INTC1 may be set in order to allow interrupt
nesting. Once the stack is full, the interrupt request will
not be acknowledged, even if the related interrupt is en-
abled, until the SP is decremented. If immediate service
is desired, the stack should be prevented from becom-
ing full.
All these interrupts can support a wake-up function. As
an interrupt is serviced, a control transfer occurs by
pushing the contents of the program counter onto the
stack followed by a branch to a subroutine at the speci-
fied location in the ROM. Only the contents of the pro-
gram counter is pushed onto the stack. If the contents of
the register or of the status register (STATUS) is altered
by the interrupt service program which corrupts the de-
sired control sequence, the contents should be saved in
advance.
External interrupts are triggered by a an edge transition
of INT0 or INT1 (ROM code option: high to low, low to
high, low to high or high to low), and the related interrupt
request flag (EIF0; bit 4 of INTC0, EIF1; bit 5 of INTC0)
is set as well. After the interrupt is enabled, the stack is
not full, and the external interrupt is active, a subroutine
call to location 04H or 08H occurs. The interrupt request
flag (EIF0 or EIF1) and EMI bits are all cleared to disable
other maskable interrupts.
The internal Timer/Event Counter 0 interrupt is initial-
ized by setting the Timer/Event Counter 0 interrupt re-
quest flag (T0F; bit 6 of INTC0), which is normally
caused by a timer overflow. After the interrupt is en-
abled, and the stack is not full, and the T0F bit is set, a
subroutine call to location 0CH occurs. The related inter-
rupt request flag (T0F) is reset, and the EMI bit is
cleared to disable other maskable interrupts.
Timer/Event Counter 1 is operated in the same manner
but its related interrupt request flag is T1F (bit 4 of
INTC1) and its subroutine call location is 10H.
The time base interrupt is initialized by setting the time
base interrupt request flag (TBF; bit 5 of INTC1), that is
caused by a regular time base signal. After the interrupt
is enabled, and the stack is not full, and the TBF bit is
set, a subroutine call to location 14H occurs. The related
interrupt request flag (TBF) is reset and the EMI bit is
cleared to disable further maskable interrupts.
Bit No.
Label
Function
0
EMI
Control the master (global) interrupt (1=enabled; 0=disabled)
1
EEI0
Control the external interrupt 0 (1=enabled; 0=disabled)
2
EEI1
Control the external interrupt 1 (1=enabled; 0=disabled)
3
ET0I
Control the Timer/Event Counter 0 interrupt (1=enabled; 0=disabled)
4
EIF0
External interrupt 0 request flag (1=active; 0=inactive)
5
EIF1
External interrupt 1 request flag (1=active; 0=inactive)
6
T0F
Internal Timer/Event Counter 0 request flag (1=active; 0=inactive)
7
¾
For test mode used only.
Must be written as
²0²; otherwise may result in unpredictable operation.
INTC0 (0BH) Register
Bit No.
Label
Function
0
ET1I
Control the Timer/Event Counter 1 interrupt (1=enabled; 0=disabled)
1
ETBI
Control the time base interrupt (1=enabled; 0:disabled)
2
ERTI
Control the real time clock interrupt (1=enabled; 0:disabled)
3, 7
¾
Unused bit, read as
²0²
4
T1F
Internal Timer/Event Counter 1 request flag (1=active; 0=inactive)
5
TBF
Time base request flag (1=active; 0=inactive)
6
RTF
Real time clock request flag (1=active; 0=inactive)
INTC1 (1EH) Register


Similar Part No. - HT46C65_11

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46C65-100 HOLTEK-HT46C65-100 Datasheet
409Kb / 48P
   A/D with LCD Type 8-Bit MCU
More results

Similar Description - HT46C65_11

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46RU66 HOLTEK-HT46RU66_11 Datasheet
436Kb / 63P
   A/D Type 8-Bit MCU with LCD
HT46R63 HOLTEK-HT46R63 Datasheet
328Kb / 44P
   A/D with LCD Type 8-Bit MCU
HT46R64 HOLTEK-HT46R64_06 Datasheet
423Kb / 48P
   A/D with LCD Type 8-Bit MCU
HT46R62 HOLTEK-HT46R62 Datasheet
401Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46R64 HOLTEK-HT46R64_11 Datasheet
320Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46RU67 HOLTEK-HT46RU67 Datasheet
496Kb / 67P
   A/D Type 8-Bit MCU with LCD
HT46R65 HOLTEK-HT46R65 Datasheet
409Kb / 48P
   A/D with LCD Type 8-Bit MCU
HT46R71D HOLTEK-HT46R71D Datasheet
331Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46R64 HOLTEK-HT46R64 Datasheet
345Kb / 47P
   A/D with LCD Type 8-Bit MCU
HT46RU66 HOLTEK-HT46RU66 Datasheet
493Kb / 63P
   A/D Type 8-Bit MCU with LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com