Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1773350000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1773350000
Description  Feed-through terminal, 6 mm짼, Screw connection, PA 66, TS 35 TS 32
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1773350000 Datasheet(HTML) 1 Page - Weidmuller

  1773350000 Datasheet HTML 1Page - Weidmuller 1773350000 Datasheet HTML 2Page - Weidmuller 1773350000 Datasheet HTML 3Page - Weidmuller 1773350000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product catalogue | Terminals | Screwing technology | SAK-series modular terminals | TS 32 / TS 35 EN combination foot
| Modular feed-through terminals
- 1 -
General ordering data
Order No.
0212840000
Part designation
SAK 6/EN RT
Version
Feed-through terminal, 6 mm², Screw connection,
PA 66, TS 35 + TS 32
EAN
4008190205928
Qty.
100 pc(s).
Product notes
Note, ordering data
With AWG 6 and H07V-R10 conductors, an
increased MD torque of 1.4 to1.6 Nm should be
used.
Note, technical data
For AWG 8-7 and AWG 8-19, tightening torque is
1.21.4 Nm
Note, accessories
When used with twin ferrules ZH 0.5 - ZH 4, the
rated voltage is 690 V.
PT OKIECEx/ATEX rating data
EU-type examination certificate
KEMA97ATEX1798U
IECEx Certificate of Conformity
IECEXKEM06.0014U
ATEX voltage
690 V
ATEX current
36 A
ATEX conductor cross-section
6 mm²
IECEx voltage
690 V
IECEx current
36 A
IECEx conductor cross-section
6 mm²
Marking EN 60079-7
Ex e II
Marking ATEX Directive 94/9/EC
Ex II 2 G D
Additional technical data
Connection direction
on side
End plate required
Yes
Explosion-tested version "Ex e"
No
Installation advice
TS 35 + TS 32
Insulating material
PA 66
Levels cross-connected internally
No
No. of levels
1
Operating temperature range
- 50 °C, + 100 °C
Type of connection
Screwed
UL 94 flammability rating of insulation material
V2
Version
Feed-through terminal
CSA rating data
Voltage (CSA)
600 V
CSA current
47 A
Min. cross-section (CSA)
AWG 26
Max. cross-section (CSA)
AWG 6
Conductors for clamping (rated connection)
Clamping range, min.
0.33 mm²
Clamping range, max.
10 mm²
Type of connection
Screw connection


Similar Part No. - 1773350000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1773352 PHOENIX-1773352 Datasheet
180Kb / 5P
   HC-HV 6-ESTS
More results

Similar Description - 1773350000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0268860000 WEIDMULLER-0268860000 Datasheet
68Kb / 3P
   Feed-through terminal, 2.5 mm짼, Screw connection, PA 66, beige, TS 35
0222860000 WEIDMULLER-0222860000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0225560000 WEIDMULLER-0225560000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0271060000 WEIDMULLER-0271060000 Datasheet
85Kb / 4P
   Feed-through terminal, 16 mm짼, Screw connection, PA 66, beige, TS 32
0222760000 WEIDMULLER-0222760000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0225360000 WEIDMULLER-0225360000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0271080000 WEIDMULLER-0271080000 Datasheet
81Kb / 3P
   Feed-through terminal, 16 mm짼, Screw connection, PA 66, blue, TS 32
0323100000 WEIDMULLER-0323100000 Datasheet
61Kb / 3P
   Earth terminal, 10 mm짼, Screw connection, PA 66, TS 32
0396660000 WEIDMULLER-0396660000 Datasheet
61Kb / 3P
   Component terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35
0484060000 WEIDMULLER-0484060000 Datasheet
61Kb / 3P
   Component terminal, 4 mm짼, Screw connection, PA 66, beige, TS 32
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com