Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1324360000 Datasheet(PDF) 2 Page - Weidmuller

Part # 1324360000
Description  Component Carriers and Housings
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1324360000 Datasheet(HTML) 2 Page - Weidmuller

  1324360000 Datasheet HTML 1Page - Weidmuller 1324360000 Datasheet HTML 2Page - Weidmuller 1324360000 Datasheet HTML 3Page - Weidmuller 1324360000 Datasheet HTML 4Page - Weidmuller 1324360000 Datasheet HTML 5Page - Weidmuller 1324360000 Datasheet HTML 6Page - Weidmuller 1324360000 Datasheet HTML 7Page - Weidmuller 1324360000 Datasheet HTML 8Page - Weidmuller 1324360000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
293
Component Carriers and Housings
Weidmüller DK 4 and DKT 4 terminals
are suitable for the installation of electronic
components with a maximum diameter or
width of 4.5 mm. Four independent clamp-
ing yoke screw connections are available.
A snap-on frame expands the installation
space in the DK4 by 6 mm respectively.
Depending on type, these modular termi-
nals are suitable for mounting on TS 32,
TS 35 x 7.5 or TS 35 x 15 mounting rails
according to European standards EN 50
035 and EN 50 022.
Weidmüller WDK 2.5 terminals
are suitable for the installation of electrical
components with a maximum width of 4
mm. As many as four independent clamp-
ing yoke screw connections or 4 6.3 x 0.8
tab connections are available. These termi-
nals are suitable for mounting on TS 35 x
7.5 or TS 35 x 15 mounting rails.
Weidmüller EG 1 housings
offer 4 screw connections and, as acces-
sories, up to 4 0.8 x 4.8 mm solder/tab
connections on a width of 18 mm. The
screw clamp busbar ends with a solder
ring inside the housing. Two end plates
seal the module. Depending on type, the
modules are mounted on TS 32, TS 35 x
7.5 or TS 35 x 15 mounting rails.
Weidmüller EG 2 housings
The external shape of these housings cor-
responds to Type EG 1. Four screw con-
nections or up to 8 0.8 x 6.6 mm/0.8 x
2.8 mm tab connectors are connected
with a printed circuit board in the housing.
They can be mounted on TS 32, TS 35 x
7.5 or TS 35 x 15 mounting rails.
Weidmüller EG 3 housings
provides 6 screw connections or 12
0.8 x 6.3 mm/0.8 x 2.8 mm tab connec-
tions on a width of 22.5 mm. As an acces-
sory, Weidmüller offers a shaped printed
circuit board with a 2.54 mm hole grid
or fully copper-coated. The engagable
combination foot allows the terminal to
be mounted on TS 32, TS 35 x 7.5
or TS 35 x 15 mounting rails.
The MPL mounting plate is used to mount
the housing directly (without mounting rail).
Due to the sliding foot construction, the
EG 3 can be turned through 180° in all
types of assembly (e.g. exchanging input
and output).
Weidmüller housings type WAVEBOX
It is essential to provide fit-for-use housings
for modern electronic components. Setting
and control functions must be easily car-
ried out and technical requirements with
respect to heat dissipation and EMV prop-
erties should be supported.
An ideal design saves space and wiring
costs in the switchgear cabinet.
In addition, ergonomics and design are
becoming increasingly important for high-
quality electronic products.
These are the criteria that led to the devel-
opment of WAVEBOX. Simplified produc-
tion methods (shaft soldering, SMD) ensure
cost-savings for the customer.
The WAVEBOX is characterised by:
• Optimum width for any application
(12.5 mm, 17.5 mm, 22.5 mm)
• Large component assembly surface;
SMDs can be mounted on the solder
side
• UL94 flammability class V2
• No tools required for assembly
• Plug-in printed circuit board
• Plug-in cross-connection via ZQV 2.5 N
• Hinged, transparent cover
• BLZ 5.08 screw/plug and socket con-
nector
• BLFZ 5.08 optional tension clamp/plug
and socket connector
• Marking option with WS tags
• Mounts onto TS 35
Weidmüller individual parts for RS 70
locking socket
latch together to form units from 20 mm in
width. Any desired intermediate parts or
feet can be connected between two side
pieces (locking feet) at intervals of 5 mm. In
this way, a carrier module is constructed
for PCB, on which various components
can be soldered. The assembly snaps onto
TS 32, TS 35 x 7.5 or TS 35 x 15 mount-
ing rails.
The Weidmüller RSX custom circuit
module
is a largely prefabricated unit wich accepts
up to 5 components such as resistors,
diodes, varistors or capacitors via soldering
terminals. The components are connected
via screw clamps or tab connections. This
module is also suitable for mounting on TS
32, TS 35 x 7.5 or TS 35 x 15 mounting
rails.
Weidmüller locking socket profiles
The RS 45, RS 80 and RS 100 profiles are
available as 2 m long strips. The extruded
profiles can be easily cut to any length with
a saw. In this way, a carrier module is con-
structed for a printed circuit board on
which various components can be solder-
ed. Locking feet can be slid into these pro-
files for mounting on TS 32, TS
35 x 7.5 or TS 35 x 15 mounting rails. The
sliding foot construction of the RS 80 also
allows the fixing foot be turned through 180°.
Weidmüller EG 4 housing
as type EG 3, offers the same width of
22.5 mm. However, the greater installation
depth (75 mm) and height (109 mm) allow
the installation of more complex circuit
configurations. The built-in installation can
be connected via 6 screw connections.
The snap-on combination foot allows the
terminal to be mounted on TS 32, TS 35 x
7.5 or TS 35 x 15 mounting rails. Due to
the sliding foot construction, the EG 4 can
be slid forwards or backwards on the
locking foot, and can be turned through
180° (e.g. exchanging of input and out-
put).
Weidmüller EG 5 housings
correspond to type EG 4. The EG 5 has
12 screw connections, which can be wired
with solder lugs inside the housing. The
snap-on combination foot allows the ter-
minal to be mounted on TS 32, TS 35 x
7.5 or TS 35 x 15 mounting rails. Due to
the sliding foot construction, the EG 4 can
be slid 6 mm forwards or backwards on
the engaging foot and can be turned
through 180° (e.g. exchanging input and
output).
Weidmüller EG 6 housings
have a bus-suitable contact carrier. The
bus connection is created by directly
mounting several housings in a row. 32
connections are available on both sides of
the housing as crimp connector block
contacts. The housing accepts printed cir-
cuit boards with dimensions of 100 x 120
mm. The printed circuit board is adapted
with a VG 64 DIN strip. The front panel is
screwed onto the circuit board similar to
the 19" technology. The locking foot
allows easy mounting onto the TS 35
mounting rail.
Weidmüller SEG/U housing
enable the plug-in module assembly of a
70 x 52 x 1 mm printed circuit board. The
circuit board is attached to the accessory
cover plate via snap-in hooks. The housing
contains a 13-pole socket block for instal-
lation of the module; 6 screw connections
are available for connection. The permissi-
ble power loss in the housing during con-
tinuous operation of terminals in rows
amounts to 1.5W, depending on the sur-
face temperature of the soldered compo-
nents. The snap-on combination foot
allows the housings to be mounted on TS
32, TS 35 x 7.5 or TS 35 x 15 mounting
rails.


Similar Part No. - 1324360000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1324360000 WEIDMULLER-1324360000 Datasheet
733Kb / 20P
   Component Carriers and Housings
More results

Similar Description - 1324360000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0336500000 WEIDMULLER-0336500000 Datasheet
48Kb / 1P
   Component Carriers and Housings
0266160000 WEIDMULLER-0266160000 Datasheet
733Kb / 20P
   Component Carriers and Housings
0336400000 WEIDMULLER-0336400000 Datasheet
52Kb / 1P
   Component Carriers and Housings
logo
CamdenBoss Ltd.
CFH22 CAMDENBOSS-CFH22 Datasheet
372Kb / 1P
   5x20mm PCB fuse carriers SMD and THR
logo
List of Unclassifed Man...
09020640501 ETC2-09020640501 Datasheet
2Mb / 34P
   Summary shell housings and accessories
logo
Molex Electronics Ltd.
03-06-1022-P MOLEX11-03-06-1022-P Datasheet
240Kb / 3P
   PLUG AND RECEPTACLE 2 CIRCUIT HOUSINGS
logo
YAGEO Corporation
RC_L YAGEO-RC_L Datasheet
438Kb / 11P
   High component and equipment
V.12 02, 2022
logo
Weidmuller
171529000 WEIDMULLER-171529000 Datasheet
94Kb / 7P
   PCB Components and Housings for Electronics
1716060000 WEIDMULLER-1716060000 Datasheet
95Kb / 7P
   PCB Components and Housings for Electronics
logo
CamdenBoss Ltd.
CFH02 CAMDENBOSS-CFH02 Datasheet
702Kb / 1P
   5x20mm PCB fuse carriers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com