Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT46R067 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT46R067
Description  Enhanced A/D Type 8-Bit OTP MCU
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R067 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT46R067_12 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R067_12 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R067_12 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R067_12 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R067_12 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R067_12 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R067_12 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R067_12 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R067_12 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 102 page
background image
Pin Name
Function
OPT
I/T
O/T
Description
PC0/AN4
PC1/AN5
PC6/AN6
PC7/AN7
PCn
PCPU
ST
CMOS General purpose I/O. Register enabled pull-up.
ANn
ADCR
AN
¾
A/D channel 4, 5, 6, 7
PC2, PC4~PC5
PCn
PCPU
ST
CMOS General purpose I/O. Register enabled pull-up.
PC3/PWM1
PCn
PCPU
ST
CMOS General purpose I/O. Register enabled pull-up.
PWM1
CTRL0
¾
CMOS PWM output
PD0~PD3
PDn
PDPU
ST
CMOS General purpose I/O. Register enabled pull-up.
VDD
VDD
¾
PWR
¾
Power supply
VSS
VSS
¾
PWR
¾
Ground
Note:
I/T: Input type; O/T: Output type
OPT: Optional by configuration option (CO) or register option
PWR: Power; CO: Configuration option
ST: Schmitt Trigger input; CMOS: CMOS output; AN: analog input
SCOM: Software controlled LCD COM
HXT: High frequency crystal oscillator
LXT: Low frequency crystal oscillator
HT46R0662, HT46R067
Pin Name
Function
OPT
I/T
O/T
Description
PA0/AN0
PA0
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
AN0
ADCR
AN
¾
A/D channel 0
PA1/PFD/AN1
PA1
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
PFD
CTRL0
¾
CMOS PFD output
AN1
ADCR
AN
¾
A/D channel 1
PA2/TC0/AN2
PA2
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
TC0
¾
ST
¾
External Timer 0 clock input
AN2
ADCR
AN
¾
A/D channel 2
PA3/INT/AN3
PA3
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
INT
¾
ST
¾
External interrupt input
AN3
ADCR
AN
¾
A/D channel 3
PA4/TC1/PWM0
PA4
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
TC1
¾
ST
¾
External Timer 1 clock input
PWM0
CTRL0
¾
CMOS PWM output
PA5/OSC2
PA5
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
OSC2
CO
¾
OSC
Oscillator pin
PA6/OSC1
PA6
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
OSC1
CO
OSC
¾
Oscillator pin
HT46R064/065/066/0662/067
Rev. 1.20
8
October 23, 2012


Similar Part No. - HT46R067_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R067 HOLTEK-HT46R067 Datasheet
564Kb / 99P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R067 HOLTEK-HT46R067 Datasheet
685Kb / 101P
   Enhanced A/D Type 8-Bit OTP MCU
More results

Similar Description - HT46R067_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R063B HOLTEK-HT46R063B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064 Datasheet
564Kb / 99P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064_13 Datasheet
685Kb / 101P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B Datasheet
5Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R016 HOLTEK-HT46R016 Datasheet
5Mb / 91P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B_12 Datasheet
4Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R064B HOLTEK-HT46R064B_12 Datasheet
636Kb / 98P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B_15 Datasheet
4Mb / 135P
   Enhanced A/D 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664_12 Datasheet
3Mb / 94P
   Enhanced A/DLCD Type 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664 Datasheet
3Mb / 92P
   Enhanced A/DLCD Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com