Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8426630000 Datasheet(PDF) 7 Page - Weidmuller

Part # 8426630000
Description  Component Carriers and Housings
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

8426630000 Datasheet(HTML) 7 Page - Weidmuller

Back Button 8426630000 Datasheet HTML 3Page - Weidmuller 8426630000 Datasheet HTML 4Page - Weidmuller 8426630000 Datasheet HTML 5Page - Weidmuller 8426630000 Datasheet HTML 6Page - Weidmuller 8426630000 Datasheet HTML 7Page - Weidmuller 8426630000 Datasheet HTML 8Page - Weidmuller 8426630000 Datasheet HTML 9Page - Weidmuller 8426630000 Datasheet HTML 10Page - Weidmuller 8426630000 Datasheet HTML 11Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
298
Housing version
Polyamide PA 6.6
Flammability class
U2 (UL 94)
Colour
grey
Notes:
BLZ may only be actuated with the supply disconnected. If
small power ratings need to be switched for operating reasons,
empirical values are available on request.
Description
Housing base completely assembled with locking foot, not
cross-connectable
Housing base completely assembled with locking foot, cross-
connectable
Top part with transparent cover/top unit
Pin header 5.08/3-pole orange; right
Pin header 5.08/3-pole orange; left
Connector socket 2-pole for BLZ 5.08/2 screw terminal
- orange
- black
Other colours are available on request
Connector socket 3-pole for BLZ 5.08/3 terminal
- orange
- black
Other colours are available on request
Connector socket 2-pole for BLZ 5.08/3 tension clamp terminal
- orange
- black
Connector socket 3-pole for BLZ 5.08/3 tension clamp terminal
- orange
- black
Accessories
Cross-connection ZQV 2.5N/2 black
Cross-connection ZQV 2.5N/2 red
Cross-connection ZQV 2.5N/2 blue
Cross-connection ZQV 2.5N/2 yellow
Coding elements for BLZ BLZ KO black
Coding elements for BLZ BLZ KO orange
WS connector marker
WS15/5 Multicard*
WS10/5 Multicard *
WS10/5 Neutral*
Screw cap
Power loss, arranged side by side, type
Ordering example WAVEBOX S 22.5
Housing base completely assembled with locking foot, not
cross-connectable
Top part with transparent cover/top unit
Pin header 5,08/3-pole orange; right
Pin header 5.08/3-pole orange; left
Connector socket 3-pole for BLZ 5.08/3 screw terminal, orange
* Marker see page 317 + 318
Attention!
These WAVEBOX-housings are authorized only to be used
in a closed control cubicle!
Type
Cat. No.
Qty.
WAVEBOX S 22.5
8426440000
10
WAVEBOX S 22.5 QV
8426450000
10
Head
8426460000
10
Pin header
8426620000
10
Pin header
8426630000
10
Connector socket
1526560000
100
Connector socket
1526510000
100
Connector socket
1707470000
100
Connector socket
1707700000
100
ZQV 2.5N/2 black
1718080000
60
ZQV 2.5N/2 red
1717900000
60
ZQV 2.5N/2 blue
1717990000
60
ZQV 2.5N/2 yellow
1693800000
60
Coding element
1545710000
100
Coding element
1573010000
100
--
--
2.2 W/40 °C
Type
Cat. No.
8426440000
1x
8426460000
1x
8426620000
1x
8426630000
1x
1526560000
2x
Type
Cat. No.
Qty.
WAVEBOX L 22.5
8426470000
10
WAVEBOX L 22.5 QV
8426480000
10
8426490000
10
8426620000
10
8426630000
10
1526560000
100
1526510000
100
1707470000
100
1707700000
100
1718080000
60
1717900000
60
1717990000
60
1693800000
60
1545710000
100
1573010000
100
--
--
CAP
8428120000
-
3 W/20 °C
2.2 W/40 °C
Dimension drawing, see page 308
WAVEBOX S 22.5
WAVEBOX L 22.5
Housings for pluggable
printed circuit boards
Housings


Similar Part No. - 8426630000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
8426630000 WEIDMULLER-8426630000 Datasheet
733Kb / 20P
   Component Carriers and Housings
More results

Similar Description - 8426630000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0336500000 WEIDMULLER-0336500000 Datasheet
48Kb / 1P
   Component Carriers and Housings
0266160000 WEIDMULLER-0266160000 Datasheet
733Kb / 20P
   Component Carriers and Housings
0336400000 WEIDMULLER-0336400000 Datasheet
52Kb / 1P
   Component Carriers and Housings
logo
CamdenBoss Ltd.
CFH22 CAMDENBOSS-CFH22 Datasheet
372Kb / 1P
   5x20mm PCB fuse carriers SMD and THR
logo
List of Unclassifed Man...
09020640501 ETC2-09020640501 Datasheet
2Mb / 34P
   Summary shell housings and accessories
logo
Molex Electronics Ltd.
03-06-1022-P MOLEX11-03-06-1022-P Datasheet
240Kb / 3P
   PLUG AND RECEPTACLE 2 CIRCUIT HOUSINGS
logo
YAGEO Corporation
RC_L YAGEO-RC_L Datasheet
438Kb / 11P
   High component and equipment
V.12 02, 2022
logo
Weidmuller
171529000 WEIDMULLER-171529000 Datasheet
94Kb / 7P
   PCB Components and Housings for Electronics
1716060000 WEIDMULLER-1716060000 Datasheet
95Kb / 7P
   PCB Components and Housings for Electronics
logo
CamdenBoss Ltd.
CFH02 CAMDENBOSS-CFH02 Datasheet
702Kb / 1P
   5x20mm PCB fuse carriers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com