Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM3301 Datasheet(PDF) 6 Page - ShenZhen XinDeYi Electronics Co., Ltd.

Part # UM3301
Description  N-Ch and P-Ch Fast Switching MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XINDEYI [ShenZhen XinDeYi Electronics Co., Ltd.]
Direct Link  
Logo XINDEYI - ShenZhen XinDeYi Electronics Co., Ltd.

UM3301 Datasheet(HTML) 6 Page - ShenZhen XinDeYi Electronics Co., Ltd.

  UM3301 Datasheet HTML 1Page - ShenZhen XinDeYi Electronics Co., Ltd. UM3301 Datasheet HTML 2Page - ShenZhen XinDeYi Electronics Co., Ltd. UM3301 Datasheet HTML 3Page - ShenZhen XinDeYi Electronics Co., Ltd. UM3301 Datasheet HTML 4Page - ShenZhen XinDeYi Electronics Co., Ltd. UM3301 Datasheet HTML 5Page - ShenZhen XinDeYi Electronics Co., Ltd. UM3301 Datasheet HTML 6Page - ShenZhen XinDeYi Electronics Co., Ltd. UM3301 Datasheet HTML 7Page - ShenZhen XinDeYi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
UM3301
N-Ch and P-Ch Fast Switching MOSFETs
0
2
4
6
8
10
00.5
1
1.5
2
-VDS , Drain-to-Source Voltage (V)
VGS=-10V
VGS=-7V
VGS=-5V
VGS=-4.5V
VGS=-3V
36
63
90
117
144
24
6
8
10
-VGS (V)
ID=-10A
0
2
4
6
8
10
0.2
0.4
0.6
0.8
1
-VSD , Source-to-Drain Voltage (V)
TJ=150
TJ=25
0
2
4
6
8
10
04
8
12
QG , Total Gate Charge (nC)
VDS=-20V
ID=-6A
0.2
0.6
1
1.4
1.8
-50
0
50
100
150
TJ ,Junction Temperature ( )
0.5
1.0
1.5
2.0
-50
25
100
175
TJ , Junction Temperature ( )
P-Channel Typical Characteristics
Fig.1 Typical Output Characteristics
Fig.2 On-Resistance vs. Gate-Source
Fig.3 Forward Characteristics of Reverse
Fig.4 Gate-charge Characteristics
Fig.5 Normalized VGS(th) vs. TJ
Fig.6 Normalized RDSON vs. TJ


Similar Part No. - UM3301

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UM3301 UNITPOWER-UM3301 Datasheet
1Mb / 7P
   N-Ch and P-Ch Fast Switching MOSFETs
logo
Union Semiconductor, In...
UM3301 UNIONSEMI-UM3301 Datasheet
371Kb / 13P
   1-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing
UM3301B UNIONSEMI-UM3301B Datasheet
371Kb / 13P
   1-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing
UM3301DA UNIONSEMI-UM3301DA Datasheet
371Kb / 13P
   1-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing
logo
Shanghai Leiditech Elec...
UM3301DT3 LEIDITECH-UM3301DT3 Datasheet
126Kb / 3P
   LOW VOLTAGE TVS PROTECTION DIODE
More results

Similar Description - UM3301

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UM4302 UNITPOWER-UM4302 Datasheet
1,017Kb / 7P
   N-Ch and P-Ch Fast Switching MOSFETs
UD4301 UNITPOWER-UD4301 Datasheet
1Mb / 7P
   N-Ch and P-Ch Fast Switching MOSFETs
logo
FETek Technology Corp.
FKBB0903 FETEK-FKBB0903 Datasheet
700Kb / 7P
   N-Ch and P-Ch Fast Switching MOSFETs
Ver : A
FKBA4903 FETEK-FKBA4903 Datasheet
450Kb / 7P
   N-Ch and P-Ch Fast Switching MOSFETs
Ver : A
FKD3903 FETEK-FKD3903 Datasheet
594Kb / 7P
   N-Ch and P-Ch Fast Switching MOSFETs
Ver : A
FKS3903 FETEK-FKS3903 Datasheet
607Kb / 7P
   N-Ch and P-Ch Fast Switching MOSFETs
Ver : A
logo
Unitpower Technology Li...
UM3301 UNITPOWER-UM3301 Datasheet
1Mb / 7P
   N-Ch and P-Ch Fast Switching MOSFETs
UM3302 UNITPOWER-UM3302 Datasheet
1Mb / 7P
   N-Ch and P-Ch Fast Switching MOSFETs
UM3801 UNITPOWER-UM3801 Datasheet
1Mb / 7P
   N-Ch and P-Ch Fast Switching MOSFETs
logo
FETek Technology Corp.
FKBA0903 FETEK-FKBA0903 Datasheet
727Kb / 7P
   N-Ch and P-Ch Fast Switching MOSFETs
Ver : B
FKBE3903 FETEK-FKBE3903 Datasheet
793Kb / 7P
   N-Ch and P-Ch Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com