Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1115560000 Datasheet(PDF) 8 Page - Weidmuller

Part # 1115560000
Description  Component Carriers and Housings
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1115560000 Datasheet(HTML) 8 Page - Weidmuller

Back Button 1115560000 Datasheet HTML 4Page - Weidmuller 1115560000 Datasheet HTML 5Page - Weidmuller 1115560000 Datasheet HTML 6Page - Weidmuller 1115560000 Datasheet HTML 7Page - Weidmuller 1115560000 Datasheet HTML 8Page - Weidmuller 1115560000 Datasheet HTML 9Page - Weidmuller 1115560000 Datasheet HTML 10Page - Weidmuller 1115560000 Datasheet HTML 11Page - Weidmuller 1115560000 Datasheet HTML 12Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
299
Type
Cat. No.
Qty.
WAVEBOX 12.5 mm
8426530000
12
WAVEBOX 12.5 mm
8426540000
12
8426550000
12
orange
8427390000
100
orange
8427400000
100
1526460000
100
1526410000
100
1707460000
100
1707690000
100
1718080000
60
1717900000
60
1717990000
60
1693800000
60
1678530000
1
1609890000
96
1635010000
144
1060860000
200
CAP
8428130000
100
3 W/20 °C
2 W/40 °C
Type
Cat. No.
Qty.
WAVEBOX 17.5 mm
8426560000
8
WAVEBOX 17.5 mm
8426570000
8
8426580000
8
beige
8449220000
100
beige
8449230000
100
1526560000
100
1526510000
1707470000
100
1707700000
100
1718080000
60
1717900000
60
1717990000
60
1693800000
60
1678530000
1
1609890000
96
--
--
CAP
8428120000
100
3 W/20 °C
2 W/40 °C
Dimension drawing, see page 308
WAVEBOX 12.5 mm
WAVEBOX 17.5 mm
Housing version
Polyamide PA 6.6
Flammability class
U2 (UL 94)
Colour
grey
Hinweise:
BLZ may only be actuated with the supply disconnected. If
small power ratings need to be switched for operating reasons,
empirical values are available on request.
Description
Housing base completely assembled with locking foot, not
cross-connectable
Housing base completely assembled with locking foot, cross-
connectable
Top part with transparent cover/top unit
Pin header 5.08/2/3-pole; right
Pin header 5.08/2/3-pole; left
Connector socket 2-pole for BLZ 5.08/2 screw terminal
- orange
- black
Other colours are available on request
Connector socket 3-pole for BLZ 5.08/3 screw terminal
- orange
- black
Other colours are available on request
Connector socket 2-pole for BLZ 5.08/3 tension clamp terminal
- orange
- black
Connector socket 3-pole for BLZ 5.08/3 tension clamp terminal
- orange
- black
Accessories
Cross-connection ZQV 2.5N/2 black
Cross-connection ZQV 2.5N/2 red
Cross-connection ZQV 2.5N/2 blue
Cross-connection ZQV 2.5N/2 yellow
Coding elements for BLZ BLZ KO black
Coding elements for BLZ BLZ KO orange
WS connector marker
WS15/5 Multicard*
WS10/5 Multicard *
WS10/5 Neutral*
Screw cap
Power loss, arranged side by side, type
* Marker see page 317 + 318
Attention!
These WAVEBOX-housings are authorized only to be used
in a closed control cubicle!
Housings for pluggable
printed circuit boards
Housings


Similar Part No. - 1115560000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1115560000 WEIDMULLER-1115560000 Datasheet
733Kb / 20P
   Component Carriers and Housings
More results

Similar Description - 1115560000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0336500000 WEIDMULLER-0336500000 Datasheet
48Kb / 1P
   Component Carriers and Housings
0266160000 WEIDMULLER-0266160000 Datasheet
733Kb / 20P
   Component Carriers and Housings
0336400000 WEIDMULLER-0336400000 Datasheet
52Kb / 1P
   Component Carriers and Housings
logo
CamdenBoss Ltd.
CFH22 CAMDENBOSS-CFH22 Datasheet
372Kb / 1P
   5x20mm PCB fuse carriers SMD and THR
logo
List of Unclassifed Man...
09020640501 ETC2-09020640501 Datasheet
2Mb / 34P
   Summary shell housings and accessories
logo
Molex Electronics Ltd.
03-06-1022-P MOLEX11-03-06-1022-P Datasheet
240Kb / 3P
   PLUG AND RECEPTACLE 2 CIRCUIT HOUSINGS
logo
YAGEO Corporation
RC_L YAGEO-RC_L Datasheet
438Kb / 11P
   High component and equipment
V.12 02, 2022
logo
Weidmuller
171529000 WEIDMULLER-171529000 Datasheet
94Kb / 7P
   PCB Components and Housings for Electronics
1716060000 WEIDMULLER-1716060000 Datasheet
95Kb / 7P
   PCB Components and Housings for Electronics
logo
CamdenBoss Ltd.
CFH02 CAMDENBOSS-CFH02 Datasheet
702Kb / 1P
   5x20mm PCB fuse carriers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com