Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX44006 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX44006
Description  RGB Color, Infrared, and Temperature Sensors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44006 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX44006 Datasheet HTML 1Page - Maxim Integrated Products MAX44006 Datasheet HTML 2Page - Maxim Integrated Products MAX44006 Datasheet HTML 3Page - Maxim Integrated Products MAX44006 Datasheet HTML 4Page - Maxim Integrated Products MAX44006 Datasheet HTML 5Page - Maxim Integrated Products MAX44006 Datasheet HTML 6Page - Maxim Integrated Products MAX44006 Datasheet HTML 7Page - Maxim Integrated Products MAX44006 Datasheet HTML 8Page - Maxim Integrated Products MAX44006 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
Maxim Integrated
MAX44006/MAX44008
RGB Color, Infrared, and Temperature Sensors
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 1.8V (MAX44006), VDD = 3.3V (MAX44008), TA = +25NC, min/max are from -40°C to +85°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ADC Conversion Accuracy
TA = +25NC
1
10
%
TA = -40NC to +85NC (Note 5)
2
15
TEMPERATURE SENSOR
Accuracy (Note 5)
TA = +25NC~+55NC
±1
±3
N
C
TA = 0NC~+70NC
±2
±5
Resolution
0.25
N
C/LSB
POWER SUPPLY
Power-Supply Voltage
VDD
MAX44006, guaranteed by total error
1.7
2
V
MAX44008, guaranteed by total error
2.7
5.5
Quiescent Current
IDD
MAX44006, CLEAR mode
10
18
F
A
MAX44006, RGBC + IR mode
15
30
MAX44008, CLEAR mode
10
18
MAX44008, RGBC + IR mode
16
30
Software Shutdown Current
ISHDN
MAX44006, TA = +25NC
1
F
A
MAX44008, TA = +25NC
1.5
DIGITAL CHARACTERISTICS—SDA, INT, A0
Output Low Voltage SDA
VOL
ISINK = 6mA
0.4
V
I2C Input Voltage High
VIH
SDA, SCL, A0
1.4
V
I2C Input Voltage Low
VIL
SDA, SCL, A0
0.4
V
Input Hysteresis
VHYS
200
mV
Input Capacitance
CIN
10
pF
Input Leakage Current
IIN
VIN = 0V, TA = +25NC
0.1
F
A
VIN = 5.5V, TA = +25NC
0.1
I2C TIMING CHARACTERISTICS (Note 6)
Serial Clock Frequency
fSCL
0
400
kHz
Bus Free Time Between STOP
and START
tBUF
1.3
F
s
Hold Time (Repeated) START
Condition
tHD,STA
0.6
F
s
Low Period of the SCL Clock
tLOW
1.3
F
s
High Period of the SCL Clock
tHIGH
0.6
F
s
Setup Time for a Repeated START
tSU.STA
0.6
F
s
Setup Time for STOP Condition
tSU,STO
0.6
F
s
Data Hold Time
tHD,DAT
0
0.9
F
s
Data Setup Time
tSU,DAT
100
ns
Bus Capacitance
CB
400
pF


Similar Part No. - MAX44006

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44006 MAXIM-MAX44006 Datasheet
1Mb / 25P
   Daughter Board Powered by the EV Kit
19-6598; Rev 0; 2/13
MAX44006EVSYS MAXIM-MAX44006EVSYS Datasheet
1Mb / 25P
   Daughter Board Powered by the EV Kit
19-6598; Rev 0; 2/13
MAX44006EVSYS# MAXIM-MAX44006EVSYS# Datasheet
1Mb / 25P
   Daughter Board Powered by the EV Kit
19-6598; Rev 0; 2/13
More results

Similar Description - MAX44006

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44005 MAXIM-MAX44005 Datasheet
3Mb / 27P
   RGB Color, Temperature,and Infrared Proximity Sensor
Rev 0; 5/12
logo
BetLux Electronics
TLS-SMD-300 BETLUX-TLS-SMD-300 Datasheet
92Kb / 2P
   Flexible LED strip light, Mono color and RGB color
logo
List of Unclassifed Man...
E3MC ETC-E3MC Datasheet
674Kb / 26P
   RGB Color Sensor
logo
HK TO-GRACE TECHNOLOGY ...
KPS-5130PD7C TO-GRACE-KPS-5130PD7C Datasheet
677Kb / 4P
   RGB Color Sensor
logo
Kingbright Corporation
APS5130PD7C-P22 KINGBRIGHT-APS5130PD7C-P22 Datasheet
206Kb / 4P
   RGB Color Sensor
logo
TT Electronics.
OVSRRGBCC3TM TTELEC-OVSRRGBCC3TM Datasheet
1Mb / 7P
   Full-color RGB
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-S822-QR999 AVAGO-HDJD-S822-QR999 Datasheet
274Kb / 11P
   RGB Color Sensor
logo
TT Electronics.
OVSRRGBCC3 TTELEC-OVSRRGBCC3 Datasheet
1Mb / 7P
   Full-color RGB
logo
Everlight Electronics C...
CLS15-22C-L213B-TR8 EVERLIGHT-CLS15-22C-L213B-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
logo
OmniVision Technologies...
OV9752 OMNIVISION-OV9752 Datasheet
3Mb / 2P
   RGB-IR color filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com