Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX19792 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX19792
Description  500MHz to 4000MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19792 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX19792 Datasheet HTML 1Page - Maxim Integrated Products MAX19792 Datasheet HTML 2Page - Maxim Integrated Products MAX19792 Datasheet HTML 3Page - Maxim Integrated Products MAX19792 Datasheet HTML 4Page - Maxim Integrated Products MAX19792 Datasheet HTML 5Page - Maxim Integrated Products MAX19792 Datasheet HTML 6Page - Maxim Integrated Products MAX19792 Datasheet HTML 7Page - Maxim Integrated Products MAX19792 Datasheet HTML 8Page - Maxim Integrated Products MAX19792 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
Maxim Integrated
MAX19792
500MHz to 4000MHz Dual Analog Voltage Variable
Attenuator with On-Chip 10-Bit SPI-Controlled DAC
RECOMMENDED AC OPERATING CONDITIONS
5V DC ELECTRICAL CHARACTERISTICS
(VCC = 4.75V to 5.25V, VCTRL = 1V, VDAC_LOGIC = 0V, RDBK_EN(D9, REG3) = logic 0, no RF signals applied, all input and output
ports terminated with 50I through DC blocks, TC = -40NC to +100NC, unless otherwise noted. Typical values are at VCC = 5V, VCTRL
= 1V, VDAC_LOGIC = 0V, RDBK_EN(D9, REG3) = logic 0, TC = +25NC, unless otherwise noted.) (Note 5)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
4.75
5.0
5.25
V
Supply Current
ICC
13
20
mA
CTRL Voltage Range
VCTRL
1
4
V
CTRL Input Resistance
RCTRL
124
kI
Input Current Logic-High
IIH
-1
+1
µA
Input Current Logic-Low
IIL
-1
+1
µA
REF_IN Voltage Range
1.4
V
REF_IN Input Resistance
1.0
MI
DAC Number of Bits
Monotonic
10
Bits
Input Voltage Logic-High
VIH
2
V
Input Voltage Logic-Low
VIL
0.8
V
COMP_OUT Logic-High
RDBK_EN(D9, REG3) = logic 1,
RLOAD = 47kI
3.3
V
COMP_OUT Logic-Low
RDBK_EN(D9, REG3) = logic 1,
RLOAD = 47kI
0
V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RF Frequency Range
fRF
(Note 6)
500
4000
MHz
RF Port Input Power
PRF
Continuous operation
15
dBm


Similar Part No. - MAX19792

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19792 MAXIM-MAX19792 Datasheet
6Mb / 25P
   10MHz to 500MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC
Rev 1; 5/15
More results

Similar Description - MAX19792

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19791 MAXIM-MAX19791 Datasheet
4Mb / 24P
   50MHz to 4000MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC
Rev 1; 10/12
MAX19794 MAXIM-MAX19794 Datasheet
6Mb / 25P
   10MHz to 500MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC
Rev 1; 5/15
MAX19793 MAXIM-MAX19793 Datasheet
3Mb / 23P
   1500MHz to 6000MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC
Rev 0; 9/12
MAX19790 MAXIM-MAX19790 Datasheet
2Mb / 11P
   250MHz to 4000MHz Dual, Analog Voltage Variable Attenuator
Rev 0; 3/10
MAX19791 MAXIM-MAX19791_V01 Datasheet
4Mb / 24P
   50MHz to 4000MHz Dual Analog Voltage Variable 50MHz to 4000MHz Dual Analog Voltage Variable
2015
logo
RF Micro Devices
RDA1005L RFMD-RDA1005L Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 50MHZ TO 4000MHZ, 6 BIT
RFDA4005 RFMD-RFDA4005 Datasheet
1Mb / 15P
   6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
logo
Qorvo, Inc
RFDA4005 QORVO-RFDA4005 Datasheet
1Mb / 15P
   6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
logo
Analog Devices
LTC2632 AD-LTC2632 Datasheet
518Kb / 24P
   Dual 12-/10-/8-Bit SPI DAC
logo
Microchip Technology
MCP4902 MICROCHIP-MCP4902 Datasheet
3Mb / 48P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com