Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F-55471 Datasheet(PDF) 4 Page - Kyocera Kinseki Corpotation

Part # F-55471
Description  Monochrome Graphic & Character LCDs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

F-55471 Datasheet(HTML) 4 Page - Kyocera Kinseki Corpotation

  F-55471 Datasheet HTML 1Page - Kyocera Kinseki Corpotation F-55471 Datasheet HTML 2Page - Kyocera Kinseki Corpotation F-55471 Datasheet HTML 3Page - Kyocera Kinseki Corpotation F-55471 Datasheet HTML 4Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FPD Total Solution Provider
Page 4
Graphic & Character LCDs
www.kyocera-display.com
Part #
Size
Color Background
Dot Format
Brightness
(nits)
Dimension
(mm)
Temperature
(C)
Interface
MG780
2.4”
120 x 32
25-60
78.0 x 33.2 x 8.5
0 to 70
8- bit Parallel
F-51320
2.8”
128 x 64
60-100
89.7 x 49.8 x 11.8
0 to 50
Parallel
F-55472
2.8”
128 x 64
60 -200
89.7 x 49.8 x 6
0 to 70
8-bit Parallel or Serial
F-51854
4.7
160 x 128
40
129.0 x 102.0 x 13.5
-20 to 70
8-bit Parallel
DMF-5001
4.7”
160 x 128
40
129.0 x 102.0 x 12.8
0 to 50
8-bit Parallel
F-51477
4.7”
320 x 240
150*
116.4 x 94.0 x 6.0
0 to 50
4-bit Parallel
F-55471
5.2”
240 x 64
60 -100
135.2 x 51.7 x 9.8
-20 to 70
8-bit Parallel
F-51405
5.2”
240 x 64
50 - 200
135.2 x 51.7 x 9.8
-20 to 70
8-bit Parallel
F-55157
5.7”
320 x 240
150
143.3 x 109.0 x 11.0
0 to 60
4-bit Paralle
DMF-50840
5.7”
320 x 240
50-60
167.1 x 109.0 x 11.0
0 to 60
4- bit Paralle
Part #
Format
Size
Color
Module Dimension (mm)
Interface
C-51848
16 x 2
4.0”
122.0 x 44.0 x 14.6
8-bit Parallel
DMC-16202
16 x 2
2.5”
84.0 x 45.0 x 15.1
8- bit Parallel
C-51505
20 x 2
3.3”
116. 0 x 37. 0 x 15.7
8-bit Parallel
DMC-20261
20 x 2
3.3”
116.0 x 37.0 x 15.7
8-bit parallel
C-51847
20 x 4
3.0”
98.5 x 61.0 x 15.6
8-bit Parallel
C-51850
40 x 2
6.0”
182.0 x 34.5 x 15.1
8-bit Parallel
C-51849
40 x 4
5.9”
190.0 x 54.0 x 14.6
8-bit Parallel
Graphic LCDs
Character LCDs
KYOCERA Display America, Inc.
46723 Five Mile Road
Plymouth, Michigan 48170
Telephone: (734) 416-8500
Fax: (734) 416-8520
These specifications are subject to change without notice. Please check with KYOCERA Display America prior to designing equipment using this
Released Sept 2011| Copyright © 1998-2012 KYOCERA Display America, Inc.
* RoHS compliance is based upon KYOCERA Display America’s understanding of RoHS and KYOCERA America’s knowledge of the materials used by the manufacturer in its products.
All trademarks are the property of their respective owners.
pc
phone
setup
file
FILE
graph
phone
phone
W
G
W
G
B
W
G
W
G
W
G
B
B
B
B
B
pc
graph
B
F-55472
C-51847
C-51505
Detailed Product Information
phone
setup
setup
phone
file
FILE
F-55471
pp
clock
phone
phone
file
FILE
file
FILE
www.Kyocera-display.com/products
phone
*” Brightness is measured at the backlight surface
pc
phone
file
FILE


Similar Part No. - F-55471

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
F-55471AC OPTREX-F-55471AC Datasheet
56Kb / 1P
   DIMENSIONAL OUTLINE
logo
Kyocera Kinseki Corpota...
F-55471GNFQJ-LW-ACN KSS-F-55471GNFQJ-LW-ACN Datasheet
707Kb / 32P
   LCD Module Technicla Specification
More results

Similar Description - F-55471

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-020N004L VISHAY-LCD-020N004L_V01 Datasheet
73Kb / 3P
   20 x 4 Character LCDs
01-Jan-2022
LCD-160H032A VISHAY-LCD-160H032A_V01 Datasheet
69Kb / 3P
   160 x 32 Graphic LCDs
01-Jan-2022
LCD-160H160A VISHAY-LCD-160H160A_V01 Datasheet
61Kb / 3P
   160 x 160 Graphic LCDs
01-Jan-2022
LCD-240H128A VISHAY-LCD-240H128A_V01 Datasheet
68Kb / 3P
   240 x 128 Graphic LCDs
01-Jan-2022
LCD-240H128E VISHAY-LCD-240H128E_V01 Datasheet
133Kb / 3P
   240 x 128 Graphic LCDs
01-Jan-2022
LCD-320H240A VISHAY-LCD-320H240A_V01 Datasheet
71Kb / 3P
   320 x 240 Graphic LCDS
01-Jan-2022
LCD-128H064C VISHAY-LCD-128H064C_V01 Datasheet
67Kb / 3P
   128 x 64 Graphic LCDs
01-Jan-2022
LCD-128H064E VISHAY-LCD-128H064E_V01 Datasheet
70Kb / 3P
   128 x 64 Graphic LCDs
01-Jan-2022
LCD-122H032D VISHAY-LCD-122H032D_V01 Datasheet
63Kb / 3P
   122 x 32 Graphic LCDs
01-Jan-2022
LCD-144H032A VISHAY-LCD-144H032A_V01 Datasheet
71Kb / 3P
   144 x 32 Graphic LCDs
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com