Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15021 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX15021
Description  Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15021 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX15021 Datasheet HTML 4Page - Maxim Integrated Products MAX15021 Datasheet HTML 5Page - Maxim Integrated Products MAX15021 Datasheet HTML 6Page - Maxim Integrated Products MAX15021 Datasheet HTML 7Page - Maxim Integrated Products MAX15021 Datasheet HTML 8Page - Maxim Integrated Products MAX15021 Datasheet HTML 9Page - Maxim Integrated Products MAX15021 Datasheet HTML 10Page - Maxim Integrated Products MAX15021 Datasheet HTML 11Page - Maxim Integrated Products MAX15021 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Dual, 4A/2A, 4MHz, Step-Down DC-DC
Regulator with Tracking/Sequencing Capability
MAX15021
8
Maxim Integrated
Functional Diagrams
MAX15021
RES
AVIN
SEL
SGND
PWM CONTROLLER 1
CLK1
RT
COMP1
FB1
VREF
1.225V
1.1V
SEQ1
ON1 ON2
SEQ1
SHDN
SEQ2
ON1
SEQ1
SEQ1
CLK1
CLK2
LEVEL
SHIFT
SEQ2
OVL1
ILIM1
OVL1
PGND1
LX1
OVL2
SHDN
CLK1 CLK2
DOWN1
E/A
CPWM
VR1
EN1
0.6V
REF
VREF
RAMP
EN
OSC
THERMAL
SHDN
OVL
CONFIG
EN CONFIG
SEL DECODE
OVERLOAD
MANAGEMENT
DIGITAL
SOFT-START
AND SOFT-STOP
1.225V
1.1V
D
D0
BREAK-
BEFORE-
MAKE
Q
AVIN
HIGH-SIDE
CURRENT
SENSE
LOW-SIDE
CURRENT
SENSE
CLK
DVDD1
EN1
PVIN1


Similar Part No. - MAX15021

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15021 MAXIM-MAX15021 Datasheet
354Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator withTracking/ Sequencing Capability
2015
MAX15021ATI MAXIM-MAX15021ATI Datasheet
338Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator
Rev 1; 8/12
MAX15021ATI/V MAXIM-MAX15021ATI/V Datasheet
338Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator
Rev 1; 8/12
MAX15021ATI/V++ MAXIM-MAX15021ATI/V+ Datasheet
354Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator withTracking/ Sequencing Capability
2015
MAX15021 MAXIM-MAX15021_V01 Datasheet
354Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator withTracking/ Sequencing Capability
2015
More results

Similar Description - MAX15021

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15021 MAXIM-MAX15021_V01 Datasheet
354Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator withTracking/ Sequencing Capability
2015
MAX15021ATI MAXIM-MAX15021ATI Datasheet
338Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator
Rev 1; 8/12
MAX15022 MAXIM-MAX15022 Datasheet
336Kb / 27P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
Rev 0; 5/08
MAX15022 MAXIM-MAX15022_11 Datasheet
317Kb / 28P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
ev 1; 7/11
logo
Linear Technology
LTC3416 LINER-LTC3416_15 Datasheet
219Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator with Tracking
LTC3416 LINER-LTC3416 Datasheet
238Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator with Tracking
LTC3614 LINER-LTC3614_15 Datasheet
794Kb / 30P
   4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3614 LINER-LTC3614 Datasheet
451Kb / 28P
   4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTM4622A LINER-LTM4622A Datasheet
863Kb / 30P
   Dual Ultrathin 2A or Single 4A Step-Down DC/DC 關Module Regulator
LTC3417 LINER-LTC3417 Datasheet
350Kb / 20P
   Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com