Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14808 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14808
Description  Octal Three-Level/Quad Five-Level High-Voltage 2A Digital Pulsers with T/R Switch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14808 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14808 Datasheet HTML 1Page - Maxim Integrated Products MAX14808 Datasheet HTML 2Page - Maxim Integrated Products MAX14808 Datasheet HTML 3Page - Maxim Integrated Products MAX14808 Datasheet HTML 4Page - Maxim Integrated Products MAX14808 Datasheet HTML 5Page - Maxim Integrated Products MAX14808 Datasheet HTML 6Page - Maxim Integrated Products MAX14808 Datasheet HTML 7Page - Maxim Integrated Products MAX14808 Datasheet HTML 8Page - Maxim Integrated Products MAX14808 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
MAX14808/MAX14809
Octal Three-Level/Quad Five-Level High-Voltage
2A Digital Pulsers with T/R Switch
General Description
The MAX14808/MAX14809 octal three-level/quad five-
level, high-voltage (HV) pulser devices generate high-
frequency HV bipolar pulses (up to Q105V) from low-
voltage control logic inputs for driving piezoelectric
transducers in ultrasound systems. All eight channels
have embedded overvoltage-protection diodes and an
integrated active return-to-zero clamp. Both devices have
embedded independent (floating) power supplies (FPS)
and level shifters that allow signal transmission without
the need for external HV capacitors. The MAX14808 also
features eight integrated transmit/receive (T/R) switches.
The MAX14809 does not have the T/R switch function.
The devices feature two modes of operation: an octal
three-level pulser mode (with integrated active return-
to-zero clamp) or a quad five-level pulser mode. In octal
three-level pulser mode, each channel is controlled by
two logic inputs (DINN_ /DINP_) and the active return
to zero features half the current driving of the pulser 1A
(typ). In quad five-level pulser mode, each channel is
controlled by three logic inputs and the active return to
zero has the same current driving of the pulser 2A (typ).
The devices can operate both in clocked and transparent
mode. In clocked mode, data inputs can be synchronized
with a clean differential or single-ended clock to reduce
phase noise associated with FPGA output signals that are
detrimental for Doppler analysis. In transparent mode, the
synchronization feature is disabled and output reflects
the data input after a 18ns delay. Both devices feature
adjustable maximum current (0.5A to 2A) to reduce power
consumption when full current capability is not required.
The devices feature integrated grass-clipping diodes
(with low parasitic capacitance) for receive (Rx) and
transmit (Tx) isolations. Both devices feature a damping
circuit that can be activated as soon as the transmit burst
is over. The damping circuit has a typical on-resistance of
500I. It fully discharges the pulser’s output internal node
before the grass-clipping diodes.
The devices are available in a 68-pin (10mm x 10mm)
TQFN package with an exposed pad and are specified
over the -40NC to +85NC extended temperature range.
Benefits and Features
S
Save Space (Optimized for High-Channel-Count
Systems/Portable Systems)
High Density
•EightChannels(Three-LevelOperation)
•FourChannels(Five-LevelOperation)in
One Package
IntegratedLow-PowerT/RSwitches(MAX14808)
DirectDrive®ArchitectureEliminatesExternal
High-Voltage Capacitor
NoExternalFloatingPowerSupply(FPS)
Required
S
HighPerformance(DesignedtoEnhanceImage
Quality)
Excellent-43dBc(typ)THDforSecond
Harmonicat5MHz
SyncFunctionEliminatesEffectsofFPGAJitter
andImprovesPerformanceinDopplerMode
LowPropagationDelay18ns(typ)
StrongActiveReturntoZero
S
SavePower
LowQuiescentPowerDissipation(5.7mW/
ChannelinOctalMode)
Programmable Current Capability
ShutdownModeandDisableTransmitMode
Applications
Ultrasound Medical Imaging
Industrial Flaw Detection
Piezoelectric Drivers
Test Equipment
19-6438; Rev 0; 9/12
Ordering Information and Functional Diagram appear at end
of data sheet.
For related parts and recommended products to use with this part, refer to www.maximintegrated.com/MAX14808.related.
DirectDrive is a registered trademark of Maxim Integrated.
EVALUATION KIT AVAILABLE
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.


Similar Part No. - MAX14808

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14808 MAXIM-MAX14808 Datasheet
1Mb / 25P
   3.5mm Scope-Probe Jacks for High-Voltage Outputs
Rev 0; 12/12
MAX14808 MAXIM-MAX14808 Datasheet
728Kb / 31P
   Octal Three-Level/Quad Five-Level High-Voltage 2A Digital Pulsers with T/R Switch
2013
MAX14808ETK++ MAXIM-MAX14808ETK+ Datasheet
728Kb / 31P
   Octal Three-Level/Quad Five-Level High-Voltage 2A Digital Pulsers with T/R Switch
2013
MAX14808EVKIT MAXIM-MAX14808EVKIT Datasheet
1Mb / 25P
   3.5mm Scope-Probe Jacks for High-Voltage Outputs
Rev 0; 12/12
MAX14808EVKIT# MAXIM-MAX14808EVKIT# Datasheet
1Mb / 25P
   3.5mm Scope-Probe Jacks for High-Voltage Outputs
Rev 0; 12/12
More results

Similar Description - MAX14808

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14808 MAXIM-MAX14808_V01 Datasheet
728Kb / 31P
   Octal Three-Level/Quad Five-Level High-Voltage 2A Digital Pulsers with T/R Switch
2013
MAX14988 MAXIM-MAX14988 Datasheet
520Kb / 21P
   2.5A Octal Three-Level Digital Pulsers with TR Switches
2014
logo
Texas Instruments
TX7316 TI1-TX7316 Datasheet
274Kb / 7P
[Old version datasheet]   Three-level, 16-channel or five-level, 8-channel transmitter with 2.4-A pulser, T/R switch, and integrated transmit beamformer
TX7516 TI-TX7516_V01 Datasheet
626Kb / 9P
[Old version datasheet]   TX7516 Five-Level, 16-Channel Transmitter with T/R Switch, and On-Chip Beamformer
MARCH 2022
TX7516 TI-TX7516 Datasheet
594Kb / 8P
[Old version datasheet]   TX7516 Five-Level, 16-Channel Transmitter with T/R Switch, and On-Chip Beamformer
logo
Microchip Technology
HV7360 MICROCHIP-HV7360 Datasheet
611Kb / 18P
   High-Speed 짹100V 2.5A Two-or-Three-Level Ultrasound Pulsers
07/14/15
logo
Maxim Integrated Produc...
MAX4940 MAXIM-MAX4940 Datasheet
1Mb / 18P
   Dual/Quad, Unipolar/Bipolar, High-Voltage Digital Pulsers
Rev 0; 4/09
logo
Fairchild Semiconductor
MM74HC4316 FAIRCHILD-MM74HC4316 Datasheet
106Kb / 9P
   Quad Analog Switch with Level Translator
74VHC4316 FAIRCHILD-74VHC4316 Datasheet
104Kb / 9P
   Quad Analog Switch with Level Translator
logo
Texas Instruments
TX7332 TI1-TX7332 Datasheet
411Kb / 9P
[Old version datasheet]   Three-level, 32-channel transmitter with 1.2-A pulser, T/R switch, and integrated transmit beamformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com