Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11323 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX11323
Description  1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11323 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX11323 Datasheet HTML 6Page - Maxim Integrated Products MAX11323 Datasheet HTML 7Page - Maxim Integrated Products MAX11323 Datasheet HTML 8Page - Maxim Integrated Products MAX11323 Datasheet HTML 9Page - Maxim Integrated Products MAX11323 Datasheet HTML 10Page - Maxim Integrated Products MAX11323 Datasheet HTML 11Page - Maxim Integrated Products MAX11323 Datasheet HTML 12Page - Maxim Integrated Products MAX11323 Datasheet HTML 13Page - Maxim Integrated Products MAX11323 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
10
Maxim Integrated
MAX11321–MAX11328
1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with
Post-Mux External Signal Conditioning Access
Typical Operating Characteristics (continued)
(MAX11322ATJ+/MAX11325ATJ+/MAX11328ATJ+, TA = +25°C, unless otherwise noted.)
SNR vs. INPUT RESISTANCE
RIN (I)
4500
4000
3500
3000
2500
2000
1500
1000
500
71.5
72.0
72.5
fSAMPLE = 1Msps
fIN = 100kHz
BUFFER BETWEEN AOP AND AIP
BUFFER BETWEEN AON AND AIN
AOP SHORTED TO AIP
AON SHORTED TO AIN
73.0
71.0
0
5000
SFDR vs. INPUT RESISTANCE
80
85
90
75
RIN (I)
4500
4000
3500
3000
2500
2000
1500
1000
500
0
5000
fSAMPLE = 1Msps
fIN = 100kHz
BUFFER BETWEEN AOP AND AIP
BUFFER BETWEEN AON AND AIN
AOP SHORTED TO AIP
AON SHORTED TO AIN
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
1.5
2.0
2.5
fSAMPLE = 1Msps
VDD = 3.0V
3.0
1.0
-40
125
SNR vs. REFERENCE VOLTAGE
VREFP (V)
3.4
3.0
2.6
2.2
1.8
1.4
69
70
71
72
73
74
68
1.0
fSAMPLE = 1Msps
fIN = 100kHz
SINAD vs. INPUT RESISTANCE
71
72
73
70
RIN (I)
4500
4000
3500
3000
2500
2000
1500
1000
500
0
5000
fSAMPLE = 1Msps
fIN = 100kHz
BUFFER BETWEEN AOP AND AIP
BUFFER BETWEEN AON AND AIN
AOP SHORTED TO AIP
AON SHORTED TO AIN
100kHz SINE-WAVE INPUT
(8192 POINT FFT PLOT)
FREQUENCY (kHz)
450
400
350
300
250
200
150
100
50
-100
-80
-60
-40
-20
0
-120
0
500
AHD2 = -102.99dB
f = 200kHz
AHD3 = -86.69dB
f = 300kHz
fSAMPLE = 1Msps
fIN = 100kHz
THD vs. INPUT RESISTANCE
RIN (I)
4500
4000
3500
3000
2500
2000
1500
1000
500
-85
-80
-75
fSAMPLE = 1Msps
fIN = 100kHz
BUFFER BETWEEN AOP AND AIP
BUFFER BETWEEN AON AND AIN
-70
-90
0
5000
AOP SHORTED TO AIP
AON SHORTED TO AIN
REFERENCE CURRENT
vs. SAMPLING RATE
fSAMPLE (ksps)
500
10
20
30
40
50
0
0
1000


Similar Part No. - MAX11323

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1132 MAXIM-MAX1132 Datasheet
235Kb / 8P
   Convenient Test Points Provided On-Board
Rev 1; 12/06
MAX1132 MAXIM-MAX1132 Datasheet
127Kb / 8P
   Convenient Test Points Provided On-Board
Rev 0; 3/97
MAX1132-MAX1133 MAXIM-MAX1132-MAX1133 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX11321ATJ++ MAXIM-MAX11321ATJ+ Datasheet
1Mb / 37P
   1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
2014
More results

Similar Description - MAX11323

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11321 MAXIM-MAX11321_V01 Datasheet
1Mb / 37P
   1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
2014
MAX11335 MAXIM-MAX11335_V01 Datasheet
2Mb / 37P
   500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning AccessPost-Mux External Signal Conditioning Access
2021
MAX11329 MAXIM-MAX11329 Datasheet
3Mb / 37P
   3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Rev 0; 3/12
MAX11329_V1 MAXIM-MAX11329_V1 Datasheet
3Mb / 37P
   3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Rev 1; 6/12
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
MAX11120 MAXIM-MAX11120_12 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 4/12
MAX11335 MAXIM-MAX11335 Datasheet
3Mb / 37P
   500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs
Rev 0; 9/12
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com