Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9812 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9812
Description  Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9812 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9812 Datasheet HTML 1Page - Maxim Integrated Products MAX9812 Datasheet HTML 2Page - Maxim Integrated Products MAX9812 Datasheet HTML 3Page - Maxim Integrated Products MAX9812 Datasheet HTML 4Page - Maxim Integrated Products MAX9812 Datasheet HTML 5Page - Maxim Integrated Products MAX9812 Datasheet HTML 6Page - Maxim Integrated Products MAX9812 Datasheet HTML 7Page - Maxim Integrated Products MAX9812 Datasheet HTML 8Page - Maxim Integrated Products MAX9812 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Typical Operating Characteristics
(VCC = 3.3V (MAX9812L/MAX9813L), VCC = 5V (MAX9812H/MAX9813H), VGND = 0V, RL = 10k
Ω to VCC/2, SHDN = VCC, TA = +25°C,
unless otherwise noted.)
-20
0
-10
20
10
30
40
10
1k
10k
100
100k
1M
10M
GAIN vs. FREQUENCY
FREQUENCY (Hz)
RL = OPEN
VOUT = 10mVP-P
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
10
100k
-150
-80
-90
-100
-110
-120
-130
-140
-60
-70
-40
-50
-30
-10
-20
0
VRIPPLE = 200mVP-P
INPUT REFERRED
POWER-SUPPLY REJECTION RATIO
(VCC TO BIAS) vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
10
100k
VRIPPLE = 200mVP-P
200
210
205
220
215
230
225
235
245
240
250
-40
-10
5
20
-25
35
50
65
80
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
MAX9812H
MAX9812L
100
140
120
180
160
220
200
240
280
260
300
2.0
2.8 3.2 3.6
2.4
4.0 4.4 4.8
5.6
5.2
6.0
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
MAX9812L
MAX9812H
0.05
0.07
0.06
0.09
0.08
0.11
0.10
0.12
0.14
0.13
0.15
-40
-10
5
20
-25
35
50
65
80
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
2.27
2.28
2.29
2.30
2.31
2.32
2.33
-40
-10
-25
5
20
35
50
65
80
VBIAS vs. TEMPERATURE
MAX9812 toc07
TEMPERATURE (
°C)
3.97
3.98
3.99
4.00
4.01
4.02
4.03
3.96
MAX9812H
MAX9812L
2.2997
2.2998
2.2999
2.3000
2.3001
2.3002
0
0.8 1.0
0.4 0.6
0.2
1.2 1.4 1.6 1.8 2.0
VBIAS vs. IBIAS
MAX9812 toc08
IBIAS (mA)
MAX9812H
MAX9812L
3.9998
3.9999
4.0000
4.0001
4.0002
4
Maxim Integrated
MAX9812/MAX9813
Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain
Microphone Amplifiers with Integrated Bias


Similar Part No. - MAX9812

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
MAX9812 DALLAS-MAX9812 Datasheet
309Kb / 11P
   Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
logo
Maxim Integrated Produc...
MAX9812 MAXIM-MAX9812 Datasheet
280Kb / 10P
   Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
2014
MAX9812HEXT MAXIM-MAX9812HEXT Datasheet
245Kb / 10P
   Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
Rev 2; 9/12
MAX9812HEXT+T MAXIM-MAX9812HEXT+T Datasheet
280Kb / 10P
   Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
2014
logo
Dallas Semiconductor
MAX9812HEXT-T DALLAS-MAX9812HEXT-T Datasheet
309Kb / 11P
   Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
More results

Similar Description - MAX9812

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9812 MAXIM-MAX9812_V01 Datasheet
280Kb / 10P
   Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
2014
logo
Dallas Semiconductor
MAX9812 DALLAS-MAX9812 Datasheet
309Kb / 11P
   Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
logo
Maxim Integrated Produc...
MAX9812HEXT MAXIM-MAX9812HEXT Datasheet
245Kb / 10P
   Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
Rev 2; 9/12
MAX40079 MAXIM-MAX40079 Datasheet
1Mb / 18P
   Single/Dual/Quad Ultra-Low Input Bias Current, Low-Noise Amplifiers
2020
logo
National Semiconductor ...
LMV101 NSC-LMV101 Datasheet
769Kb / 12P
   Fixed-Gain Amplifiers
LMV101 NSC-LMV101_00 Datasheet
772Kb / 12P
   Fixed-Gain Amplifiers
logo
Renesas Technology Corp
EL5106 RENESAS-EL5106 Datasheet
717Kb / 14P
   350MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5108 INTERSIL-EL5108_06 Datasheet
337Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5108 RENESAS-EL5108 Datasheet
682Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5106 INTERSIL-EL5106 Datasheet
457Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com