Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0637120000 Datasheet(PDF) 1 Page - Weidmuller

Part # 0637120000
Description  SAKG 28 III SAKG 32 II SAKG 32 III SAKG 32 II G SAKG 32 I SAKG 28 II G
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0637120000 Datasheet(HTML) 1 Page - Weidmuller

  0637120000 Datasheet HTML 1Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
151
SAKG 28 III
0170820000
28/70/63.5 (1.1/2.76/2.5)
600 V / 95 A / #2 AWG
600 V / 135 A / #8…2 AWG
1000 V / 135 A / 35 mm2
22.6 (200.0)
6
Type
Part No.
EP 1 (2)
0205100000
EP 1 (2)
0205200000
TW 1 (2)
0151400000
TW 1 (2)
0164600000
AH 28
0326660000
DEK 5/5
0473460001
DEK 5/5
0473560001
SAKG 32 II
0170420000
0637320000
32/84/51 (1.263.31/2.01)
32/84/53 (1.263.31/2.09)
600 V / 165 A / #3 AWG
600 V / 170 A / #1…2/0 AWG
1000 V / 168 A / 70 mm2
22.6 (200.0)
8
Type
Part No.
EP 1 (2)
0205100000
EP 1 (2)
0205200000
EP 1/35 (2)
0180500000
EP 1/35 (2)
0180600000
TW 1 (2)
0151400000
TW 1 (2)
0164600000
QL 2
0194000000
QL 3
0441500000
QL 4
0441600000
AH 32
0326760000
DEK 5/5
0473460001
DEK 5/5
0473560001
SAKG 32 III
0286720000
0637720000
32/94/84.5 (1.26/3.7/3.3)
32/94/84 (1.26/3.7/3.31)
23, 26 (.91, 1.02)
600 V / 156 A / #3 AWG
600 V / 185 A / #1…2/0 AWG
1000 VAC / 207 A / 70 mm2
22.6 (200.0)
8
Type
Part No.
EP 2 (2)
0205300000
EP 2 (2)
0205400000
EP 2/35 (2)
0180700000
EP 2/35 (2)
0180800000
TW 2 (2)
0177100000
TW 2 (2)
0179900000
AH 32
0326760000
DEK 5/5
0473460001
DEK 5/5
0473560001
SAKG 32 II G
0185120000
0637420000
32/84/53 (1.26/3.31/2.09)
32/84/53 (1.26/3.31/2.09)
600 V / 165 A / #1…3/0 AWG
1000 V / 168 A / 70 mm2
22.6 (200.0)
8
Type
Part No.
EP 1 (2)
0205100000
EP 1 (2)
0205200000
EP 1/35 (2)
0180500000
EP 1/35 (2)
0180600000
TW 1 (2)
0151400000
TW 1 (2)
0164600000
QL 2
0194000000
QL 3
0441500000
QL 4
0441600000
AH 32
0326760000
DEK 5/5
0473460001
DEK 5/5
0473560001
SAKG 32 I
0286620000
0637120000
32/87/84.5 (1.26/3.43/3.3)
32/87/84 (1.26/3.43/3.31)
23…26 (.91…1.02)
600 V / 165 A / #3 AWG
600 V / 170 A / #1…2/0 AWG
1000 V / 168 A / 70 mm2
22.6 (200.0)
8
Type
Part No.
EP 1 (2)
0205300000
EP 1 (2)
0205400000
EP 2/35 (2)
0180700000
EP 2/35 (2)
0180800000
TW 2 (2)
0177100000
TW 2 (2)
0179900000
QL 2
0194000000
QL 3
0441500000
QL 4
0441600000
AH 32
0326760000
DEK 5/5
0473460001
DEK 5/5
0473560001
See Accessories section for mounting rails, end brackets, test taps, additional marking material and accessories.
SAKG 28 II G
0185020000
28/70/53 (1.1/2.76/2.09)
1000 V / 110 A / 35 mm2
22.6 (200.0)
6
Type
Part No.
EP 1 (2)
0205100000
EP 1 (2)
0205200000
TW 1 (2)
0151400000
TW 1 (2)
0164600000
QL 2
0193900000
QL 3
0407600000
QL 4
0407700000
AH 28
0326660000
DEK 5/5
0473460001
DEK 5/5
0473560001


Similar Part No. - 0637120000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0637120000 WEIDMULLER-0637120000 Datasheet
1Mb / 52P
   SAK-series
More results

Similar Description - 0637120000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
967598-1 MACOM-967598-1 Datasheet
322Kb / 1P
   MODU II PIN HEADER , 32 POS. MODU II Stiftwanne , 32 pol
logo
Molex Electronics Ltd.
0545973200 MOLEX7-0545973200 Datasheet
109Kb / 2P
   Mi II??Clip, 32 circuits
logo
ESS Technology,Inc
ES9026PRO ESS-ES9026PRO Datasheet
1Mb / 57P
   32-Bit HyperStream짰 II 8-Channel Audio DAC
logo
Allegro MicroSystems
A5833 ALLEGRO-A5833 Datasheet
296Kb / 9P
   BiMOS II 32-Bit Serial Input Latched Driver
October 28, 2005
A5832 ALLEGRO-A5832 Datasheet
222Kb / 9P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
October 28, 2005
logo
ESS Technology,Inc
ES9028PRO ESS-ES9028PRO Datasheet
1Mb / 57P
   32-Bit HyperStream짰 II 8-Channel Audio DAC
logo
Allegro MicroSystems
5832 ALLEGRO-5832 Datasheet
78Kb / 8P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
5833 ALLEGRO-5833 Datasheet
153Kb / 8P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVER
logo
Qorvo, Inc
CMD217 QORVO-CMD217 Datasheet
112Kb / 8P
   28-32 GHz GaN Power Amplifier
logo
Molex Electronics Ltd.
0639004300 MOLEX-0639004300 Datasheet
32Kb / 1P
   FineAdjust Applicator, 28-32 AWG Wire
08/25/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com