Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6420 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6420
Description  Low-Power, Single/Dual-Voltage μP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6420 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6420_12 Datasheet HTML 4Page - Maxim Integrated Products MAX6420_12 Datasheet HTML 5Page - Maxim Integrated Products MAX6420_12 Datasheet HTML 6Page - Maxim Integrated Products MAX6420_12 Datasheet HTML 7Page - Maxim Integrated Products MAX6420_12 Datasheet HTML 8Page - Maxim Integrated Products MAX6420_12 Datasheet HTML 9Page - Maxim Integrated Products MAX6420_12 Datasheet HTML 10Page - Maxim Integrated Products MAX6420_12 Datasheet HTML 11Page - Maxim Integrated Products MAX6420_12 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Interfacing to Other Voltages for Logic
Compatibility
The open-drain outputs of the MAX6414/MAX6417/
MAX6420 can be used to interface to µPs with other
logic levels. As shown in Figure 5, the open-drain out-
put can be connected to voltages from 0 to 5.5V. This
allows for easy logic compatibility to various micro-
processors.
Negative-Going VCC Transients
In addition to issuing a reset to the µP during power-up,
power-down, and brownout conditions, these supervisors
are relatively immune to short-duration negative-going
transients (glitches). The Maximum Transient Duration vs.
Reset Threshold Overdrive graph in the
Typical
Operating Characteristics shows this relationship.
The area below the curve of the graph is the region in
which these devices typically do not generate a reset
pulse. This graph was generated using a negative-
going pulse applied to VCC, starting above the actual
reset threshold (VTH) and ending below it by the magni-
tude indicated (reset-threshold overdrive). As the mag-
nitude of the transient decreases (farther below the
reset threshold), the maximum allowable pulse width
decreases. Typically, a VCC transient that goes 100mV
below the reset threshold and lasts 50µs or less will not
cause a reset pulse to be issued.
Ensuring a Valid RESET or
RESET
Down to VCC = 0V
When VCC falls below 1V, RESET/RESET current sink-
ing (sourcing) capabilities decline drastically. In the
case of the MAX6412, MAX6415, and MAX6418, high-
impedance CMOS-logic inputs connected to RESET
can drift to undetermined voltages. This presents no
problems in most applications, since most µPs and
other circuitry do not operate with VCC below 1V.
In those applications where RESET must be valid down
to 0, adding a pulldown resistor between RESET and
ground sinks any stray leakage currents, holding
RESET low (Figure 6). The value of the pulldown resis-
tor is not critical; 100k
Ω is large enough not to load
RESET and small enough to pull RESET to ground. For
applications using the MAX6413, MAX6416, and
MAX6419, a 100k
Ω pullup resistor between RESET and
VCC will hold RESET high when VCC falls below 1V
(Figure 7). Open-drain RESET versions are not recom-
mended for applications requiring valid logic for VCC
down to 0V.
Low-Power, Single/Dual-Voltage µP Reset Circuits
with Capacitor-Adjustable Reset Timeout Delay
MAX6412–MAX6420
8
Maxim Integrated
MAX6414
MAX6417
MAX6420
VCC
GND
3.3V
5.0V
RESET
10k
5V SYSTEM
Figure 5. MAX6414/MAX6417/MAX6420 Open-Drain RESET
Output Allows use with Multiple Supplies
MAX6412
MAX6415
MAX6418
GND
VCC
VCC
RESET
100k
Figure 6. Ensuring RESET Valid to VCC = 0V
MAX6413
MAX6416
MAX6419
GND
VCC
VCC
RESET
100k
Figure 7. Ensuring RESET Valid to VCC = 0V


Similar Part No. - MAX6420_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6420UK-T MAXIM-MAX6420UK-T Datasheet
146Kb / 12P
   Low-Power, Single/Dual-Voltage 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 3; 3/10
MAX6420UK16-T MAXIM-MAX6420UK16-T Datasheet
190Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
19-2336; Rev 1; 8/03
MAX6420UK16-T MAXIM-MAX6420UK16-T Datasheet
193Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
MAX6420UK22-T MAXIM-MAX6420UK22-T Datasheet
190Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
19-2336; Rev 1; 8/03
MAX6420UK22-T MAXIM-MAX6420UK22-T Datasheet
193Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
More results

Similar Description - MAX6420_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6753KA29-T MAXIM-MAX6753KA29-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6412 MAXIM-MAX6412 Datasheet
190Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
19-2336; Rev 1; 8/03
MAX6414UK26T MAXIM-MAX6414UK26T Datasheet
193Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
MAX6412 MAXIM-MAX6412_10 Datasheet
146Kb / 12P
   Low-Power, Single/Dual-Voltage 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 3; 3/10
logo
SG Micro Corp
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM800 SGMICRO-SGM800 Datasheet
280Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM802 SGMICRO-SGM802 Datasheet
291Kb / 12P
   Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746_10 Datasheet
159Kb / 14P
   uP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 4; 9/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com