Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8869 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8869
Description  1A, Microcap, Low-Dropout, Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8869 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8869_12 Datasheet HTML 3Page - Maxim Integrated Products MAX8869_12 Datasheet HTML 4Page - Maxim Integrated Products MAX8869_12 Datasheet HTML 5Page - Maxim Integrated Products MAX8869_12 Datasheet HTML 6Page - Maxim Integrated Products MAX8869_12 Datasheet HTML 7Page - Maxim Integrated Products MAX8869_12 Datasheet HTML 8Page - Maxim Integrated Products MAX8869_12 Datasheet HTML 9Page - Maxim Integrated Products MAX8869_12 Datasheet HTML 10Page - Maxim Integrated Products MAX8869_12 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MAX8869
1A, Microcap, Low-Dropout,
Linear Regulator
7
Maxim Integrated
Output Voltage Selection
The MAX8869 features Dual Mode operation. Connect
SET to GND (Figure 2) for preset voltage mode (see
Ordering Information). In adjustable mode, set the out-
put between +0.8V to +5.0V through two external resis-
tors connected as a voltage-divider to SET (Figure 3).
The output voltage is set by the following equation:
VOUT = VSET (1 + R1 / R2)
where VSET = +0.8V. To simplify resistor selection:
R1 = R2 (VOUT / VSET - 1)
Since the input bias current at SET is nominally 50nA,
large resistance values can be used for R1 and R2 to
minimize power consumption without losing efficiency.
Up to 80k
Ω is acceptable for R2.
In preset voltage mode, the impedance between SET
and ground should be less than 10k
Ω. Otherwise, spu-
rious conditions could cause the voltage at SET to
exceed the 80mV Dual Mode threshold.
Shutdown
A logic low on SHDN disables the MAX8869. In shut-
down, the pass transistor, control circuitry, reference,
and all biases are turned off, reducing supply current to
typically 0.1µA. Connect SHDN to IN for normal opera-
tion. In shutdown, RST is low and the soft-start capaci-
tor is discharged.
RST Comparator
The MAX8869 features a low VOUT indicator that
asserts when the output voltage falls out of regulation.
The open-drain RST goes low when OUT falls 8%
Figure 1. Functional Diagram
Figure 2. Typical Operating Circuit with Preset Output Voltage
MOSFET DRIVER
WITH FOLDBACK
CURRENT LIMIT
SHUTDOWN
LOGIC
0.8V
REFERENCE
SS
GND
SHDN
IN
OUT
RST
SET
VSS
6
µA
736mV
THERMAL
SENSOR
OUT
DELAY TIMER
IN
3ms
SHUTDOWN
ERROR AMP
DUAL MODE
COMPARATOR
80mV
92% VOUT
DETECTOR
VSS
PMOS
NMOS
R1
R2
MAX8869
IN
IN
IN
IN
SHDN
SS
OUT
OUT
OUT
OUT
RST
SET
GND
ON
OFF
COUT
1
µF
CIN
1
µF
CSS
VOUT
VIN
RESET
OUTPUT
MAX8869


Similar Part No. - MAX8869_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8869 MAXIM-MAX8869_11 Datasheet
530Kb / 11P
   1A, Microcap, Low-Dropout, Linear Regulator Foldback Output Current Limit
Rev 1; 3/11
More results

Similar Description - MAX8869_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8869 MAXIM-MAX8869 Datasheet
538Kb / 10P
   1A, MicroCap, Low-Dropout, Linear Regulator
MAX8869 MAXIM-MAX8869_11 Datasheet
530Kb / 11P
   1A, Microcap, Low-Dropout, Linear Regulator Foldback Output Current Limit
Rev 1; 3/11
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com