Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6009 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6009
Description  1μA SOT23 Precision ShuntVoltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6009 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6009_12 Datasheet HTML 1Page - Maxim Integrated Products MAX6009_12 Datasheet HTML 2Page - Maxim Integrated Products MAX6009_12 Datasheet HTML 3Page - Maxim Integrated Products MAX6009_12 Datasheet HTML 4Page - Maxim Integrated Products MAX6009_12 Datasheet HTML 5Page - Maxim Integrated Products MAX6009_12 Datasheet HTML 6Page - Maxim Integrated Products MAX6009_12 Datasheet HTML 7Page - Maxim Integrated Products MAX6009_12 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MAX6006–MAX6009
1µA SOT23 Precision Shunt
Voltage Reference
2
Maxim Integrated
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX6006
(TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Operating Current (OUT to GND) ......................................20mA
Forward Current (GND to OUT) ..........................................20mA
Continuous Power Dissipation (TA = +70°C)
3-Pin SOT23 (derate 4mW/°C above +70°C) ..............320mW
8-Pin SO (derate 5.48mW/°C above +70°C)...............471mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX6006A (0.2%)
1.2475
1.2500
1.2525
Reverse Breakdown Voltage
VR
TA = +25
°C,
IR = 1.2µA
MAX6006B (0.5%)
1.2438
1.2500
1.2563
V
Minimum Operating Current
IRMIN
VR change < 0.2% from VR at IR = 1.2µA
0.5
1.0
µA
IR = 1.2µA to 200µA
1.0
Reverse Breakdown Change
with Current
IR = 200µA to 2mA
2.0
mV
Reverse Dynamic Impedance
IR = 1.2µA to 2mA (Note 2)
1.5
Low-Frequency Noise
IR = 1.2µA, f = 0.1Hz to 10Hz
30
µVP-P
MAX6006A
30
Temperature Coefficient
(Note 3)
TC
IR = 1.2µA
MAX6006B
75
ppm/
°C
Long-Term Drift
1000h at TA = +25
°C
150
ppm
Thermal Hysteresis (Note 4)
200
ppm


Similar Part No. - MAX6009_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6009A MAXIM-MAX6009A Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6009B MAXIM-MAX6009B Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
More results

Similar Description - MAX6009_12

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX4040 SIPEX-SPX4040_05 Datasheet
95Kb / 9P
   Precision Micropower 2.5V ShuntVoltage Reference
logo
Maxim Integrated Produc...
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX6043 MAXIM-MAX6043 Datasheet
463Kb / 15P
   Precision High-Voltage Reference in SOT23
Rev 1; 5/04
MAX6043 MAXIM-MAX6043_V01 Datasheet
2Mb / 16P
   Precision High-Voltage Reference in SOT23
2021
MAX6033 MAXIM-MAX6033 Datasheet
450Kb / 11P
   Ultra-High-Precision SOT23 Series Voltage Reference
Rev 2; 6/03
MAX6033 MAXIM-MAX6033_12 Datasheet
343Kb / 11P
   Ultra-High-Precision SOT23 Series Voltage Reference
Rev 3; 3/12
MAX9040 MAXIM-MAX9040 Datasheet
162Kb / 12P
   Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com