Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4376FASA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4376FASA
Description  Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4376FASA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4376FASA_12 Datasheet HTML 1Page - Maxim Integrated Products MAX4376FASA_12 Datasheet HTML 2Page - Maxim Integrated Products MAX4376FASA_12 Datasheet HTML 3Page - Maxim Integrated Products MAX4376FASA_12 Datasheet HTML 4Page - Maxim Integrated Products MAX4376FASA_12 Datasheet HTML 5Page - Maxim Integrated Products MAX4376FASA_12 Datasheet HTML 6Page - Maxim Integrated Products MAX4376FASA_12 Datasheet HTML 7Page - Maxim Integrated Products MAX4376FASA_12 Datasheet HTML 8Page - Maxim Integrated Products MAX4376FASA_12 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MAX4376/MAX4377/MAX4378
Single/Dual/Quad, High-Side Current-Sense
Amplifiers with Internal Gain
2
Maxim Integrated
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VRS+ = 0 to 28V, VSENSE = (VRS+ - VRS- ) = 0V, VCC = +3.0V to +28V, RL =
∞, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = 25
°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, RS+, RS- to GND ...........................................-0.3V to +30V
OUT to GND ...............................................-0.3V to (VCC + 0.3V)
Differential Input Voltage (VRS+ - VRS- ).................................±8V
Output Short Circuit to VCC ........................................Continuous
Output Short Circuit to GND .....................................................1s
Current into Any Pin..........................................................±20mA
Continuous Power Dissipation (TA = +70
°C)
5-Pin SOT23 (derate 7.1mW/
°C above +70°C)............571mW
8-Pin µMAX (derate 4.5mW/
°C above +70°C) .............362mW
8-Pin SO (derate 5.88mW/
°C above +70°C)................471mW
14-Pin SO (derate 8.33mW/
°C above +70°C)..............667mW
14-Pin TSSOP (derate 9.1mW/
°C above +70°C) .........727mW
Operating Temperature Range .........................-40
°C to +125°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range .............................-65
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300
°C
Soldering Temperature (reflow) .......................................+260
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VCC
Guaranteed by PSR test
3
28
V
Common-Mode Input Range
VCM
Guaranteed by total OUT voltage error test
0
28
V
Common-Mode Rejection
CMR
2V
≤ VRS+ ≤ 28V, VSENSE = 100mV
90
dB
Supply Current per Amplifier
ICC
VSENSE = 5mV, VRS+ > 2.0V, VCC = 12V
1
2.2
mA
Leakage Current
IRS+, IRS-
VCC = 0V, VRS+ = 28V
8
µA
VRS+ > 2.0V
0
60
IRS
+
VRS+
≤ 2.0V
-400
60
VRS+ > 2.0V
0
120
Input Bias Current
IRS-
VRS+
≤ 2.0V
-800
120
µA
Full-Scale Sense Voltage
VSENSE
150
mV
VSENSE = 100mV,
VCC = 12V, VRS+ = 12V
±6.75
VSENSE = 100mV,
VCC = 12V, TA = +25
°C,
VRS+ = 12V
±0.5
±3.25
VSENSE = 100mV,
VCC = 28V, VRS+ = 28V
±11
VSENSE = 100mV,
VCC = 28V, VRS+ = 28V,
TA = +25
°C
±0.5
±5
VSENSE = 100mV,
VCC = 12V, VRS+ = 0.1V
±9
±32
Total OUT Voltage Error (Note 2)
IOUT
≤ 2mA
VSENSE = 6.25mV,
VCC = 12V, VRS+ = 12V
(Note 3)
±7
%
OUT High Voltage (Note 4)
(VCC - VOUT)
VCC = 3V, IOUT = 2mA, VRS+ = 28V
0.9
1.2
V
OUT Low Voltage
VOL
IOUT = 200µA, VCC = VRS+ = 12V,
VSENSE = 0V, TA = +25°C
25
40
mV


Similar Part No. - MAX4376FASA_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4376FASA++ MAXIM-MAX4376FASA+ Datasheet
384Kb / 10P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Rev 4; 4/09
MAX4376FASA++ MAXIM-MAX4376FASA+ Datasheet
1Mb / 13P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
2019
More results

Similar Description - MAX4376FASA_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4376HAUKVT MAXIM-MAX4376HAUKVT Datasheet
405Kb / 11P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Rev 7; 10/12
MAX4376 MAXIM-MAX4376_09 Datasheet
384Kb / 10P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Rev 4; 4/09
MAX4376 MAXIM-MAX4376 Datasheet
192Kb / 9P
   Single/Dual/Quad High-Side Current-Sense Amplifiers with Internal Gain
Rev 3; 5/04
MAX4376 MAXIM-MAX4376_V01 Datasheet
1Mb / 13P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
2019
MAX4069 MAXIM-MAX4069 Datasheet
472Kb / 16P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
19-2423; Rev 2; 1/03
MAX4069 MAXIM-MAX4069_08 Datasheet
381Kb / 18P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
Rev 3; 11/08
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
   Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
   Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
LMP8481 TI1-LMP8481_15 Datasheet
3Mb / 29P
[Old version datasheet]   High-Side Current Sense Amplifiers With Voltage Output
logo
Maxim Integrated Produc...
MAX4069 MAXIM-MAX4069_V01 Datasheet
2Mb / 14P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com