Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2090ETP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2090ETP
Description  50MHz to 1000MHz Analog VGA with Threshold Alarm Circuit and Error Amplifier for Level Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2090ETP Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2090ETP Datasheet HTML 1Page - Maxim Integrated Products MAX2090ETP Datasheet HTML 2Page - Maxim Integrated Products MAX2090ETP Datasheet HTML 3Page - Maxim Integrated Products MAX2090ETP Datasheet HTML 4Page - Maxim Integrated Products MAX2090ETP Datasheet HTML 5Page - Maxim Integrated Products MAX2090ETP Datasheet HTML 6Page - Maxim Integrated Products MAX2090ETP Datasheet HTML 7Page - Maxim Integrated Products MAX2090ETP Datasheet HTML 8Page - Maxim Integrated Products MAX2090ETP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MAX2090
50MHz to 1000MHz Analog VGA with Threshold
Alarm Circuit and Error Amplifier for Level Control
General Description
The MAX2090 high-linearity analog variable-gain ampli-
fier (VGA) is a monolithic SiGe BiCMOS attenuator,
amplifier, error amplifier, and alarm circuit, designed to
interface with 50I systems operating in the 50MHz to
1000MHz frequency range. An external analog control
voltage controls the analog attenuator. The device fea-
tures a gain range of -10.9dB to +26.1dB, a noise figure
of 4dB, OIP3 linearity of +38dBm, and a wide RF band-
width. Each of these features makes the device an ideal
VGA for numerous receiver and transmitter applications.
In addition, the device operates from a single +5.0V sup-
ply.
This device is available in a compact 20-pin TQFN pack-
age (5mm x 5mm) with an exposed pad. Electrical per-
formance is guaranteed over the extended temperature
range, from TC = -40NC to +95NC.
Applications
Point-to-Point Receivers and Transmitters
RF/IF Variable-Gain Stages
Temperature-Compensation Circuits
Cellular Applications
WiMAX™ Applications
LTE Applications
Fixed Broadband Wireless Access
Wireless Local Loop
Military Systems
Benefits and Features
S
Wideband Coverage
50MHz to 1000MHz RF Frequency Range
S
High Linearity
+38dBm OIP3 (100MHz)
+17.5dBm Output -1dB Compression Point
(100MHz)
S
26.1dB Gain
S
37dB Attenuator Range
S
4dB Noise Figure (Includes Attenuator Insertion
Loss)
S
0.25dB Gain Variation Over 100MHz Bandwidth
S
Analog Attenuator Controlled with External
Voltage
S
Alarm Circuit with Adjustable Threshold
S
Extended +4.75V to +5.8V Supply Range
S
Lead(Pb)-Free Package
S
Power-Down Capabilities
19-6034; Rev 1; 9/12
Ordering Information appears at end of data sheet.
WiMAX is a trademark of WiMAX Forum.
For related parts and recommended products to use with this part, refer to: www.maximintegrated.com/MAX2090.related
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.


Similar Part No. - MAX2090ETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2090ETP++ MAXIM-MAX2090ETP+ Datasheet
688Kb / 14P
   50MHz to 1000MHz Analog VGA with Threshold Alarm Circuit and Error Amplifier for Level Control
2015
MAX2090ETP+T MAXIM-MAX2090ETP+T Datasheet
688Kb / 14P
   50MHz to 1000MHz Analog VGA with Threshold Alarm Circuit and Error Amplifier for Level Control
2015
More results

Similar Description - MAX2090ETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2090 MAXIM-MAX2090_V01 Datasheet
688Kb / 14P
   50MHz to 1000MHz Analog VGA with Threshold Alarm Circuit and Error Amplifier for Level Control
2015
MAX2092 MAXIM-MAX2092 Datasheet
2Mb / 15P
   700MHz to 2700MHz Analog VGA with Threshold Alarm Circuit and Error Amplifier for Level Control
Rev 0; 6/12
MAX2091 MAXIM-MAX2091 Datasheet
5Mb / 29P
   50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz Upconverting Mixer with Image Filtering, Threshold Alarm Circuit, and Error Amplifier for Level Control
Rev 0; 7/12
MAX2067 MAXIM-MAX2067 Datasheet
299Kb / 23P
   50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 4/08
MAX2064 MAXIM-MAX2064 Datasheet
3Mb / 20P
   Dual 50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 12/10
MAX2065 MAXIM-MAX2065 Datasheet
872Kb / 27P
   50MHz to 1000MHz High-Linearity, Serial/ Parallel-Controlled Analog/Digital VGA
Rev 0; 3/08
MAX2062 MAXIM-MAX2062 Datasheet
3Mb / 24P
   Dual 50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Analog/Digital VGA
Rev 2; 8/15
logo
RF Micro Devices
RFGA0014 RFMD-RFGA0014 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
logo
Maxim Integrated Produc...
MAX2056 MAXIM-MAX2056 Datasheet
716Kb / 12P
   800MHz to 1000MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 2/05
logo
RF Micro Devices
RFGA0024 RFMD-RFGA0024 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com