Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2022 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2022
Description  High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2022 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2022_12 Datasheet HTML 1Page - Maxim Integrated Products MAX2022_12 Datasheet HTML 2Page - Maxim Integrated Products MAX2022_12 Datasheet HTML 3Page - Maxim Integrated Products MAX2022_12 Datasheet HTML 4Page - Maxim Integrated Products MAX2022_12 Datasheet HTML 5Page - Maxim Integrated Products MAX2022_12 Datasheet HTML 6Page - Maxim Integrated Products MAX2022_12 Datasheet HTML 7Page - Maxim Integrated Products MAX2022_12 Datasheet HTML 8Page - Maxim Integrated Products MAX2022_12 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Maxim Integrated │ 2
MAX2022
High-Dynamic-Range, Direct Up/
Downconversion 1500MHz to 3000MHz
Quadrature Modulator/Demodulator
www.maximintegrated.com
DC Electrical Characteristics
(MAX2022 Typical Application Circuit, VCC=4.75Vto5.25V,VGND=0V,I/Qportsterminatedinto50ΩtoGND,LOandRFports
terminatedinto50ΩtoGND,R1=432Ω,R2=562Ω,R3=301Ω,TC = -40°C to +85°C, unless otherwise noted. Typical values are at
VCC = +5V, TC = +25°C, unless otherwise noted.)
Recommended AC Operating Conditions
VCC_toGND.......................................................-0.3V to +5.5V
BBIP,BBIN,BBQP,BBQNtoGND .......... -2.5V to (VCC + 0.3V)
LO,RFtoGNDMaximumCurrent.....................................50mA
RF Input Power ..............................................................+20dBm
Baseband Differential I/Q Input Power...........................+20dBm
LO Input Power ..............................................................+10dBm
RBIASLO1 Maximum Current ............................................10mA
RBIASLO2 Maximum Current ............................................10mA
RBIASLO3 Maximum Current ............................................10mA
Continuous Power Dissipation (Note 1) ..............................7.6W
Operating Case Temperature Range (Note 2) ... -40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow).......................................+260°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics
TQFN
Junction-to-Ambient
ThermalResistance(θJA) (Notes 3, 4) .....................+34°C/W
Junction-to-Case
ThermalResistance(θJC) (Notes 1, 4) ....................+8.5°C/W
Absolute Maximum Ratings
Note 1: Based on junction temperature TJ = TC+(θJC x VCC x ICC). This formula can be used when the temperature of the exposed
pad is known while the device is soldered down to a PCB. See the Applications Information section for details. The junction
temperature must not exceed +150°C.
Note 2: TC is the temperature on the exposed pad of the package. TA is the ambient temperature of the device and PCB.
Note 3: Junction temperature TJ = TA+(θJA x VCC x ICC). This formula can be used when the ambient temperature of the PCB is
known. The junction temperature must not exceed +150°C.
Note 4: PackagethermalresistanceswereobtainedusingthemethoddescribedinJEDECspecificationJESD51-7,usingafour-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
4.75
5.00
5.25
V
Total Supply Current
ITOTAL
Pins 3, 13, 15, 31, 33 all connected to VCC
292
342
mA
Total Power Dissipation
1460
1796
mW
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RF Frequency (Note 5)
fRF
1500
3000
MHz
LO Frequency (Note 5)
fLO
1500
3000
MHz
IF Frequency (Note 5)
fIF
1000
MHz
LO Power Range
PLO
-3
+3
dBm


Similar Part No. - MAX2022_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2022 MAXIM-MAX2022_1 Datasheet
224Kb / 8P
   Evaluation Kit
Rev 0; 11/06
More results

Similar Description - MAX2022_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2022 MAXIM-MAX2022_V01 Datasheet
1Mb / 26P
   High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
2013
MAX2023_V1 MAXIM-MAX2023_V1 Datasheet
476Kb / 18P
   High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2500MHz Quadrature Mod/Demod
Rev 1; 5/12
MAX2023 MAXIM-MAX2023 Datasheet
210Kb / 13P
   High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod
Rev 0; 7/06
MAX2022 MAXIM-MAX2022 Datasheet
293Kb / 14P
   High-Dynamic-Range, Direct Upconversion 1500MHz to 2500MHz Quadrature Modulator
Rev 0; 4/05
MAX2021 MAXIM-MAX2021 Datasheet
237Kb / 14P
   High-Dynamic-Range, Direct Up-/Downconversion 750MHz to 1200MHz Quadrature Mod/Demod
Rev 0; 3/06
MAX2021 MAXIM-MAX2021_13 Datasheet
588Kb / 20P
   High-Dynamic-Range, Direct Up-/Downconversion 650MHz to 1200MHz Quadrature Mod/Demod
Rev 2; 4/13
logo
RF Micro Devices
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
   QUADRATURE MODULATOR/DEMODULATOR
RF2713 RFMD-RF2713 Datasheet
135Kb / 12P
   QUADRATURE MODULATOR/DEMODULATOR
RF2713 RFMD-RF2713_06 Datasheet
177Kb / 14P
   QUADRATURE MODULATOR/DEMODULATOR
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
   DIRECT QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com