Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1880 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1880
Description  Quad-Output TFT LCD DC-DC Converters with Buffer
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1880 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1880_12 Datasheet HTML 1Page - Maxim Integrated Products MAX1880_12 Datasheet HTML 2Page - Maxim Integrated Products MAX1880_12 Datasheet HTML 3Page - Maxim Integrated Products MAX1880_12 Datasheet HTML 4Page - Maxim Integrated Products MAX1880_12 Datasheet HTML 5Page - Maxim Integrated Products MAX1880_12 Datasheet HTML 6Page - Maxim Integrated Products MAX1880_12 Datasheet HTML 7Page - Maxim Integrated Products MAX1880_12 Datasheet HTML 8Page - Maxim Integrated Products MAX1880_12 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
MAX1778/MAX1880–MAX1885
Quad-Output TFT LCD DC/DC
Converters with Buffer
2
Maxim Integrated
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = +3.0V, SHDN = IN, VSUPP = VSUPN = VSUPB = VSUPL = 10V, LDOOUT = FBL, BUF- = BUFOUT, BUF+ = FLTSET = TGND =
PGND = GND, CREF = 0.22µF, CBUF = 1µF, TA = 0°C to +85°C. Typical values are at TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, SHDN, TGND, FLTSET to GND...........................-0.3V to +6V
DRVN to GND .........................................-0.3V to (VSUPN + 0.3V)
DRVP to GND..........................................-0.3V to (VSUPP + 0.3V)
PGND to GND.....................................................................±0.3V
RDY, SUPB to GND ................................................-0.3V to +14V
LX, SUPP, SUPN to PGND .....................................-0.3V to +14V
SUPL to GND..........................................................-0.3V to +18V
LDOOUT to GND ....................................-0.3V to (VSUPL + 0.3V)
INTG, REF, FB, FBN, FBP to GND ...............-0.3V to (VIN + 0.3V)
FBL to GND .............-0.3V to the lower of (VSUPL + 0.3V) or +6V
BUFOUT, BUF+, BUF- to GND ...............-0.3V to (VSUPB + 0.3V)
Continuous Power Dissipation (TA = +70°C)
20-Pin TSSOP (derate 10.9mW/°C above +70°C) ......879mW
24-Pin TSSOP (derate 12.2mW/°C above +70°C) ......975mW
Operating Temperature Range
MAX1778EUG, MAX1883EUP ........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply Range
VIN
2.7
5.5
V
Input Undervoltage Threshold
VUVLO
VIN rising, 40mV hysteresis (typ)
2.2
2.4
2.6
V
MAX1778/MAX1880/
MAX1883 (fOSC = 1MHz)
0.7
1
IN Quiescent Supply Current
IIN
VFB = VFBP
= 1.5V, VFBN
= -0.2V
MAX1881/MAX1882/
MAX1884/MAX1885
(fOSC = 500kHz)
0.6
1
mA
MAX1778/MAX1880
(fOSC = 1MHz)
0.4
0.7
SUPP Quiescent Current
ISUPP
VFBP = 1.5V
MAX1881/MAX1882
(fOSC = 500kHz)
0.3
0.5
mA
MAX1778/MAX1880
(fOSC = 1MHz)
0.4
0.7
SUPN Quiescent Current
ISUPN
VFBN = -0.2V
MAX1881/MAX1882
(fOSC = 500kHz)
0.3
0.5
mA
IN Shutdown Current
VSHDN = 0, VIN = 5V
0.1
10
µA
SUPP Shutdown Current
VSHDN = 0, VSUPP = 13V,
MAX1778/MAX1880/MAX1881/MAX1882
0.1
10
µA
SUPN Shutdown Current
VSHDN = 0, VSUPN = 13V,
MAX1778/MAX1880/MAX1881/MAX1882
0.1
10
µA
SUPL Shutdown Current
VSHDN = 0, VSUPL = 13V
MAX1778/MAX1881/MAX1883/MAX1884
0.1
10
µA
SUPB Shutdown Current
VSHDN = 0, VSUPB = 13V
6
13
µA


Similar Part No. - MAX1880_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1880EUG MAXIM-MAX1880EUG Datasheet
1Mb / 38P
   Quad-Output TFT LCD DC-DC Converters with Buffer
19-1979; Rev 0a; 3/01
More results

Similar Description - MAX1880_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1778 MAXIM-MAX1778 Datasheet
1Mb / 38P
   Quad-Output TFT LCD DC-DC Converters with Buffer
19-1979; Rev 0a; 3/01
MAX1748-MAX8726 MAXIM-MAX1748-MAX8726 Datasheet
640Kb / 16P
   Triple-Output TFT-LCD DC-DC Converters
Rev 0; 10/04
logo
Eutech Microelectronics...
EUP2618 EUTECH-EUP2618 Datasheet
406Kb / 13P
   Triple Adjustable Output TFT-LCD DC-DC Converters
logo
Global Mixed-mode Techn...
G5561A GMT-G5561A Datasheet
152Kb / 2P
   Quad-Output TFT LCD Bias DC-DC Converter
logo
Maxim Integrated Produc...
MAX1516A MAXIM-MAX1516A Datasheet
1Mb / 29P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 1; 10/14
MAX1516 MAXIM-MAX1516 Datasheet
919Kb / 26P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 0; 4/04
logo
E-CMOS Corporation
EC9219 E-CMOS-EC9219 Datasheet
381Kb / 14P
   TFT- LCD DC-DC Converters with Operational Amplifiers
logo
Maxim Integrated Produc...
MAX1748 MAXIM-MAX1748 Datasheet
277Kb / 16P
   Triple-Output TFT LCD DC-DC Converter
19-1740; Rev 0; 6/00
logo
Intersil Corporation
EL7640 INTERSIL-EL7640 Datasheet
493Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Renesas Technology Corp
ISL97642 RENESAS-ISL97642 Datasheet
807Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com