Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1880 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1880
Description  Quad-Output TFT LCD DC-DC Converters with Buffer
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1880 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1880_12 Datasheet HTML 1Page - Maxim Integrated Products MAX1880_12 Datasheet HTML 2Page - Maxim Integrated Products MAX1880_12 Datasheet HTML 3Page - Maxim Integrated Products MAX1880_12 Datasheet HTML 4Page - Maxim Integrated Products MAX1880_12 Datasheet HTML 5Page - Maxim Integrated Products MAX1880_12 Datasheet HTML 6Page - Maxim Integrated Products MAX1880_12 Datasheet HTML 7Page - Maxim Integrated Products MAX1880_12 Datasheet HTML 8Page - Maxim Integrated Products MAX1880_12 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.
MAX1778/
MAX1880–MAX1885
Quad-Output TFT LCD DC-DC
Converters with Buffer
General Description
The MAX1778/MAX1880–MAX1885 multiple-output
DC-DC converters provide the regulated voltages
required by active matrix thin-film transistor (TFT) liquid
crystal displays (LCD) in a low-profile TSSOP package.
One high-power step-up converter and two low-power
charge pumps convert the 2.7V to 5.5V input voltage
into three independent output voltages. A built-in linear
regulator and VCOM buffer complete the power-supply
requirements.
The main step-up converter accurately generates an
externally set output voltage up to 13V that can supply
the display’s row/column drivers. The converter’s high
switching frequency and current-mode PWM architec-
ture provide fast transient response and allow the use
of small low-profile inductors and ceramic capacitors.
The low-power BiCMOS control circuitry and internal
14V switch (0.35
Ω N-channel MOSFET) enable efficien-
cies up to 91%.
The dual low-power charge pumps (MAX1778/
MAX1880/MAX1881/MAX1882 only) independently reg-
ulate one positive output (VPOS) and one negative out-
put (VNEG). These low-power outputs use external
diode and capacitor stages (as many stages as
required) to regulate output voltages up to +40V and
-40V. A unique control scheme minimizes output ripple
as well as capacitor sizes for both charge pumps.
A resistor-programmable, 40mA, low-dropout linear
regulator (MAX1778/MAX1881/MAX1883/MAX1884
only) provides preregulation or postregulation for any of
the supplies. For higher current applications, an exter-
nal transistor can be added. Additionally, the VCOM
buffer provides a high current output that is ideal for
driving the capacitive backplane of TFT LCD panels.
The VCOM buffer’s output voltage is preset with an
internal 50% resistive-divider or can be externally
adjusted for other voltages.
The MAX1778/MAX1880–MAX1885 are protected
against output undervoltage and thermal overload con-
ditions by a latched fault detection circuit that shuts
down the device. All devices are available in the ultra-
thin TSSOP package (1.1mm max height).
Applications
TFT LCD Notebook Displays
TFT LCD Desktop Monitor Panels
Features
o 500kHz/1MHz Current-Mode PWM Step-Up
Regulator
Up to +13V Main High-Power Output
±1% Accurate
High Efficiency (91%)
o Dual Regulated Charge-Pump Outputs
(MAX1778/MAX1880–MAX1882 only)
Up to +40V Positive Charge-Pump Output
Up to -40V Negative Charge-Pump Output
o Low-Dropout 40mA Linear Regulator
(MAX1778/MAX1881/MAX1883/MAX1884 only)
Up to +15V LDO Input
o Optional Higher Current with External Transistor
o 2.7V to 5.5V Input Supply
o Internal Supply Sequencing and Soft-Start
o Power-Ready Output
o Adjustable Fault-Detection Latch
o Thermal Protection (+160°C)
o 0.1µA Shutdown Current
o 0.7mA IN Quiescent Current
o Ultra-Small External Components
o Thin TSSOP Package (1.1mm max height)
19-1979; Rev 2; 10/12
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX1778EUG
-40
°C to +85°C
24 TSSOP
MAX1778EUG+
-40
°C to +85°C
24 TSSOP
MAX1880EUG
-40
°C to +85°C
24 TSSOP
MAX1880EUG/V+
-40
°C to +85°C
24 TSSOP
MAX1881EUG
-40
°C to +85°C
24 TSSOP
MAX1882EUG
-40
°C to +85°C
24 TSSOP
MAX1883EUP
-40
°C to +85°C
20 TSSOP
MAX1884EUP
-40
°C to +85°C
20 TSSOP
MAX1885EUP
-40
°C to +85°C
20 TSSOP
Typical Operating Circuit appears at end of data sheet.
Pin Configurations and Selector Guide appear at end of
data sheet.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
/V denotes an automotive qualified part.


Similar Part No. - MAX1880_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1880EUG MAXIM-MAX1880EUG Datasheet
1Mb / 38P
   Quad-Output TFT LCD DC-DC Converters with Buffer
19-1979; Rev 0a; 3/01
More results

Similar Description - MAX1880_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1778 MAXIM-MAX1778 Datasheet
1Mb / 38P
   Quad-Output TFT LCD DC-DC Converters with Buffer
19-1979; Rev 0a; 3/01
MAX1748-MAX8726 MAXIM-MAX1748-MAX8726 Datasheet
640Kb / 16P
   Triple-Output TFT-LCD DC-DC Converters
Rev 0; 10/04
logo
Eutech Microelectronics...
EUP2618 EUTECH-EUP2618 Datasheet
406Kb / 13P
   Triple Adjustable Output TFT-LCD DC-DC Converters
logo
Global Mixed-mode Techn...
G5561A GMT-G5561A Datasheet
152Kb / 2P
   Quad-Output TFT LCD Bias DC-DC Converter
logo
Maxim Integrated Produc...
MAX1516A MAXIM-MAX1516A Datasheet
1Mb / 29P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 1; 10/14
MAX1516 MAXIM-MAX1516 Datasheet
919Kb / 26P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 0; 4/04
logo
E-CMOS Corporation
EC9219 E-CMOS-EC9219 Datasheet
381Kb / 14P
   TFT- LCD DC-DC Converters with Operational Amplifiers
logo
Maxim Integrated Produc...
MAX1748 MAXIM-MAX1748 Datasheet
277Kb / 16P
   Triple-Output TFT LCD DC-DC Converter
19-1740; Rev 0; 6/00
logo
Intersil Corporation
EL7640 INTERSIL-EL7640 Datasheet
493Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Renesas Technology Corp
ISL97642 RENESAS-ISL97642 Datasheet
807Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com