Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1617MEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1617MEE
Description  Remote/Local Temperature Sensor with SMBus Serial Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1617MEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1617MEE_12 Datasheet HTML 1Page - Maxim Integrated Products MAX1617MEE_12 Datasheet HTML 2Page - Maxim Integrated Products MAX1617MEE_12 Datasheet HTML 3Page - Maxim Integrated Products MAX1617MEE_12 Datasheet HTML 4Page - Maxim Integrated Products MAX1617MEE_12 Datasheet HTML 5Page - Maxim Integrated Products MAX1617MEE_12 Datasheet HTML 6Page - Maxim Integrated Products MAX1617MEE_12 Datasheet HTML 7Page - Maxim Integrated Products MAX1617MEE_12 Datasheet HTML 8Page - Maxim Integrated Products MAX1617MEE_12 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Remote/Local Temperature Sensor
with SMBus Serial Interface
MAX1617
Maxim Integrated
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3.3V, TA = 0°C to +85°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
DXP, ADD_ to GND ....................................-0.3V to (VCC + 0.3V)
DXN to GND ..........................................................-0.3V to +0.8V
SMBCLK, SMBDATA, ALERT, STBY to GND ...........-0.3V to +6V
SMBDATA, ALERT Current .................................-1mA to +50mA
DXN Current .......................................................................±1mA
ESD Protection (SMBCLK, SMBDATA,
ALERT, human body model) .......................................... 4000V
ESD Protection (other pins, human body model)...............2000V
Continuous Power Dissipation (TA = +70°C)
QSOP (derate 8.30mW/°C above +70°C) .....................667mW
Operating Temperature Range .........................-55°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +165°C
Lead Temperature (soldering, 10sec) .............................+300°C
TA = +60°C to +100°C
Monotonicity guaranteed
ADD0, ADD1; momentary upon power-on reset
DXP forced to 1.5V
Logic inputs
forced to VCC
or GND
Auto-convert mode
From stop bit to conversion complete (both channels)
VCC, falling edge
TA = 0°C to +85°C
VCC input, disables A/D conversion, rising edge
Auto-convert mode, average
measured over 4sec. Logic
inputs forced to VCC or GND.
CONDITIONS
µA
160
Address Pin Bias Current
V
0.7
DXN Source Voltage
µA
810
12
80
100
120
Remote-Diode Source Current
%
-25
25
Conversion Rate Timing Error
ms
94
125
156
Conversion Time
µA
120
180
35
70
Average Operating Supply Current
-2
2
Bits
8
Temperature Resolution (Note 2)
µA
4
Standby Supply Current
310
mV
50
POR Threshold Hysteresis
V
1.0
1.7
2.5
Power-On Reset Threshold
°C
-3
3
Initial Temperature Error,
Local Diode (Note 3)
V
3.0
5.5
Supply-Voltage Range
V
2.60
2.80
2.95
Undervoltage Lockout Threshold
mV
50
Undervoltage Lockout Hysteresis
UNITS
MIN
TYP
MAX
PARAMETER
TR = +60°C to +100°C
TR = -55°C to +125°C
-3
3
°C
-5
5
Temperature Error, Remote Diode
(Notes 3 and 4)
Including long-term drift
-2.5
2.5
°C
-3.5
3.5
Temperature Error, Local Diode
(Notes 2 and 3)
0.25 conv/sec
2.0 conv/sec
TA = +60°C to +100°C
TA = 0°C to +85°C
High level
Low level
ADC AND POWER SUPPLY
SMBus static
Hardware or software standby, SMB-
CLK at 10kHz


Similar Part No. - MAX1617MEE_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1617MEE++ MAXIM-MAX1617MEE+ Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
More results

Similar Description - MAX1617MEE_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
   Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617A MAXIM-MAX1617A Datasheet
234Kb / 18P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-4508; Rev 0; 1/99
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
   Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
G782 GMT-G782 Datasheet
44Kb / 1P
   짹1C Remote and Local Temperature Sensor with SMBus Serial Interface
G781 GMT-G781 Datasheet
52Kb / 1P
   짹1C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
List of Unclassifed Man...
G781 ETC-G781 Datasheet
342Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com