Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1083 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1083
Description  300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1083 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1083_12 Datasheet HTML 5Page - Maxim Integrated Products MAX1083_12 Datasheet HTML 6Page - Maxim Integrated Products MAX1083_12 Datasheet HTML 7Page - Maxim Integrated Products MAX1083_12 Datasheet HTML 8Page - Maxim Integrated Products MAX1083_12 Datasheet HTML 9Page - Maxim Integrated Products MAX1083_12 Datasheet HTML 10Page - Maxim Integrated Products MAX1083_12 Datasheet HTML 11Page - Maxim Integrated Products MAX1083_12 Datasheet HTML 12Page - Maxim Integrated Products MAX1083_12 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
MAX1082/MAX1083
300ksps/400ksps, Single-Supply, 4-Channel,
Serial 10-Bit ADCs with Internal Reference
9
Maxim Integrated
2.4988
2.4992
2.4990
2.4996
2.4994
2.5000
2.4998
2.5002
-40
0
20
-20
406080
100
REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
MAX1083
MAX1082
-0.50
-0.25
0
0.25
0.50
2.5
3.5
3.0
4.0
4.5
5.0
5.5
OFFSET ERROR vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
-0.50
-0.25
0
-40
10
-15
356085
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (°C)
-0.25
-0.10
-0.15
-0.20
-0.05
0
0.05
0.10
0.15
0.20
0.25
2.5
3.5
3.0
4.0
4.5
5.0
5.5
GAIN ERROR vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
-.50
-.25
0
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (°C)
-40
10
-15
35
60
85
Typical Operating Characteristics (continued)
(MAX1082: VDD1 = VDD2 = 5.0V, fSCLK = 6.4MHz; MAX1083: VDD1 = VDD2 = 3.0V, fSCLK = 4.8MHz; CLOAD = 20pF, 4.7µF capacitor
at REF, 0.01µF capacitor at REFADJ, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1083_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1083ACUE MAXIM-MAX1083ACUE Datasheet
315Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
MAX1083AEUE MAXIM-MAX1083AEUE Datasheet
315Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
MAX1083BCUE MAXIM-MAX1083BCUE Datasheet
315Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
MAX1083BEUE MAXIM-MAX1083BEUE Datasheet
315Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
More results

Similar Description - MAX1083_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1082 MAXIM-MAX1082_V01 Datasheet
250Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
2014
MAX1082 MAXIM-MAX1082 Datasheet
315Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
MAX1282 MAXIM-MAX1282 Datasheet
310Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference
19-1688; Rev 0; 5/00
MAX1084 MAXIM-MAX1084_V01 Datasheet
375Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
2010
MAX1084 MAXIM-MAX1084 Datasheet
235Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
19-1686; Rev 0; 5/00
MAX1080 MAXIM-MAX1080 Datasheet
550Kb / 24P
   300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
MAX1284 MAXIM-MAX1284_V01 Datasheet
187Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
MAX1284-MAX1285 MAXIM-MAX1284-MAX1285 Datasheet
210Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1280 MAXIM-MAX1280_V01 Datasheet
450Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com