Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UD6006 Datasheet(PDF) 2 Page - ShenZhen XinDeYi Electronics Co., Ltd.

Part # UD6006
Description  N-Ch 60V Fast Switching MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XINDEYI [ShenZhen XinDeYi Electronics Co., Ltd.]
Direct Link  
Logo XINDEYI - ShenZhen XinDeYi Electronics Co., Ltd.

UD6006 Datasheet(HTML) 2 Page - ShenZhen XinDeYi Electronics Co., Ltd.

  UD6006 Datasheet HTML 1Page - ShenZhen XinDeYi Electronics Co., Ltd. UD6006 Datasheet HTML 2Page - ShenZhen XinDeYi Electronics Co., Ltd. UD6006 Datasheet HTML 3Page - ShenZhen XinDeYi Electronics Co., Ltd. UD6006 Datasheet HTML 4Page - ShenZhen XinDeYi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
N-Ch 60V Fast Switching MOSFETs
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
60
---
---
V
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
---
0.057
---
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V , ID=20A
---
14
18
m
Ω
VGS=4.5V , ID=10A
---
16
20
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
1.2
---
2.5
V
VGS(th)
VGS(th) Temperature Coefficient
---
-5.68
---
mV/℃
IDSS
Drain-Source Leakage Current
VDS=48V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=48V , VGS=0V , TJ=55℃
---
---
5
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±
100
nA
gfs
Forward Transconductance
VDS=5V , ID=15A
---
45
---
S
Rg
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
---
1.7
3.4
Ω
Qg
Total Gate Charge (4.5V)
VDS=48V , VGS=4.5V , ID=15A
---
19.3
27
nC
Qgs
Gate-Source Charge
---
7.1
10
Qgd
Gate-Drain Charge
---
7.6
10.6
Td(on)
Turn-On Delay Time
VDD=30V , VGS=10V , RG=3.3Ω,
ID=15A
---
7.2
14.4
ns
Tr
Rise Time
---
50
90
Td(off)
Turn-Off Delay Time
---
36.4
73
Tf
Fall Time
---
7.6
15.2
Ciss
Input Capacitance
VDS=15V , VGS=0V , f=1MHz
---
2423
3392
pF
Coss
Output Capacitance
---
145
203
Crss
Reverse Transfer Capacitance
---
97
136
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
EAS
Single Pulse Avalanche Energy
5
VDD=25V , L=0.1mH , IAS=15A
19
---
---
mJ
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
1,6
VG=VD=0V , Force Current
---
---
35
A
ISM
Pulsed Source Current
2,6
---
---
80
A
VSD
Diode Forward Voltage
2
VGS=0V , IS=A , TJ=25℃
---
---
1
V
trr
Reverse Recovery Time
IF=15A , dI/dt=100A/µs , TJ=25℃
---
16.3
---
nS
Qrr
Reverse Recovery Charge
---
11
---
nC
Note :
1.The data tested by surface mounted on a 1 inch
2 FR-4 board with 2OZ copper.
2.The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3.The EAS data shows Max. rating . The test condition is VDD=25V,VGS=10V,L=0.1mH,IAS=28A
4.The power dissipation is limited by 150℃ junction temperature
5.The Min. value is 100% EAS tested guarantee.
6.The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Guaranteed Avalanche Characteristics
Diode Characteristics
UD6006


Similar Part No. - UD6006

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UD6006 UNITPOWER-UD6006 Datasheet
677Kb / 4P
   N-Ch 60V Fast Switching MOSFETs
logo
SHENZHEN DOINGTER SEMIC...
UD6006 DOINGTER-UD6006 Datasheet
887Kb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - UD6006

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UM6016 UNITPOWER-UM6016 Datasheet
748Kb / 4P
   N-Ch 60V Fast Switching MOSFETs
logo
ShenZhen XinDeYi Electr...
UM6004 XINDEYI-UM6004 Datasheet
860Kb / 4P
   N-Ch 60V Fast Switching MOSFETs
logo
uPI Group Inc.
QM6006D UPI-QM6006D Datasheet
237Kb / 4P
   N-Ch 60V Fast Switching MOSFETs
QM6008G UPI-QM6008G Datasheet
229Kb / 4P
   N-Ch 60V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UD6006 UNITPOWER-UD6006 Datasheet
677Kb / 4P
   N-Ch 60V Fast Switching MOSFETs
UI6008 UNITPOWER-UI6008 Datasheet
731Kb / 4P
   N-Ch 60V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKBA6054 FETEK-FKBA6054 Datasheet
492Kb / 4P
   N-Ch 60V Fast Switching MOSFETs
Ver : A
FKD6066 FETEK-FKD6066 Datasheet
496Kb / 4P
   N-Ch 60V Fast Switching MOSFETs
Ver : A
FKQ6008 FETEK-FKQ6008 Datasheet
557Kb / 4P
   N-Ch 60V Fast Switching MOSFETs
Ver : A
FKR6006 FETEK-FKR6006 Datasheet
496Kb / 4P
   N-Ch 60V Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com