Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0205300000 Datasheet(PDF) 1 Page - Weidmuller

Part # 0205300000
Description  Modular terminal, accessories, end plate and intermediate plate, Dark beige brown, 2 mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0205300000 Datasheet(HTML) 1 Page - Weidmuller

  0205300000 Datasheet HTML 1Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product catalogue | Terminals | Screwing technology | SAK-series modular terminals | Accessories | Visual separation /
side covers | EP end clamp plates for SAKG | Mounting on TS 32
- 1 -
General ordering data
Order No.
0205300000
Part designation
EP 2 SAKG46/32 HP/DBR
Version
Modular terminal, accessories, end plate and
intermediate plate, Dark beige + brown, 2 mm
EAN
4008190171360
Qty.
10 pc(s).
Additional technical data
UL 94 flammability rating of insulation material
V2
Dimensions
Width
2 mm
Approvals
Approvals institutes
Downloads
STEP
0205300000_02505_EP_2_SAKG46-32_HP-
DBR_STP.stp
Classifications
ETIM 2.0
EC000886
ETIM 3.0
EC000886
eClass 4.1
27-14-11-99
eClass 5.0
27-14-11-33
eClass 5.1
27-14-11-33
Similar products
Order No.
Part designation
Version
0205100000
EP 1 SAKG28/32 HP/DBR
Modular terminal, accessories, end plate and intermediate plate,
Dark beige + brown, 2 mm


Similar Part No. - 0205300000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0205300000 WEIDMULLER-0205300000 Datasheet
65Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, Dark beige brown, 2 mm
0205300000 WEIDMULLER-0205300000 Datasheet
493Kb / 1P
   SAKG 28 III SAKG 32 II SAKG 32 III SAKG 32 II G SAKG 32 I SAKG 28 II G
0205300000 WEIDMULLER-0205300000 Datasheet
1Mb / 52P
   SAK-series
More results

Similar Description - 0205300000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0205100000 WEIDMULLER-0205100000 Datasheet
65Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, Dark beige brown, 2 mm
0258360000 WEIDMULLER-0258360000 Datasheet
49Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, beige, 2 mm
0271120000 WEIDMULLER-0271120000 Datasheet
54Kb / 2P
   Modular terminal, accessories, end plate and intermediate plate, dark beige/yellow, 3 mm
0258260000 WEIDMULLER-0258260000 Datasheet
49Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, beige, 2 mm
0309220000 WEIDMULLER-0309220000 Datasheet
52Kb / 2P
   Modular terminal, accessories, end plate and intermediate plate, dark beige/yellow, 1.5 mm
0210800000 WEIDMULLER-0210800000 Datasheet
56Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, beige
0326860000 WEIDMULLER-0326860000 Datasheet
48Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, beige, 38 mm
0326660000 WEIDMULLER-0326660000 Datasheet
48Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, beige, 26 mm
0485760000 WEIDMULLER-0485760000 Datasheet
49Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, beige, 3 mm
0326760000 WEIDMULLER-0326760000 Datasheet
53Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, beige, 30 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com