Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL70227SEH Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL70227SEH
Description  36V Rad Hard Dual Precision Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70227SEH Datasheet(HTML) 2 Page - Intersil Corporation

  ISL70227SEH Datasheet HTML 1Page - Intersil Corporation ISL70227SEH Datasheet HTML 2Page - Intersil Corporation ISL70227SEH Datasheet HTML 3Page - Intersil Corporation ISL70227SEH Datasheet HTML 4Page - Intersil Corporation ISL70227SEH Datasheet HTML 5Page - Intersil Corporation ISL70227SEH Datasheet HTML 6Page - Intersil Corporation ISL70227SEH Datasheet HTML 7Page - Intersil Corporation ISL70227SEH Datasheet HTML 8Page - Intersil Corporation ISL70227SEH Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ISL70227SEH
2
FN7958.1
August 24, 2012
Pin Configuration
Ordering Information
ORDERING NUMBER
(Notes 1, 2)
PART
MARKING
TEMP RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
5962R1222301VXA
ISL70227SEHVF
-55 to +125
10 Ld Flatpack
K10.A
ISL70227SEHF/PROTO
ISL70227 SEHF/PROTO
-55 to +125
10 Ld Flatpack
K10.A
5962R1222301V9A
ISL70227SEHVX
-55 to +125
Die
ISL70227SEHX/SAMPLE
ISL70227SEHVX/SAMPLE
-55 to +125
Die
ISL70227MHEVAL1Z
Evaluation Board
NOTES:
1. These Intersil Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations.
2. For Moisture Sensitivity Level (MSL), please see device information page for ISL70227SEH. For more information on MSL please see techbrief TB363.
ISL70227SEH
(10 LD FLATPACK)
TOP VIEW
Pin Descriptions
PIN NUMBER
PIN NAME
EQUIVALENT CIRCUIT
DESCRIPTION
3
+IN A
Circuit 1
Amplifier A non-inverting input
5
V-
Circuit 3
Negative power supply
7
+IN B
Circuit 1
Amplifier B non-inverting input
8
-IN B
Circuit 1
Amplifier B inverting input
9
OUT B
Circuit 2
Amplifier B output
10
V+
Circuit 3
Positive power supply
1
OUT A
Circuit 2
Amplifier A output
2
-IN A
Circuit 1
Amplifier A inverting input
4, 6
NC
-
Not Connected – This pin is not electrically connected internally.
10
9
8
7
6
2
3
4
5
1
OUTA
-IN A
+IN A
NC
V-
V+
OUT B
-IN B
+IN B
NC
+
-
+ -
V+
V-
OUT
CIRCUIT 2
CIRCUIT 1
V+
V-
CIRCUIT 3
IN-
V+
V-
IN+
CAPACITIVELY
TRIGGERED ESD
CLAMP


Similar Part No. - ISL70227SEH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70227SEH RENESAS-ISL70227SEH Datasheet
1Mb / 18P
   36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
ISL70227SEHF/PROTO RENESAS-ISL70227SEHF/PROTO Datasheet
1Mb / 18P
   36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
ISL70227SEHVF RENESAS-ISL70227SEHVF Datasheet
1Mb / 18P
   36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
ISL70227SEHVX RENESAS-ISL70227SEHVX Datasheet
1Mb / 18P
   36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
ISL70227SEHVX/SAMPLE RENESAS-ISL70227SEHVX/SAMPLE Datasheet
1Mb / 18P
   36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
More results

Similar Description - ISL70227SEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70227SRH INTERSIL-ISL70227SRH Datasheet
1Mb / 14P
   36V Rad Hard Dual Precision Operational Amplifier
logo
STMicroelectronics
RHF484 STMICROELECTRONICS-RHF484 Datasheet
317Kb / 18P
   Rad-hard precision quad operational amplifier
RHF43B STMICROELECTRONICS-RHF43B_11 Datasheet
654Kb / 16P
   Rad-hard precision bipolar single operational amplifier
logo
Intersil Corporation
ISL70218SRH INTERSIL-ISL70218SRH Datasheet
943Kb / 18P
   Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL70218SEH INTERSIL-ISL70218SEH Datasheet
1Mb / 20P
   Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
logo
Renesas Technology Corp
ISL70227SEH RENESAS-ISL70227SEH Datasheet
1Mb / 18P
   36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
ISL70227SRH RENESAS-ISL70227SRH Datasheet
1Mb / 14P
   36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
logo
Anaren Microwave
MSK198RHL ANAREN-MSK198RHL Datasheet
453Kb / 7P
   RAD HARD DUAL PRECISION OP-AMP
logo
Intersil Corporation
HS-22620RH INTERSIL-HS-22620RH Datasheet
45Kb / 4P
   Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational Amplifier
logo
STMicroelectronics
RHF330A STMICROELECTRONICS-RHF330A Datasheet
810Kb / 26P
   Rad-hard 1 GHz low noise operational amplifier
Rev 8 - February 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com