Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL1903 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL1903
Description  Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1903 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL1903 Datasheet HTML 3Page - Intersil Corporation ISL1903 Datasheet HTML 4Page - Intersil Corporation ISL1903 Datasheet HTML 5Page - Intersil Corporation ISL1903 Datasheet HTML 6Page - Intersil Corporation ISL1903 Datasheet HTML 7Page - Intersil Corporation ISL1903 Datasheet HTML 8Page - Intersil Corporation ISL1903 Datasheet HTML 9Page - Intersil Corporation ISL1903 Datasheet HTML 10Page - Intersil Corporation ISL1903 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ISL1903
7
FN8285.1
September 20, 2012
15
PWMOUT The PWM gate drive output for LED dimming. The output level is clamped to ~12V for VDD greater than 12V. PWMOUT has
pull-down capability when UVLO is active or when the IC is not biased. This output is used to drive an external dimming FET.
The PWM operates at ~ 310Hz.
16
OUT
The gate drive output for the external power FET. OUT is capable of sourcing and sinking 1A @ VDD = 8V. The output level is
clamped to ~12V for VDD greater than 12V. OUT has pull-down capability when UVLO is active or when the IC is not biased.
Pin Descriptions (Continued)
PIN #
SYMBOL
DESCRIPTION
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL1903FAZ
1903 FAZ
-40 to +125
16 Ld QSOP
M16.15A
ISL1903EVAL2Z
Evaluation Board
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL1903. For more information on MSL please see tech brief TB363.
Related Products
PART NUMBER
KEY DIFFERENTIATORS
ISL1901
Isolated and non-isolated single-stage flyback regulator
ISL1902
Isolated and non-isolated single-stage flyback regulator with inrush control and interface features for temperature and
ambient light sensors
ISL1903
Non-isolated single-stage buck regulator using switch current for regulation
ISL1904
Isolated single-stage flyback regulator with primary side current sense regulation
ISL1907
Non-isolated two-stage cascaded boost PFC + buck regulator eliminates dependency on electrolytic capacitors
ISL1908
Isolated two-stage cascaded boost PFC + flyback regulator eliminates dependency on electrolytic capacitors


Similar Part No. - ISL1903

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL1903 RENESAS-ISL1903 Datasheet
888Kb / 19P
   Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
ISL1903EVAL2Z RENESAS-ISL1903EVAL2Z Datasheet
888Kb / 19P
   Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
ISL1903FAZ RENESAS-ISL1903FAZ Datasheet
888Kb / 19P
   Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
More results

Similar Description - ISL1903

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL1903 RENESAS-ISL1903 Datasheet
888Kb / 19P
   Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
logo
Bright Power Semiconduc...
BP5132HC BPS-BP5132HC Datasheet
494Kb / 2P
   Mains Dimmable Liner LED Driver
BP5152HC BPS-BP5152HC Datasheet
497Kb / 2P
   Mains Dimmable Liner LED Driver
logo
Shenzhen Huazhimei Semi...
HM9912 HMSEMI-HM9912 Datasheet
601Kb / 5P
   DC or AC input LED driver
logo
NXP Semiconductors
AN10952 PHILIPS-AN10952_15 Datasheet
265Kb / 40P
   SSL2103 flexible, mains-dimmable LED driver
Rev. 1-24 December 2010
logo
Diodes Incorporated
AL16937 DIODES-AL16937 Datasheet
327Kb / 15P
   BUCK DIMMABLE LED DRIVER
logo
Intersil Corporation
ISL1902 INTERSIL-ISL1902 Datasheet
872Kb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Renesas Technology Corp
ISL1902 RENESAS-ISL1902 Datasheet
1Mb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
NXP Semiconductors
SSL2102 NXP-SSL2102 Datasheet
116Kb / 21P
   Mains LED driver IC for dimmable LED lighting
Rev. 01-29 June 2009
AN10754 PHILIPS-AN10754_15 Datasheet
214Kb / 37P
   SSL2101 and SSL2102 dimmable mains LED driver
Rev. 4.1-5 November 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com