Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS-139ASEH Datasheet(PDF) 2 Page - Intersil Corporation

Part # IS-139ASEH
Description  Single Event Radiation Hardened Quad Voltage Comparators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IS-139ASEH Datasheet(HTML) 2 Page - Intersil Corporation

  IS-139ASEH Datasheet HTML 1Page - Intersil Corporation IS-139ASEH Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IS-139ASRH, IS-139ASEH
2
Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems as noted
in the quality certifications found at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time
without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be
accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN9000.4
April 6, 2012
For additional products, see www.intersil.com/product_tree
Die Characteristics
DIE DIMENSIONS
3750µm x 4510µm (148 mils x 178 mils)
483µm
± 25.4µm (19 mils ± 1 mil)
INTERFACE MATERIALS
Glassivation
Type: Silox (SiO2)
Thickness: 8.0kÅ
± 1.0kÅ
Top Metallization
Type: AlSiCu
Thickness: 16.0kÅ
± 2kÅ
Substrate
Radiation Hardened Silicon Gate, Dielectric Isolation
Backside Finish
Silicon
ASSEMBLY RELATED INFORMATION
Substrate Potential
Unbiased (DI)
ADDITIONAL INFORMATION
Worst Case Current Density
<2.0 x 105 A/cm2
Transistor Count
644
Metallization Mask Layout
IS-139ASRH, IS-139ASEH
OUTA
OUTB
VCC
-INA
+INA
-INB
+INB
-INC
+INC
-IND
+IND
GND
OUTD
OUTC


Similar Part No. - IS-139ASEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS-139ASRH INTERSIL-IS-139ASRH Datasheet
73Kb / 2P
   Single Event Radiation Hardened Quad Voltage Comparator
More results

Similar Description - IS-139ASEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS-139ASRH INTERSIL-IS-139ASRH Datasheet
73Kb / 2P
   Single Event Radiation Hardened Quad Voltage Comparator
ISL7124SRH INTERSIL-ISL7124SRH Datasheet
135Kb / 2P
   Single-Event Hardened, Single Supply, Quad Operational Amplifier
IS-1845ASEH INTERSIL-IS-1845ASEH Datasheet
151Kb / 3P
   Single Event Radiation Hardened High Speed, Current Mode PWM
IS-1845ASRH INTERSIL-IS-1845ASRH Datasheet
57Kb / 2P
   Single Event Radiation Hardened High Speed, Current Mode PWM
logo
Renesas Technology Corp
ISL7119RH RENESAS-ISL7119RH Datasheet
249Kb / 6P
   Radiation Hardened High Speed Dual Voltage Comparators
Feb 9, 2023
logo
Intersil Corporation
IS-1845ASRH INTERSIL-IS-1845ASRH_08 Datasheet
202Kb / 3P
   Single Event Radiation Hardened High Speed, Current Mode PWM
HS-139RH-T INTERSIL-HS-139RH-T Datasheet
41Kb / 2P
   Radiation Hardened Quad Voltage Comparator
HS-139RH INTERSIL-HS-139RH_04 Datasheet
134Kb / 2P
   Radiation Hardened Quad Voltage Comparator
logo
Renesas Technology Corp
HS-139RH RENESAS-HS-139RH Datasheet
515Kb / 6P
   Radiation Hardened Quad Voltage Comparator
August 8, 2013
logo
Intersil Corporation
HS-139RH INTERSIL-HS-139RH Datasheet
105Kb / 3P
   Radiation Hardened Quad Voltage Comparator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com