Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1812L260SL Datasheet(PDF) 2 Page - Littelfuse

Part # 1812L260SL
Description  LoRhoTM Surface Mount Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1812L260SL Datasheet(HTML) 2 Page - Littelfuse

  1812L260SL Datasheet HTML 1Page - Littelfuse 1812L260SL Datasheet HTML 2Page - Littelfuse 1812L260SL Datasheet HTML 3Page - Littelfuse 1812L260SL Datasheet HTML 4Page - Littelfuse 1812L260SL Datasheet HTML 5Page - Littelfuse 1812L260SL Datasheet HTML 6Page - Littelfuse 1812L260SL Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Revised: October 9, 2012
POLY-FUSE
® Resettable PTCs
© 2012 Littelfuse, Inc.
Lo Rho Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/LoRho.html for current information.
Surface Mount > LoRhoTM Series
I
hold = Hold current: maximum current device will pass without tripping in 20°C still air.
I
trip = Trip current: minimum current at which the device will trip in 20°C still air.
V
max = Maximum voltage device can withstand without damage at rated current (I max)
I
max = Maximum fault current device can withstand without damage at rated voltage (Vmax)
P
d = Power dissipated from device when in the tripped state at 20°C still air.
R
min = Minimum resistance of device in initial (un-soldered) state.
R
1max = Maximum resistance of device at 20°C measured one hour after tripping or reflow
soldering of 260°C for 20 sec.
Caution: Operation beyond the specified rating may result in damage and possible arcing
and flame.
Notes:
0805L150SL and 1206L150SL are ideal for overcurrent protection in VBUS of USB 3.0 / USB 2.0 ports.
* 1206L380SLTH has I
hold 2.82A for at least 15min @ 55ºC. It is ideal for overcurrent protection in Li-ion / Li-Polymer battery packs of smartphones.
** 1812L350SL Typical Time-To-Trip is 50A at 0.013-0.020 seconds. R1min=0.015ohm (resistance range 0.015-0.025ohm).
*** 2920L700SL is ideal for overcurrent protection in Li-ion / Li-Polymer battery packs of tablet PC.
Electrical Characteristics
Part Number
Marking
I
hold
(A)
I
trip
(A)
V
max
(Vdc)
I
max
(A)
P
d
typ.
(W)
Maximum
Time-To-Trip
Resistance
Agency
Approvals
Current
(A)
Time
(Sec.)
R
min
(Ω)
R
1max
(Ω)
0402L010SL
0.10
0.30
6
40
0.5
0.50
1.00
0.150
2.000
X
Pending
0402L020SL
 0.20
0.50
6
40
0.5
1.00
1.00
0.100
1.250
X
Pending
0402L035SL
0.35
0.70
6
50
0.5
8.00
0.10
0.050
0.700
X
Pending
0402L050SL
0.50
1.00
6
50
0.5
8.00
0.10
0.040
0.400
X
Pending
0603L050SL
K
0.50
1.00
6
50
0.6
8.00
0.10
0.070
0.350
X
X
0603L075SL
N
0.75
1.50
6
50
0.6
8.00
0.20
0.005
0.250
X
X
0603L100SL
S
1.00
1.80
6
50
0.6
8.00
0.30
0.040
0.120
X
X
0603L150SL
T
1.50
3.00
6
50
0.6
8.00
0.50
0.007
0.080
X
X
0603L175SL
V
 1.75
3.50 
6
50
0.6
8.00
0.60
0.005
0.060
X
X
0805L075SL
-G
0.75
1.50
6
50
0.6
8.00
0.20
0.040
0.160
X
X
0805L110SL
-H
1.10
1.80
6
50
0.6
8.00
0.30
0.030
0.130
X
X
0805L150SL
-K
 1.50
3.00 
6
50
0.6
8.00
0.50
0.015
0.065
X
X
0805L175SL
-V
 1.75
3.50 
6
50
0.6
8.00
0.60
0.005
0.055
X
X
0805L200SLTH
-L
2.00
4.00 
6
50
0.6
8.00
1.00
0.005
0.045
X
X
0805L260SLTH
-S
 2.60
5.00 
6
50
0.6
8.00
4.00
0.003
0.035
X
X
0805L300SL
-N
 3.00
6.00 
6
50
0.6
8.00
5.00
0.003
0.030
X
X
1206L075SL
-G
0.75
1.50
6
50
0.8
8.00
0.30
0.017
0.180
X
X
1206L110SL
-H
1.10
2.20
6
50
0.8
8.00
0.30
0.015
0.100
X
X
1206L150SL
-K
1.50
3.90
6
50
0.8
8.00
0.30
0.010
0.065
X
X
1206L110/12SL
-H1
1.10
2.20
12
50
0.8
8.00
0.30
0.015
0.130
X
X
1206L150/12SL
-K1
1.50
3.00
12
50
0.8
8.00
0.30
0.010
0.080
X
X
1206L175SL
-F
 1.75
3.50 
6
50
0.8
8.00
0.40
0.005
0.030
X
X
1206L200SL
-L
 2.00
4.00 
6
50
0.8
8.00
0.50
0.005
0.025
X
X
1206L260SLTH
-S
2.60
5.00
6
50
0.8
8.00
4.00
0.003
0.026
X
X
1206L300SLTH
-N
 3.00
6.00 
6
50
0.8
8.00
4.00
0.003
0.020
X
X
1206L350SLTH
-T
 3.50
7.00 
6
50
0.8
8.00
5.00
0.003
0.018
X
X
1206L380SLTH*
-V
2.82*
8.00
6
50
0.8
8.00
5.00
0.002
0.014
X
X
1206L400SL
-Y
4.00
8.00
6
50
0.8
20.00
2.00
0.001
0.014
X
X
1206L450SL
-Z
4.50
9.00
6
50
0.8
22.50
2.00
0.001
0.014
X
X
1210L175SL
-J
 1.75
3.50 
6
50
0.8
8.00
2.50
0.006
0.040
X
X
1210L200SL
-L
2.00
4.00
6
50
0.8
8.00
3.00
0.005
0.024
X
X
1210L260SL
-S
 2.60
5.00 
6
50
0.8
8.00
4.00
0.003
0.020
X
X
1210L300SL
-N
 3.00
6.00 
6
50
0.8
15.00
2.00
0.003
0.020
X
X
1210L350SL
-T
3.50
7.00
6
50
0.8
17.50
2.00
0.003
0.018
X
X
1210L380SL
-X
3.80
8.00
6
50
0.8
8.00
5.00
0.002
0.016
X
X
1210L400SL
-V
4.00
8.00
6
50
0.8
8.00
5.00
0.001
0.014
X
X
1210L450SL
-Y
 4.50
9.00 
6
50
1.0
22.50
2.00
0.001
0.014
X
X
1812L190SL
LF-19
1.90
4.90
6
50
1.0
9.50
4.50
0.003
0.025
X
X
1812L260SL
LF-26
 2.60
6.00 
6
50
1.0
13.00
2.00
0.003
0.024
X
X
1812L270SL
LF-27
2.70
6.20
6
50
1.0
13.50
2.00
0.003
0.022
X
X
1812L300SL
LF-30
 3.00
7.00 
6
50
1.0
8.00
5.00
0.003
0.021
X
X
1812L350SL**
LF-35
3.50
8.10
6
50
1.0
8.00
5.00
0.003
0.020**
X
X
1812L370SL
LF-37
 3.70
9.10 
6
50
1.0
18.50
2.00
0.003
0.018
X
X
2920L700SL***
LF700
7.00
14.00
6
50
2.2
35.00
0.20
0.001
0.007
X
X


Similar Part No. - 1812L260SL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L260 LITTELFUSE-1812L260 Datasheet
154Kb / 2P
   Surface Mount PTC
1812L260 LITTELFUSE-1812L260 Datasheet
513Kb / 6P
   Surface Mount > 1812L Series
1812L260-C LITTELFUSE-1812L260-C Datasheet
411Kb / 6P
   POLYFUSE짰 Resettable PTCs Surface Mount
1812L260-C LITTELFUSE-1812L260-C Datasheet
4Mb / 74P
   POLYFUSE짰 Resettable PTCs Surface Mount
1812L26012 LITTELFUSE-1812L26012 Datasheet
820Kb / 6P
   The 1812L Series PTC provides surface mount overcurrent protection for applications
More results

Similar Description - 1812L260SL

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
S1A CTC-S1A Datasheet
51Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
Littelfuse
1812L200THPR LITTELFUSE-1812L200THPR Datasheet
513Kb / 6P
   Surface Mount > 1812L Series
logo
EIC discrete Semiconduc...
MBRA140T3G EIC-MBRA140T3G Datasheet
99Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
Mill-Max Mfg. Corp.
940-44-044-17-400000 MILL-MAX-940-44-044-17-400000 Datasheet
381Kb / 1P
   SERIES 940 ??SURFACE MOUNT
logo
RFE international
RMF50R-4R7-J RFE-RMF50R-4R7-J Datasheet
70Kb / 1P
   SURFACE MOUNT RMF Series: Fusible Thick Film Surface Mount RESISTORS
FSMD005-1210 RFE-FSMD005-1210 Datasheet
193Kb / 2P
   Surface Mount PPTC FSMD1210 Series
logo
Dielectric Laboratories...
L095XG9S DILABS-L095XG9S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
L204XF4S DILABS-L204XF4S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
L254XF3S DILABS-L254XF3S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
logo
M/A-COM Technology Solu...
MAMX-009239-001500 MA-COM-MAMX-009239-001500_15 Datasheet
565Kb / 3P
   E-Series Surface Mount Mixer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com