Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1210L450SL Datasheet(PDF) 1 Page - Littelfuse

Part # 1210L450SL
Description  LoRhoTM Surface Mount Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1210L450SL Datasheet(HTML) 1 Page - Littelfuse

  1210L450SL Datasheet HTML 1Page - Littelfuse 1210L450SL Datasheet HTML 2Page - Littelfuse 1210L450SL Datasheet HTML 3Page - Littelfuse 1210L450SL Datasheet HTML 4Page - Littelfuse 1210L450SL Datasheet HTML 5Page - Littelfuse 1210L450SL Datasheet HTML 6Page - Littelfuse 1210L450SL Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Revised: October 9, 2012
POLY-FUSE
® Resettable PTCs
© 2012 Littelfuse, Inc
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/LoRho.html for current information.
Surface Mount > LoRhoTM Series
Lo Rho Series
LoRhoTM Surface Mount Series
Littelfuse LoRho™ Surface Mount PPTC (Polymer
Positive Temperature Coefficient) devices provide
overcurrent protection for applications where ultra low
internal resistance, ultra low voltage drop and automatic
resettable protection are desired. This new series allows
a higher hold current device in a smaller factor and lower
profile as compared to a standard PPTC. It offers ultra
low internal resistance while maintaining the high level
electrical characteristics and performances of standard
PPTC products. All devices are UL and TUV recognized
and have maximum fault current of 50A. They are
available in 0402 to 2920 sizes while the hold current
ranges from 100mA to 7A. Littelfuse 0402 size LoRho™
SMD PPTC is the smallest size surface mounted PPTC
device available in the market.
Description
Features
Applications
Ultra low internal
resistance
Very thin profile
Miniature size saves
board space
Allows a higher hold
current dvice in a smaller
factor and lower profile as
compared to a standard
PPTC
Fast response to fault
currents
0402 size available - the
smallest PPTC in the
marketCompatible with
high temperature solders
Broadest range of Hold
Current ratings (100mA
to 7A)
RoHS compliant, Lead
Free and Halogen Free
UL and TUV recognized
0603L150SL ideal for
USB 3.0
AGENCY
AGENCY FILE NUMBER
E10480
R50119118
Agency Approvals
USB peripherals including
new USB 3.0 / 2.0 ports
Li-ion / Li-Polymer battery
packs
Smart phones
Tablet and Notebook PCs
E-readers
LCD / LED HDTV
Computer periperals
Digital cameras and video
cameras
Hard disk drives
Game consoles


Similar Part No. - 1210L450SL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1210L LITTELFUSE-1210L Datasheet
910Kb / 6P
   The 1210L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired
logo
List of Unclassifed Man...
1210L-005 ETC2-1210L-005 Datasheet
942Kb / 6P
   ANALOG ACCELEROMETER
1210L-010 ETC2-1210L-010 Datasheet
942Kb / 6P
   ANALOG ACCELEROMETER
1210L-025 ETC2-1210L-025 Datasheet
942Kb / 6P
   ANALOG ACCELEROMETER
1210L-050 ETC2-1210L-050 Datasheet
942Kb / 6P
   ANALOG ACCELEROMETER
More results

Similar Description - 1210L450SL

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
S1A CTC-S1A Datasheet
51Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
Littelfuse
1812L200THPR LITTELFUSE-1812L200THPR Datasheet
513Kb / 6P
   Surface Mount > 1812L Series
logo
EIC discrete Semiconduc...
MBRA140T3G EIC-MBRA140T3G Datasheet
99Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
Mill-Max Mfg. Corp.
940-44-044-17-400000 MILL-MAX-940-44-044-17-400000 Datasheet
381Kb / 1P
   SERIES 940 ??SURFACE MOUNT
logo
RFE international
RMF50R-4R7-J RFE-RMF50R-4R7-J Datasheet
70Kb / 1P
   SURFACE MOUNT RMF Series: Fusible Thick Film Surface Mount RESISTORS
FSMD005-1210 RFE-FSMD005-1210 Datasheet
193Kb / 2P
   Surface Mount PPTC FSMD1210 Series
logo
Dielectric Laboratories...
L095XG9S DILABS-L095XG9S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
L204XF4S DILABS-L204XF4S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
L254XF3S DILABS-L254XF3S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
logo
M/A-COM Technology Solu...
MAMX-009239-001500 MA-COM-MAMX-009239-001500_15 Datasheet
565Kb / 3P
   E-Series Surface Mount Mixer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com