Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX71020AEUI+R Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX71020AEUI+R
Description  Single-Chip Electricity Meter AFE
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX71020AEUI+R Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX71020AEUI+R Datasheet HTML 1Page - Maxim Integrated Products MAX71020AEUI+R Datasheet HTML 2Page - Maxim Integrated Products MAX71020AEUI+R Datasheet HTML 3Page - Maxim Integrated Products MAX71020AEUI+R Datasheet HTML 4Page - Maxim Integrated Products MAX71020AEUI+R Datasheet HTML 5Page - Maxim Integrated Products MAX71020AEUI+R Datasheet HTML 6Page - Maxim Integrated Products MAX71020AEUI+R Datasheet HTML 7Page - Maxim Integrated Products MAX71020AEUI+R Datasheet HTML 8Page - Maxim Integrated Products MAX71020AEUI+R Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
3
MAX71020
Single-Chip Electricity Meter AFE
ELECTRICAL CHARACTERISTICS (continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Temperature Measurement Equation
Temp = 0.33 x STEMP + 21.77
N
C
Temperature Error (Note 2)
TA = -40NC to +85NC
-6
+6
N
C
TA = -20NC to +60NC
-4.8
+4.8
Duration of Temperature Measurement
After Setting TEMP_START
TEMP_PER = 0
15
60
ms
SUPPLY CURRENT PERFORMANCE SPECIFICATIONS
V3P3A + V3P3SYS Current (Note 2)
VV3P3A = VV3P3SYS = 3.3V, CE_E = 1,
ADC_E = 1
4.3
mA
INTERNAL POWER-FAULT COMPARATOR SPECIFICATIONS
Overall Response Time
100mV overdrive, falling
20
200
µs
100mV overdrive, rising
8
200
Falling Threshold
3.0V comparator
2.83
2.93
3.03
V
2.8V comparator
2.75
2.81
2.89
V
Difference 3.0V and 2.8V comparators
50
136
220
mV
Hysteresis (Rising Threshold - Falling
Threshold)
3.0V comparator, TA = +22NC
17
45
74
mV
2.8V comparator, TA = +22NC
15
42
70
PLL PERFORMANCE SPECIFICATIONS
PLL Power-Up Settling Time
VV3P3A = 0 to 3.3V step, measured from first edge
of MCK
75
µs
PLL_FAST Settling Time
VV3P3A = 3.3V, PLL_FAST rise
10
µs
VV3P3A = 3.3V, PLL_FAST fall
10
PLL Lock Frequency at XOUT
VV3P3A = 3.3V, MCK frequency error < 1%
7
9.8
13
MHz
VREF PERFORMANCE SPECIFICATIONS
VREF Output Voltage, VREF (22)
TA = +22NC
1.200
1.205
1.210
V
VREF Power-Supply Sensitivity
(DVREF/DV3P3A)
V3P3A = 3.0V to 3.6V
-1.5
+1.5
mV/V
VNOM Definition
VNOM(T) = VREF(22) +
TC1(T - 22) + TC2(T - 22)2
V
VNOM Temperature Coefficient TC1
29.32 - 1.05 x TRIMT
µV/NC
VNOM Temperature Coefficient TC2
-0.56 - 0.004 x TRIMT
µV/NC2
VREF(T) Deviation from VNOM(T):
(Note 2)
-40
+40
ppm/NC
ADC CONVERTER PERFORMANCE SPECIFICATIONS
Recommended Input Range
(With Respect to GNDA)
VA, VB, IBP, IBN
-250
+250
mV peak
6
VREF(T) - VNOM(T)10
VNOM(T)
62


Similar Part No. - MAX71020AEUI+R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX71020AETI++ MAXIM-MAX71020AETI+ Datasheet
644Kb / 26P
   Energy Measurement AFE
2015
MAX71020AETI+T MAXIM-MAX71020AETI+T Datasheet
644Kb / 26P
   Energy Measurement AFE
2015
MAX71020AEVK1 MAXIM-MAX71020AEVK1 Datasheet
1Mb / 17P
   Highly Accurate AFE for Testing
Rev 0; 6/15
More results

Similar Description - MAX71020AEUI+R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX71020 MAXIM-MAX71020_13 Datasheet
1Mb / 35P
   Single-Chip Electricity Meter AFE
Rev 1; 1/13
logo
Silan Microelectronics ...
SC7755S SILAN-SC7755S Datasheet
618Kb / 9P
   ELECTRICITY POWER METER CIRCUIT
logo
Maxim Integrated Produc...
MAX71313L MAXIM-MAX71313L Datasheet
104Kb / 3P
   ZON M1L/M1 Single-Phase Electricity Meter SoC
1 /12 /2015
logo
Epson Company
S1C17M01 EPSON-S1C17M01 Datasheet
122Kb / 3P
   Flow meter controller with AFE
logo
Maxim Integrated Produc...
MAX71334L MAXIM-MAX71334L Datasheet
105Kb / 3P
   ZON P3/P3L Polyphase Electricity Meter SoC
1 /12 /2015
logo
Silan Microelectronics ...
SC7751S SILAN-SC7751S Datasheet
597Kb / 9P
   ELECTRONIC POWER METER IC WITH ELECTRICITY PROOF
logo
Maxim Integrated Produc...
MAX71335L MAXIM-MAX71335L Datasheet
105Kb / 3P
   ZON P3/P3L Polyphase Electricity Meter SoC
1 /12 /2015
logo
STMicroelectronics
STEVAL-IPE020V1 STMICROELECTRONICS-STEVAL-IPE020V1 Datasheet
294Kb / 7P
   Single phase electricity meter with dual EEPROM M24LR64 and STPM10 and STM8L152
March 2012 Rev 1
STEVAL-IPE004V1 STMICROELECTRONICS-STEVAL-IPE004V1 Datasheet
191Kb / 4P
   Electricity Meter (mono phase) - Measurement Board 1 Shunt
STEVAL-IPE002V1 STMICROELECTRONICS-STEVAL-IPE002V1 Datasheet
225Kb / 4P
   Electricity Meter (mono phase) - Measurement Board 2 Current Transformers
January 2006 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com