Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP85324A Datasheet(PDF) 1 Page - Sony Corporation

Part # CXP85324A
Description  CMOS 8-bit Single Chip Microcomputer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP85324A Datasheet(HTML) 1 Page - Sony Corporation

  CXP85324A Datasheet HTML 1Page - Sony Corporation CXP85324A Datasheet HTML 2Page - Sony Corporation CXP85324A Datasheet HTML 3Page - Sony Corporation CXP85324A Datasheet HTML 4Page - Sony Corporation CXP85324A Datasheet HTML 5Page - Sony Corporation CXP85324A Datasheet HTML 6Page - Sony Corporation CXP85324A Datasheet HTML 7Page - Sony Corporation CXP85324A Datasheet HTML 8Page - Sony Corporation CXP85324A Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Description
The CXP85324A/85332A/85340A are a highly
integrated microcomputers composed of a 8-bit
CPU, ROM, RAM, and I/O ports. These chips feature
many other high-performance circuits in a single-chip
CMOS design, including an A/D converter, serial
interface, timer/counter, time-base timer, on-screen
display function, I2C bus interface, PWM output,
remote control reception circuit, HSYNC counter,
power supply frequency counter, and watchdog
timer.
Futhermore,
the
CXP85324A/85332A/85340A
series provides power-on reset and sleep functions
which enable to lower power consumption.
Features
• A wide instruction set (213 instructions) which covers various types of data
– 16-bit operation/multiplication and division/Boolean bit operation instructions
• Minimum instruction cycle
1µs at 4MHz (4MHz version)
0.5µs at 8MHz (8MHz version)
• Incorporated ROM capacity
24K bytes (CXP85324A)
32K bytes (CXP85332A)
40K bytes (CXP85340A)
• Incorporated RAM capacity
576 bytes
• Peripheral functions
– A/D converter
8-bit, 4-channel successive approximation method
(Conversion time of 40µs at 4MHz and 8MHz)
– Serial interface
8-bit clock sync type, 1 channel
– Timer
8-bit timer
8-bit timer/counter
19-bit time-base timer
– On screen display (OSD) function
12
× 18 dots, 256 character types, 15 character colors,
12lines of 21 characters,
black frame output/half blanking, shadow, background
color on full screen/half blanking,
double scanning, jitter elimination circuit
– I2C bus interface
– PWM output
14 bits, 1 channel
8 bits, 8 channels
– Remote control reception circuit
8-bit pulse measurement circuit, 6-state FIFO
– HSYNC counter
– Power supply frequency counter
– Watchdog timer
• Interruption
14 factors, 14 vectors, multi-interruption possible
• Standby mode
SLEEP
• Package
64-pin plastic SDIP/QFP
• Piggyback/evaluator
CXP85300A 64-pin ceramic PSDIP/PQFP
CXP85390 64-pin ceramic PSDIP (accommodates custom font)
Purchase of Sony's I2C components conveys a license under the Philips I2C Patent Rights to use these components
in an I2C system, provided that the system conforms to the I2C Standard Specifications as defined by Philips.
– 1 –
CXP85324A/85332A/85340A
E93X37B86
CMOS 8-bit Single Chip Microcomputer
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
64 pin SDIP (PIastic)
64 pin QFP (PIastic)
Structure
Silicon gate CMOS IC


Similar Part No. - CXP85324A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85300A SONY-CXP85300A Datasheet
359Kb / 12P
   CMOS 8-bit 1-chip Microcomputer
CXP85390A SONY-CXP85390A Datasheet
359Kb / 12P
   CMOS 8-bit 1-chip Microcomputer
CXP853P40A SONY-CXP853P40A Datasheet
266Kb / 22P
   CMOS 8-bit Single-chip Microcomputer
More results

Similar Description - CXP85324A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com