Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGB1010402WR Datasheet(PDF) 4 Page - Littelfuse

Part # PGB1010402WR
Description  PGB1 Series Halogen-Free / Lead-Free
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PGB1010402WR Datasheet(HTML) 4 Page - Littelfuse

  PGB1010402WR Datasheet HTML 1Page - Littelfuse PGB1010402WR Datasheet HTML 2Page - Littelfuse PGB1010402WR Datasheet HTML 3Page - Littelfuse PGB1010402WR Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.littelfuse.com
©2011 Littelfuse
PGB1 Series
Specifications are subject to change without notice.
4
Revised: January 11, 2012
PulseGuard® Suppressors
Surface Mount Polymeric ESD Suppressors
Typical Test Setup
AGILENT INFINIIUM
1.5 GHz 8 GS/s
30dB PASTERNAK ATTENUATOR
PE7025-30
TEKTRONIX LOW CAP PROBE
6158 (20x TIP)
RESISTANCE
TEST FIXTURE
QUADTECH 1865
RESISTANCE METER
COMPUTER
FARADAY CAGE
ESD PULSE GENERATOR
TEST BOARD W/ DUT
ESD TEST FIXTURE
Tape and Reel Specifications
Description
0402 Series
(mm)
0603 Series
(mm)
SOT23 Series
(mm)
C
t
0.05
0.05
0.06
D
d - Drive hole diameter
1.501.501.50
D
s - Drive hole spacing
4.00
4.00
4.00
P
d
0.41
1.02
P
h
1.12
3.23
P
s
2.00
4.00
4.00
P
w
0.62
1.02
2.46
T
t
0.61
0.65
T
w - Carrier tape width
T
D
s
P
P
D
C
t
P
s
P
T
t
Packaging
Part Number
Quantity &
Packaging Code
Quantity
Packaging Option
Packaging Specification
PGB1010402
10000
PGB1010603
1000
PGB102ST23
3000
PGB1010603
5000


Similar Part No. - PGB1010402WR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PGB1010402 LITTELFUSE-PGB1010402 Datasheet
699Kb / 4P
   Surface Mount Polymeric ESD Suppressors
PGB1010402 LITTELFUSE-PGB1010402 Datasheet
466Kb / 4P
   Surface Mount Polymeric ESD Suppressors
PGB1010402 LITTELFUSE-PGB1010402 Datasheet
466Kb / 4P
   Low leakage current, Fast response time
PGB1010402 LITTELFUSE-PGB1010402 Datasheet
239Kb / 4P
   PGB1 Series Halogen-Free / Lead-Free
PGB1010402 LITTELFUSE-PGB1010402 Datasheet
239Kb / 4P
   PulseGuard짰 Suppressors Surface Mount Polymeric ESD Suppressors
More results

Similar Description - PGB1010402WR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PGB1010603MR LITTELFUSE-PGB1010603MR Datasheet
239Kb / 4P
   PGB1 Series Halogen-Free / Lead-Free
logo
List of Unclassifed Man...
H5AN4G4NBJR ETC2-H5AN4G4NBJR Datasheet
716Kb / 48P
   Lead-Free&Halogen-Free
Rev. 1.7 Mar. 2018
H5AN8G4NCJR ETC2-H5AN8G4NCJR Datasheet
844Kb / 47P
   Lead-Free&Halogen-Free
Rev. 1.5 Mar.2019
logo
Littelfuse
PGB1040805MR LITTELFUSE-PGB1040805MR Datasheet
165Kb / 2P
   PGB1 Series Lead-Free 0805 ESD Suppressor
logo
Samsung semiconductor
K4B2G1646F SAMSUNG-K4B2G1646F Datasheet
515Kb / 71P
   96FBGA with Lead-Free & Halogen-Free
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
logo
Littelfuse
PGB1010603MR LITTELFUSE-PGB1010603MR Datasheet
104Kb / 2P
   PGB1 Series Lead-Free 0603 Surface Mount ESD Suppressor
1206L150THWR LITTELFUSE-1206L150THWR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
1206L035YR LITTELFUSE-1206L035YR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
logo
Zowie Technology Corpor...
BAS16HT1GH ZOWIE-BAS16HT1GH Datasheet
61Kb / 2P
   Switching Diode Lead free product Halogen-free type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com