Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0805L110SL Datasheet(PDF) 7 Page - Littelfuse

Part # 0805L110SL
Description  LoRhoTM Surface Mount Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0805L110SL Datasheet(HTML) 7 Page - Littelfuse

  0805L110SL Datasheet HTML 1Page - Littelfuse 0805L110SL Datasheet HTML 2Page - Littelfuse 0805L110SL Datasheet HTML 3Page - Littelfuse 0805L110SL Datasheet HTML 4Page - Littelfuse 0805L110SL Datasheet HTML 5Page - Littelfuse 0805L110SL Datasheet HTML 6Page - Littelfuse 0805L110SL Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Revised: October 9, 2012
POLY-FUSE
® Resettable PTCs
© 2012 Littelfuse, Inc
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/LoRho.html for current information.
Surface Mount > LoRhoTM Series
Lo Rho Series
W
C
D
H
D1
K0
B0
A0
T
F
W
E1
P2
D0
P0
P1
Tape Specifications
Reel Specifications
Tape and Reel Specifications
0603L050SL
0603L075SL
0603L100SL
0603L150SL
0603L175SL
0805L075SL
0805L110SL
0805L150SL
0805L175SL
0805L200SLTH
0805L260SLTH
0805L300SL
1206L075SL
1206L110SL
1206L150SL
1206L110/12SL
1206L150/12SL
1206L175SL
1206L200SL
1206L260SLTH
1206L300SLTH
1206L350SLTH
1206L380SLTH
1206L400SL
1206L450SL
1210L175SL
1210L200SL
1210L260SL
1210L300SL
1210L380SL
1210L350SL
1210L400SL
1210L450SL
1812L190SL
1812L260SL
1812L270SL
1812L300SL
1812L350SL
1812L370SL
2920L700SL
TAPE DIMENSIONS: EIA-481-1 (mm)
W
8.00 ± 0.30
8.00 ± 0.30
8.00 ± 0.10
8.00 ± 0.30
8.20
+0.10/-0.30 8.15 +0.15/-0.30 8.00 ± 0.30 8.00 ± 0.30 12.00 ± 0.30 16.00 ± 0.30
F
3.50 ± 0.05
3.50 ± 0.05
3.50 ± 0.05
3.50 ± 0.05
3.50 ± 0.05
3.50 ± 0.05
3.50 ± 0.05
3.50 ± 0.05
5.50 ± 0.05
7.50 ± 0.10
E
1
1.75 ± 0.10
1.75 ± 0.10
1.75 ± 0.10
1.75 ± 0.10
1.75 ± 0.10
1.75 ± 0.10
1.75 ± 0.10
1.75 ± 0.10
1.75 ± 0.10
1.75 ± 0.10
D
0
1.55 ± 0.05
1.55 ± 0.05
1.55 ± 0.05
1.55 ± 0.05
1.55 ± 0.05
1.55 ± 0.05
1.55 ± 0.05
1.55 ± 0.05
1.55 ± 0.05
1.55 ± 0.05
D
1
0.50 ± 0.10
0.50 ± 0.10
1.00 (Min.)
1.00 ± 0.10
1.00 ± 0.10
1.00 ± 0.10
1.00 (Min.)
1.00 (Min.)
1.55 (Min.)
1.50 ± 0.10
P
0
4.00 ± 0.10
4.00 ± 0.10
4.00 ± 0.08
4.00 ± 0.10
4.00 ± 0.10
4.00 ± 0.10
4.00 ± 0.10
4.00 ± 0.10
4.00 ± 0.10
4.00 ± 0.10
P
1
4.00 ± 0.10
4.00 ± 0.10
4.00 ± 0.10
4.00 ± 0.10
4.00 ± 0.10
4.00 ± 0.10
4.00 ± 0.10
4.00 ± 0.10
8.00 ± 0.10
8.00 ± 0.10
P
2
2.00 ± 0.05
2.00 ± 0.05
2.00 ± 0.05
2.00 ± 0.05
2.00 ± 0.05
2.00 ± 0.05
2.00 ± 0.05
2.00 ± 0.05
2.00 ± 0.05
2.00 ± 0.10
A
0
1.10 ± 0.10
1.10 ± 0.10
1.60 ± 0.10
1.65 ± 0.10
1.95 ± 0.10
1.92 ± 0.10
2.82 ± 0.10
2.82 ± 0.10
3.58 ± 0.10
5.74 ± 0.10
B
0
1.92 ± 0.10
1.92 ± 0.10
2.30 ± 0.10
2.35 ± 0.10
3.65 ± 0.10
3.65 ± 0.10
3.46 ± 0.10
3.50 ± 0.10
4.93 ± 0.10
8.02 ± 0.10
T
0.20 ± 0.10
0.20 ± 0.10
0.25 ± 0.10
0.25 ± 0.10
0.20 ± 0.10
0.25 ± 0.10
0.25 ± 0.10
0.20 ± 0.10
0.25 ± 0.10
0.30 ± 0.10
K
0
0.72 ± 0.10
0.96 ± 0.10
0.90 ± 0.10
1.50 ± 0.10
0.87 ± 0.10
1.30 ± 0.10
1.00 ± 0.10
1.30 ± 0.10
0.87 ± 0.06
0.91 ± 0.10
Leader min.
390
Trailer min.
160
REEL DIMENSIONS: EIA-481-1 (mm)
H
11.0 ± 0.5
16.0 ± 0.5
19.5 ± 1.0
W
9.0 ± 1.5
13.2 ± 1.5
17 ± 0.2
C
Ø178 ± 1.0
Ø178 ± 1.0
Ø180 ± 3.0
D
Ø60.2 ± 0.5
Ø60.2 ± 0.5
Ø60 ± 0.5
W
C
D
H
Reel Specifications
W
1
F
W
4
W
3
W
2
Tape Specifications
T
t
P
d
C
t
P
s
P
w
P
h
D
d
D
s
T
w
0402L010SL
0402L020SL
0402L035SL
0402L050SL
TAPE DIMENSIONS: EIA-481-1 (mm)
C
t
0.05 ± 0.01
D
d
1.5 ± 0.1
D
s
4.0± 0.1
P
d
0.41± 0.1
P
h
1.12± 0.1
P
s
2.0 ± 0.1
P
w
0.62 ± 0.1
T
t
0.61 ± 0.1
T
w
8.0 ± 0.1
Leader min.
390
Trailer min.
160
REEL DIMENSIONS: EIA-481-1 (mm)
H
12.0± 0.5
W
9.0 ± 0.5
D
Ø60 ± 0.5
F
Ø13.0 ± 0.2
C
Ø178 ± 1
W
1
2.2 ± 0.5
W
2
3.0± 0.5
W
3
4.0 ± 0.5
W
4
5.5 ± 0.5
Dimensions for 0402 size product (see table at left)
Dimensions for 0603, 0805,1206,1210, 1812 and 2920 size product (see tabel below)


Similar Part No. - 0805L110SL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0805L110SLYR LITTELFUSE-0805L110SLYR Datasheet
226Kb / 4P
   POLYFUSE Resettable PTCs
0805L110SLYR LITTELFUSE-0805L110SLYR Datasheet
467Kb / 4P
   POLYFUSE Resettable PTCs
More results

Similar Description - 0805L110SL

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
S1A CTC-S1A Datasheet
51Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
Littelfuse
1812L200THPR LITTELFUSE-1812L200THPR Datasheet
513Kb / 6P
   Surface Mount > 1812L Series
logo
EIC discrete Semiconduc...
MBRA140T3G EIC-MBRA140T3G Datasheet
99Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
Mill-Max Mfg. Corp.
940-44-044-17-400000 MILL-MAX-940-44-044-17-400000 Datasheet
381Kb / 1P
   SERIES 940 ??SURFACE MOUNT
logo
RFE international
RMF50R-4R7-J RFE-RMF50R-4R7-J Datasheet
70Kb / 1P
   SURFACE MOUNT RMF Series: Fusible Thick Film Surface Mount RESISTORS
FSMD005-1210 RFE-FSMD005-1210 Datasheet
193Kb / 2P
   Surface Mount PPTC FSMD1210 Series
logo
Dielectric Laboratories...
L095XG9S DILABS-L095XG9S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
L204XF4S DILABS-L204XF4S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
L254XF3S DILABS-L254XF3S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
logo
M/A-COM Technology Solu...
MAMX-009239-001500 MA-COM-MAMX-009239-001500_15 Datasheet
565Kb / 3P
   E-Series Surface Mount Mixer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com