Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF-RM016-240 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # MF-RM016-240
Description  MF-RM Series - PTC Resettable Fuses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-RM016-240 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  MF-RM016-240 Datasheet HTML 1Page - Bourns Electronic Solutions MF-RM016-240 Datasheet HTML 2Page - Bourns Electronic Solutions MF-RM016-240 Datasheet HTML 3Page - Bourns Electronic Solutions MF-RM016-240 Datasheet HTML 4Page - Bourns Electronic Solutions MF-RM016-240 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IEC
EIA
Dimensions
Dimension Description
Mark
Mark
Dimensions
Tolerance
Carrier tape width
W
W
18
-0.5/+1.0
(.709)
(-0.02/+.039)
Hold down tape width
W0
W4
11
min.
(.433)
Hold down tape
No protrusion
Top distance between tape edges
W2
W6
3
max.
(.118)
Sprocket hole position
W1
W5
9
-0.5/+0.75
(.354)
(-0.02/+0.03)
Sprocket hole diameter
D0
D0
4
±0.2
(.157)
(±.079)
Abscissa to plane (MF-RM005/240~MF-RM016/240)
H
H
18.5
±3.0
(.728)
(±.118)
Abscissa to plane (MF-RM025/240~MF-RM055/240)
H0
H0
16
±0.5
(.63)
(±.02)
Abscissa to top (MF-RM005/240~MF-RM016/240)
H1
H1
32.2
max.
(1.268)
Abscissa to top (MF-RM025/240~MF-RM055/240)
H1
H1
45.0
max.
(1.772)
Overall width w/lead protrusion (MF-RM005/240~MF-RM016/240)
C1
43.2
max.
(1.701)
Overall width w/lead protrusion (MF-RM025/240~MF-RM055/240)
C1
56.0
max.
(2.205)
Overall width w/o lead protrusion (MF-RM005/240~MF-RM016/240)
C2
42.5
max.
(1.673)
Overall width w/o lead protrusion (MF-RM025/240~MF-RM055/240)
C2
56.0
max.
(2.205)
Lead protrusion
I1
L1
1.0
max.
(.039)
Protrusion of cutout
L
L
11
max.
(.433)
Protrusion beyond hold-down tape
I2
I2
Not specified
Sprocket hole pitch
P0
P0
12.7
±0.3
(.500)
(±.012)
Pitch tolerance
20 consecutive
±1
(±.039)
Device pitch (MF-RM005/240-MF-RM040/240)
12.7
±0.3
(.500)
(±.012)
Device pitch (MF-RM055/240)
25.4
±0.6
(1.00)
(±.024)
Tape thickness
t
t
0.9
max.
(.035)
Tape thickness with splice (MF-RM005/240~MF-RM040/240)
t1
1.5
max.
(.059)
Tape thickness with splice (MF-RM055/240)
t1
2.3
max.
(.091)
Splice sprocket hole alignment
0
±0.3
(±.012)
Body lateral deviation
Δh
Δh
0
±1
(±.039)
Body tape plane deviation
Δp
Δp
0
±0.3
(±.012)
Lead seating plane deviation
ΔP1
P1
3.81
±0.7
(.015)
(±.028)
Lead spacing
F
F
5.08
+0.8/-0.5
(.200)
(+.031/-.020)
MF-RM Series Tape and Reel Specifications
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Devices taped using EIA468–B/IEC60286-2 standards. See table below and Figures 1 and 2 for details.
DIMENSIONS:
MM
(INCHES)


Similar Part No. - MF-RM016-240

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
   PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
210Kb / 6P
   PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
710Kb / 6P
   PTC Resettable Fuses
MF-R005 BOURNS-MF-R005 Datasheet
281Kb / 6P
   PTC Resettable Fuses
MF-R005 BOURNS-MF-R005 Datasheet
210Kb / 6P
   Almost anywhere there is a low voltage power supply and a load to be protected, including
More results

Similar Description - MF-RM016-240

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-SM125-2 BOURNS-MF-SM125-2 Datasheet
287Kb / 4P
   MF-SM Series - PTC Resettable Fuses
MFMSMF BOURNS-MFMSMF Datasheet
319Kb / 5P
   MF-MSMF Series - PTC Resettable Fuses
MF-SM100-2 BOURNS-MF-SM100-2 Datasheet
298Kb / 5P
   MF-SM Series - PTC Resettable Fuses
MF-MSMF200-2 BOURNS-MF-MSMF200-2 Datasheet
356Kb / 5P
   MF-MSMF Series - PTC Resettable Fuses
MF-PSMF010X BOURNS-MF-PSMF010X Datasheet
300Kb / 3P
   MF-PSMF Series - PTC Resettable Fuses
MF-R110-0-99 BOURNS-MF-R110-0-99 Datasheet
210Kb / 6P
   MF-R Series - PTC Resettable Fuses
MF-SM200-2 BOURNS-MF-SM200-2 Datasheet
290Kb / 4P
   MF-SM Series - PTC Resettable Fuses
MF-R110-2 BOURNS-MF-R110-2 Datasheet
210Kb / 6P
   MF-R Series - PTC Resettable Fuses
MF-GSMF BOURNS-MF-GSMF Datasheet
312Kb / 6P
   MF-GSMF Series – PTC Resettable Fuses
REV. B, 09/19
MF-NSHT BOURNS-MF-NSHT Datasheet
344Kb / 6P
   MF-NSHT Series - PTC Resettable Fuses
REV. F 07/20
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com