Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP84720 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXP84720
Description  CMOS 8-bit Single Chip Microcomputer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP84720 Datasheet(HTML) 1 Page - Sony Corporation

  CXP84720 Datasheet HTML 1Page - Sony Corporation CXP84720 Datasheet HTML 2Page - Sony Corporation CXP84720 Datasheet HTML 3Page - Sony Corporation CXP84720 Datasheet HTML 4Page - Sony Corporation CXP84720 Datasheet HTML 5Page - Sony Corporation CXP84720 Datasheet HTML 6Page - Sony Corporation CXP84720 Datasheet HTML 7Page - Sony Corporation CXP84720 Datasheet HTML 8Page - Sony Corporation CXP84720 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Description
The CXP84716/84720/84724 is a CMOS 8-bit micro-
computer integrating on a single chip an A/D converter,
serial interface, timer/counter, time base timer, capture
timer/counter, FRC capture unit, high-precision timing
pattern generation circuit, PWM output, and the like
besides the basic configurations of 8-bit CPU, ROM,
RAM, and I/O port.
The CXP84716/84720/84724 also provides the
sleep/stop functions that enable to execute the power-
on reset function and lower the power consumption.
Features
• A wide instruction set (213 instructions) which covers various types of data.
— 16-bit arithmetic/multiplication and division/Boolean bit operation instructions
• Minimum instruction cycle
250ns at 16MHz operation (4.5 to 5.5V)
333ns at 12MHz operation (3.0 to 5.5V)
• Incorporated ROM capacity
16K bytes (CXP84716)
20K bytes (CXP84720)
24K bytes (CXP84724)
• Incorporated RAM capacity
1120 bytes
• Peripheral functions
— A/D converter
8 bits, 8 channels, successive approximation method
(Conversion time 1.6µs at 16MHz)
— Serial interface
Srart-stop synchronization (UART), 1 channel
Incorporated buffer RAM (Auto transfer for 1 to 32 bytes), 2 channels
8-bit clock syncronization (MSB/LSB first selectable), 1 channel
— Timer
8-bit timer, 8-bit timer/counter, 19-bit time base timer,
16-bit capture timer/counter
— FRC capture unit
Incorporated 24-bit and 6-stage FIFO
— High-precision timing pattern generation circuit
PPG: maximum of 11 pins, 16 stages programmable, 2 channels
— PWM output
8 bits, 8 channels
• Interruption
19 factors, 15 vectors, multi-interruption possible
• Standby mode
Sleep/stop
• Package
100-pin plastic QFP/LQFP
• Piggyback/evaluator
CXP84700
Structure
Silicon gate CMOS IC
– 1 –
CXP84716/84720/84724
E96Z13-PS
CMOS 8-bit Single Chip Microcomputer
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
100 pin QFP (Plastic)
100 pin LQFP (Plastic)


Similar Part No. - CXP84720

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP84700 SONY-CXP84700 Datasheet
556Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP847P60 SONY-CXP847P60 Datasheet
599Kb / 29P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP84720

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com